Description |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPi, Hardware Configurable, Low Power 24-SOic -40 to 85 TRANS PREBiASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BiT single-chip MicROCOMPUTER R1 单芯位CMOS微机 single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 single-chip 8-BiT CMOS MicROCOMPUTER 单芯位CMOS微机 single chip 8-Bit CMOS Microcomputer single chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|