Part Number Hot Search : 
D5038 48SH1R25 51845 SS4464 MS16200 2SJ60 20N60BD1 89C51RC2
Product Description
Full Text Search
  beige gray Datasheet PDF File

For beige gray Found Datasheets File :: 132    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

    3M ELECTRONIC PRODUCTS DIVISION
Part No. N3433-5302 3440-56K2 6303RB
OCR Text ...ty: ul 94v-0 color: gray (pbt), beige (pct), black (pct) contact: material: copper alloy plating: underplating: nickel - overall (see ordering information) wiping area: 30 ? [ 0.76 m ] gold solder tails: tin lead or matte tin (see orderin...
Description 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 965.01K  /  7 Page

View it Online

Download Datasheet





    3M
Part No. 3793-5202 3000-XXXX 3793-XXXX
OCR Text ...ty: UL 94V-0 Color: gray (PBT), beige (PCT), Black (PCT) Contact: Material: Copper Alloy Plating: Underplating: Nickel - Overall (See Ordering Information) Wiping Area: 30 " [ 0.76 m ] Gold Solder Tails: Tin Lead or Matte Tin (See O...
Description Angle Header

File Size 997.79K  /  7 Page

View it Online

Download Datasheet

    3M ELECTRONIC PRODUCTS DIVISION
Part No. 2516-6003-UB 2510-5003-UB 2516-5003-UB
OCR Text ...: ul 94v?0 color: gray (pbt), beige (pct) or black (pct) contact material: copper alloy plating underplating: 100 ? [ 2.54 m ] nickel - overall wiping area: gold (see ordering information) solder tails: 200 ? [ 5.08...
Description 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 1,195.38K  /  8 Page

View it Online

Download Datasheet

    04199.60.17 00604.63.01 00606.63.01 05656.63.10 01006.63.01 01004.63.01 05654.63.10 04194.60.17 05604.63.10 04195.60.17

General Cable Technologies Corporation
Part No. 04199.60.17 00604.63.01 00606.63.01 05656.63.10 01006.63.01 01004.63.01 05654.63.10 04194.60.17 05604.63.10 04195.60.17
OCR Text ...s amps watts 04194.60.17 3 14 3 beige 125 15 1875 straight 5-15p 24 0.3 8 079407041947 04195.60.17 3 14 6 beige 125 15 1875 straight 5-15p 2...gray applications: ? ranges in homes built prior to 1997 (3-conductor) ? ranges in homes built ...
Description Type SRDT . 50 Amps . 60?C . 300 Volts

File Size 72.44K  /  1 Page

View it Online

Download Datasheet

    3M
Part No. N2540-60XXRB
OCR Text ...ty: ul 94v-0 color: gray (pbt), beige (pct) or black (pct) - rohs compliant contact material: copper alloy plating underplating: 100 " [ 2.54 m ] nickel - overall wiping area: gold (see ordering information) solder tails: 200 " [ 5.08 m ...
Description 4-Wall Header

File Size 395.96K  /  6 Page

View it Online

Download Datasheet

    3M ELECTRONIC PRODUCTS DIVISION
Part No. 3372-D02 3428-D02 3431-D02 N3372-D002 N3432-D202RB N3431-D002 3314-D302 3440-D302
OCR Text ...ty: ul 94v-0 color: gray (pbt), beige (pct), black (pct) contact: material: copper alloy plating: underplating: 100 ? [ 2.54 m ] nickel - overall wiping area: 30 ? [ 0.76 m ] gold solder tails: 200 ? [ 5.08 m ] tin lead or matte tin (see or...
Description 120 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
80 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
60 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 811.79K  /  6 Page

View it Online

Download Datasheet

    3M ELECTRONIC PRODUCTS DIVISION
Part No. 3314-2203RB
OCR Text ...ty: ul 94v-0 color: gray (pbt), beige (pct), black (pct) contact: material: copper alloy plating: underplating: 100 ? [ 2.54 m ] nickel - overall wiping area: 30 ? [ 0.76 m ] gold solder tails: 200 ? [ 5.08 m ] tin lead or matte tin (see or...
Description 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 1,254.17K  /  8 Page

View it Online

Download Datasheet

    3M ELECTRONIC PRODUCTS DIVISION
Part No. 3429-L02 3440-L02 3764-L02 3793-L02 3440-L302
OCR Text ...ty: ul 94v-0 color: gray (pbt), beige (pct), black (pct) contact: material: copper alloy plating: underplating: 100 ? [ 2.54 m ] nickel - overall wiping area: 30 ? [ 0.76 m ] gold solder tails: 200 ? [ 5.08 m ] tin lead or matte tin (see or...
Description 52 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
60 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
128 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
100 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 1,099.65K  /  6 Page

View it Online

Download Datasheet

    02050.70.10 00436.63.17 02522.73.01 00439.63.17 00442.63.17

General Cable Technologies Corporation
General Cable Technolog...
Part No. 02050.70.10 00436.63.17 02522.73.01 00439.63.17 00442.63.17
OCR Text ...nsulation: ? premium-grade pvc; beige applications: ? air conditioners ? refrigerators ? freezers ? microwaves ? dehumidifiers featu...gray or beige applications: ? for replacement use features: ? conductor stripped 5/8 ? free end slit...
Description 3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts

File Size 79.48K  /  1 Page

View it Online

Download Datasheet

    3600A/14 3600A/100 3600A/100SF 3600A/14SF 3600A/20 3600A/20SF 3600A/24 3600A/24SF 3600A/26 3600A/26SF 3600A/36 3600A/36S

3M Electronics
Part No. 3600A/14 3600A/100 3600A/100SF 3600A/14SF 3600A/20 3600A/20SF 3600A/24 3600A/24SF 3600A/26 3600A/26SF 3600A/36 3600A/36SF 3600A/40 3600A/40SF 3600A/50 3600A/50SF 3600A/68 3600A/68SF 3600A/80 3600A/80SF 3600B/100 3600B/100SF 3600B/14 3600B/14SF 3600B/80SF 3600B/68SF 3600B/50 3600B/26SF 3600B/50SF 3600B/20SF 3600B/24SF 3600B/36 3600B/40SF 3600B/36SF
OCR Text ...inyl chloride (pvc); color: beige primary material: pvc marking : standard: (ul) cl2 75c 28 awg 3m xx c awm iia/b 80c 150v ft1 eu...gray white 74 white gray 13 25 red orange 26 orange red 38 75 gray brown 76 brown gray 14 27 green w...
Description 3M Round, Shielded/Jacketed, Disc. Wire Cable

File Size 815.55K  /  5 Page

View it Online

Download Datasheet

For beige gray Found Datasheets File :: 132    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of beige gray

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4106929302216