Part Number Hot Search : 
60T04 AO4476 0160B EMC1201 D856A 6048120 15N120 421ESS4
Product Description
Full Text Search
  beam Datasheet PDF File

For beam Found Datasheets File :: 4718    Search Time::2.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    6924

Systemsensor advanced ideas.
Part No. 6924
OCR Text beam Type Smoke Detector Specifications General Range: Sensitivity: Spacing: Response Time: Trouble Condition: 3825 Ohio Avenue, St. Charles, Illinois 60174 1-800-SENSOR2, FAX: 630-377-6495 www.systemsensor.com Test/Reset Features: ...
Description Projected beam Type Smoke Detector

File Size 328.00K  /  12 Page

View it Online

Download Datasheet





    SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN

Infineon Technologies AG
Part No. SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN
OCR Text ...package, plus the filter in the beam path. A lens in the TO laser concentrates the light and enables it to be launched into the single-mode fiber of the module. In the same way the light from the fiber is focused onto the small, light-sensi...
Description High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving 高功率比迪光学标准模550纳米发光,纳米接310
Beacon Light
Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm, 155 MBit/s TIA
High Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving

File Size 277.22K  /  13 Page

View it Online

Download Datasheet

    MTPS4088P

Marktech Corporate
Part No. MTPS4088P
OCR Text ... Line Half Width Half Intensity beam Angle Band Width Junction Capacitance Temp. Coefficient of PO Temp. Coefficient of VF SYMBOL PO VF IR p fc Cj P/T V/T CONDITIONS IF=50mA IF=50mA VR=5V IF=50mA IF=50mA IF=50mA IF=50mA+20mAp-p 1MHz ,V=0V...
Description Point Source LED

File Size 165.85K  /  1 Page

View it Online

Download Datasheet

    Honeywell Accelerometers
Part No. SE5455-003
OCR Text ...ge l 90 or 20 (nominal) beam angle option l 935 nm wavelength l wide operating temperature range [-55 c to 125 c] l ideal for high pulsed current applications l mechanically and spectrally matched to sd3421/5...
Description SE Series GaAs Infrared Emitting Diode, TO-46 Metal Can Package

File Size 55.01K  /  5 Page

View it Online

Download Datasheet

    Honeywell Accelerometers
Part No. SE5470-003
OCR Text ...d package 90? or 20? (nominal) beam angle option 880 nm wavelength higher output power than gaas at equivalent drive currents wide operating temperature range (-55?c?to?+125?c) ideal for high pulsed current applications mechanically...
Description AlGaAs Infrared Emitting Diode

File Size 473.90K  /  4 Page

View it Online

Download Datasheet

    NX6240GP

Renesas Electronics Corporation
Part No. NX6240GP
OCR Text ...iation avoid direct exposure to beam output power mw max wavelength nm class lllb laser product avoid exposure-invisible laser radiation is emitted from this aperture semiconductor laser warning laser b...
Description LASER DIODE 1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION

File Size 187.80K  /  7 Page

View it Online

Download Datasheet

    NX5330SA NX5330SA-AZ

California Eastern Labs
Part No. NX5330SA NX5330SA-AZ
OCR Text ...oduct warning laser beam a laser beam is emitted from this diode during operation. the l aser beam, visible or invisible, d irectly or indi rectly, may cause i njury to the eye or loss of eyesight. ? do not ...
Description 1 310 nm InGaAsP MQW-FP LASER DIODE FOR OTDR APPLICATIONS

File Size 168.38K  /  5 Page

View it Online

Download Datasheet

    E3T-SL142M E3T-FL142M E3T-FT242M E3T-ST132M E3T-ST142M E3T-FT232M E3T-SR41 E3T-SR412M4 E3T-SR42 E3T-SR422M4 E3T-SR43 E3T

Omron Electronics LLC
Part No. E3T-SL142M E3T-FL142M E3T-FT242M E3T-ST132M E3T-ST142M E3T-FT232M E3T-SR41 E3T-SR412M4 E3T-SR42 E3T-SR422M4 E3T-SR43 E3T-SR432M4 E3T-SR44 E3T-SR442M4 E3T-ST232M E3T-FD132M E3T-FT222M E3T-SL212M E3T-ST212M E3T-ST222M E3T-SL112M E3T-FL11 E3T-FL112M E3T-FL12 E3T-FL122M E3T-FL13 E3T-FL132M E3T-FL14 E3T-FL21 E3T-FL212M E3T-FL22 E3T-FL222M E3T-FL23 E3T-FL232M E3T-FL24 E3T-FL242M E3T-FT11 E3T-FT112M E3T-FT12 E3T-FT122M E3T-FT13 E3T-FT132M E3T-FT14 E3T-FT142M E3T-FD112M E3T-FD142M E3T-ST11 E3T-ST112M E3T-ST122M E3T-ST13 E3T-ST14 E3T-FT212M E3T-FT22 E3T-FT23 E3T-FT24 E3T-FD12 E3T-FD122M E3T-FD13 E3T-ST21 E3T-ST23 E3T-ST22 E3T-ST24 E3T-SL232M E3T-SL11 E3T-SL12 E3T-SL122M E3T-SL13 E3T-SL132M E3T-SL14 E3T-SL21 E3T-SL22 E3T-SL222M E3T-SL24 E3T-SL242M E3T-ST242M E3T
OCR Text ...ter axis accuracy of 2 (Through-beam Model) * Noise and external light resistance enhanced to that of E3Z or equivalent * Output reverse polarity protection provides reliable support against incorrect wiring. * The Series includes models wi...
Description Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)

File Size 2,328.77K  /  21 Page

View it Online

Download Datasheet

    SM312WQD SM312C SM312CV SM312CV2G SM312CVB SM312CVG SM312CV2B

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. SM312WQD SM312C SM312CV SM312CV2G SM312CVB SM312CVG SM312CV2B
OCR Text ...uffix mhs (eg., sm31emhs). mini-beam dc-voltage series p/n 69943 rev. c 6/19/2012 dimensions models with suffix e, el, epd, r, rl, rpd, lv, lvag, lp, d, c, c2, cv, cv2, cvg, cv2g, cvb, and cv2b models with suffix dbz and w 3.2 mm (0.1...
Description MINI-beam dc-Voltage Series
   MINI-beam dc-Voltage Series

File Size 417.19K  /  6 Page

View it Online

Download Datasheet

For beam Found Datasheets File :: 4718    Search Time::2.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of beam

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.471036195755