Part Number Hot Search : 
2N6788 0UP20D FSS244 76M00 CF5014 2SC3853 D27C2001 PC2004C
Product Description
Full Text Search
  barrier Datasheet PDF File

For barrier Found Datasheets File :: 17443    Search Time::1.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CDBQR0230R-HF

Comchip Technology
Part No. CDBQR0230R-HF
OCR Text barrier Diode SMD Diodes Specialist CDBQR0230R-HF (RoHS Device) Io = 200 mA VR = 30 Volts 0402(1005) 0.041(1.05) 0.037(0.95) Features Halogen free. Low reverse current. Designed for mounting on small surface. Extremely thin / lea...
Description SMD Schottky barrier Diode

File Size 192.37K  /  4 Page

View it Online

Download Datasheet





    LTM2884 LTM2884-15

Linear Technology
Part No. LTM2884 LTM2884-15
OCR Text ... 15 kv through the isolation barrier to supplies without latch-up or damage. powered 2.5w isolated hub port a pplica t ions n isolated usb transceiver: 2500v rms for 1 minute n usb 2.0 full speed and low speed compatible n integra...
Description    Isolated USB Transceiver with Isolated Power

File Size 413.39K  /  24 Page

View it Online

Download Datasheet

    70RCK4 70GRCK4 70GRCK4-DIN 70GRCK4R 70GRCK4R-DIN 70RCK4R

Grayhill, Inc
Part No. 70RCK4 70GRCK4 70GRCK4-DIN 70GRCK4R 70GRCK4R-DIN 70RCK4R
OCR Text ...ue Logic NC 1 2 3 4 5 6 7 8 9 barrier STRIP FOR FIELD WIRING OF MODULE 1 2 3 4 5 1 2 3 4 5 6 7 8 9 barrier STRIP FOR FIELD WIRING OF MODULE INPUT/OUTPUT 1 2 3 4 5 0 1 2 3 MODULE LOCATION LO...
Description RACKS 4 Channel

File Size 338.10K  /  2 Page

View it Online

Download Datasheet

    76HPSB08GWRT 76HPSB06GWRT 76HPSB04GWRT 76HPSB02GWRT 76HPSB10GWRT

Grayhill, Inc
Part No. 76HPSB08GWRT 76HPSB06GWRT 76HPSB04GWRT 76HPSB02GWRT 76HPSB10GWRT
OCR Text ...-202, Method 106 over nickel barrier. Base Contacts: Copper alloy, gold-plated, over nickel barrier. Terminals: Copper alloy, matte tin plated over nickel barrier. Non-Conductive Parts: Cover is natural color thermoplastic, actuators are...
Description Surface Mount DIP Switches

File Size 170.36K  /  1 Page

View it Online

Download Datasheet

    78HJ04GWT 78HJ03GWT 78HJ02GWT 78HJ01GWT 78HF03GWT

Grayhill, Inc
Part No. 78HJ04GWT 78HJ03GWT 78HJ02GWT 78HJ01GWT 78HF03GWT
OCR Text ... Brass, gold-plated over nickel barrier. Base Contacts: Copper alloy, gold-plated over nickel barrier. Terminals: Copper alloy, matte tin-plated over nickel barrier. Non-Conductive Parts: Cover is natural color thermoplastic, actuators are ...
Description Surface Mount DIP Switches

File Size 165.24K  /  1 Page

View it Online

Download Datasheet

    BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSERIES

NXP Semiconductors / Philips Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSERIES
OCR Text barrier (double) diodes Product specification Supersedes data of October 1993 1996 Mar 19 Philips Semiconductors Product specification Schottky barrier (double) diodes FEATURES * Low forward voltage * Guard ring protected * Very ...
Description Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual c.c. ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V
Schottky barrier double diodes

File Size 29.07K  /  5 Page

View it Online

Download Datasheet

    90HBW03PRT 90HBW02PRT 90HBJ03PRT 90HBJ02PRT 90HBJ02PT 90HBJ02RT 90HBJ02T 90HBJ03PT 90HBJ03RT 90HBJ03T 90HBJ04PRT 90HBW08

Grayhill, Inc
Part No. 90HBW03PRT 90HBW02PRT 90HBJ03PRT 90HBJ02PRT 90HBJ02PT 90HBJ02RT 90HBJ02T 90HBJ03PT 90HBJ03RT 90HBJ03T 90HBJ04PRT 90HBW08PRT 90HBW08PT 90HBW08RT 90HBW08T 90HBW09PRT 90HBW09PT 90HBW09RT 90HBW09T 90HBJ06PRT 90HBW10PRT 90HBW10PT 90HBW10RT 90HBW10T 90HBW02PT 90HBW02RT 90HBW02T 90HBW03PT 90HBW03RT 90HBW03T 90HBW04PRT 90HBW04PT 90HBW04RT 90HBW04T 90HBW05PRT 90HBW05PT 90HBW05RT 90HBW05T 90HBW06PRT 90HBW06PT 90HBW06RT 90HBW06T 90HBW07PRT 90HBW07PT 90HBW07RT 90HBW07T 90HBJ07PRT 90HBJ07PT 90HBJ07RT 90HBJ07T 90HBJ05PRT 90HBJ05PT 90HBJ04T 90HBJ05RT 90HBJ04RT 90HBJ06RT 90HBJ04PT 90HBJ06PT 90HBJ05T 90HBJ08RT 90HBJ09PRT 90HBJ06T 90HBJ08PRT 90HBJ09PT 90HBJ08T 90HBJ08PT
OCR Text ...: Brass, gold-plate over nickel barrier. Base Contacts: Copper alloy, gold-plate over nickel barrier. Terminals: Copper alloy, matte tin plated over nickel barrier. Non-Conductive Parts: Thermoplastic (UL94VO) DIP Switches Soldering I...
Description Surface Mount DIP Switches

File Size 388.65K  /  2 Page

View it Online

Download Datasheet

    B5819WS B5817WS

Galaxy Semi-Conductor Holdings Limited
Part No. B5819WS B5817WS
OCR Text barrier Diode Extremely low VF. Low stored change,majority carrier conduction. Low power loss/high efficient B5817WS-B5819WS Pb Lead-free APPLICATIONS For Use In Low Voltage, High Frequency Inverters. Free Wheeling, And Polarity P...
Description Schottky barrier Diode

File Size 217.46K  /  4 Page

View it Online

Download Datasheet

    B5819W B5817W B5818W

Galaxy Semi-Conductor Holdings Limited
Part No. B5819W B5817W B5818W
OCR Text barrier Diode FEATURES Extremely low VF. Low stored change,majority carrier conduction. Low power loss/high efficient Production specification B5817W-B5819W Pb Lead-free APPLICATIONS For Use In Low Voltage, High Frequency Inve...
Description Schottky barrier Diode

File Size 250.99K  /  4 Page

View it Online

Download Datasheet

    BAS70 BAS70-04 BAS70-06 BAS70-05

Galaxy Semi-Conductor Holdings Limited
Part No. BAS70 BAS70-04 BAS70-06 BAS70-05
OCR Text barrier diode FEATURES Low turn-on voltage. Fast switching. Production specification BAS70/-04/-05/-06 Pb Lead-free BAS70 BAS70-04 PN Junction guard ring for transient and ESD protection. Ultra-small surface mount package. Als...
Description Surface mount schottky barrier diode

File Size 265.90K  /  3 Page

View it Online

Download Datasheet

For barrier Found Datasheets File :: 17443    Search Time::1.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of barrier

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.1112289428711