Part Number Hot Search : 
M37451M8 AQG22124 2S335A 7461117 2V7HCB 70MIT SUR510EF FR6G05
Product Description
Full Text Search
  b 16-bit Datasheet PDF File

For b 16-bit Found Datasheets File :: 55243    Search Time::6.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ...sible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two con...16.17 3.18 1.52 7.11 - 4 28 15.80 13.36 - - 18.32 4.10 2.49 - 15 0.280 0.100 1.300 Typ inches Min...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光<br>
File Size 97.89K  /  11 Page

View it Online

Download Datasheet





    27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10

ST Microelectronics
STMicroelectronics
Part No. 27C4001 M27C4001 M27C4001-10b1 M27C4001-10b1TR M27C4001-10b1X M27C4001-10b6TR M27C4001-10b6X M27C4001-10C1TR M27C4001-10C1X M27C4001-10C6TR M27C4001-10C6X M27C4001-10F1TR M27C4001-10F1X M27C4001-10F6TR M27C4001-10F6X M27C4001-10L1TR M27C4001-10L1X M27C4001-10L6TR M27C4001-10L6X M27C4001-10N1TR M27C4001-10N1X M27C4001-10N6TR M27C4001-10N6X M27C4001-10Xb1TR M27C4001-10Xb1X M27C4001-10Xb6TR M27C4001-10Xb6X M27C4001-10XC1TR M27C4001-10XC1X M27C4001-10XC6TR M27C4001-10XC6X M27C4001-10XF1TR M27C4001-10XF1X M27C4001-10XF6TR M27C4001-10XF6X M27C4001-10XL1TR M27C4001-10XL1X M27C4001-10XL6TR M27C4001-10XL6X M27C4001-10XN1TR M27C4001-10XN1X M27C4001-10XN6TR M27C4001-10XN6X M27C4001-12b1TR M27C4001-12b1X M27C4001-12b6TR M27C4001-12b6X M27C4001-12C1TR M27C4001-12C1X M27C4001-12C6TR M27C4001-12C6X M27C4001-12F1TR M27C4001-12F1X M27C4001-12F6TR M27C4001-12F6X M27C4001-12L1TR M27C4001-12L1X M27C4001-12L6TR M27C4001-12L6X M27C4001-12N1TR M27C4001-12N1X M27C4001-12N6TR M27C4001-12N6X M27C4001-12Xb1TR M27C4001-12Xb1X M27C4001-12Xb6TR M27C4001-12Xb6X M27C4001-12XC1TR M27C4001-12XC1X M27C4001-12XC6TR M27C4001-12XC6X M27C4001-12XF1TR M27C4001-12XF1X M27C4001-12XF6TR M27C4001-12XF6X M27C4001-12XL1TR M27C
OCR Text ...: 41h FDIP32W (F) PDIP32 (b) LCCC32W (L) DESCRIPTION The M27C4001 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet e...16 M27C4001 Figure 2A. DIP Pin Connections Figure 2b. LCC Pin Connections VPP A16 A15 A12 A7 ...
Description From old datasheet system<br>4 Mbit (512Kb x 8) UV EPROM and OTP EPROM<br>4 Mbit 512Kb x 8 UV EPROM and OTP EPROM<br>
File Size 110.77K  /  16 Page

View it Online

Download Datasheet

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51bH 80C51bHP D80C51 D87C51 P87C511 80C31bH 87C51
OCR Text ...rs Extended Temperature Range ( b 40 C to a 85 C) Y Y Y 5 Interrupt Sources Programmable Serial Port TTL- and CMOS-Compatible Logic Le...16 12 24 MHz MHz MHz MHz VCC VCC VCC VCC e e e e -1 X X X X -2 X X X X -24 X X X X X X ...
Description CHMOS SINGLE-CHIP 8-bIT MICROCONTROLLER<br>
File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA bN80C51FA bP83C51FA 83C51FA AN83C51FA AP80C51FA bN83C51FA bP80C51FA TP80C51FA1
OCR Text b 40 C to a 125 C Ambient) High Performance CHMOS Process Three 16-bit Timer Counters Timer 2 is an Up Down Timer Counter Programmable Counter Array with High Speed Output Compare Capture Pulse Width Modulator Watchdog Timer Capabilities 8K...
Description (193.00 k) 93.00十一<br>DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一<br>Event-Control CHMOS Single Chip 8-bit Microcontroller(控制事件CHMOS 单片8位微控制<br>EVENT-CONTROL CHMOS SINGLE-CHIP 8-bIT MICROCONTROLLER<br>
File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51Gb 8XC51 8XC51Gb 8XC51Gb-1 83C51Gb N83C51Gb N87C51Gb 87C51Gb N80C51Gb N8XC51Gb-1 N8XC51Gb
OCR Text ...ut Extended Temperature Range ( b 40 C to a 85 C) Y 48 Programmable I O Lines with 40 Schmitt Trigger Inputs 15 Interrupt Sources with...16 MHz with the sample and hold function included Independent supply voltages are provided for the A...
Description CHMOS SINGLE-CHIP 8-bIT MICROCONTROLLER<br>
File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2bA P87C54X2bN P87C54X2FA P80C31X2 P80C31X2bA P80C31X2bN P80C32 P80C32X2 P80C32X2bA P80C32X2bN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2bA P87C52X2bN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2bA P87C58X2bN P87C58X2FA P87C51X2bA P87C51X2bN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ... = ROMless Temperature Range b = 0 C TO +70 C F = -40 C TO +85 C 1 = 128 bYTES RAM 4 KbYTES ROM/OTP 2 = 256 bYTES RAM 8 KbYTES ROM/OTP 4 = 256 bYTES RAM 16 KbYTES ROM/OTP 8 = 256 bYTES RAM 32 KbYTES ROM/OTP Package A = PLCC N = DIP ...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128b/256b RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz<br>80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128b/256b RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz<br>
File Size 367.82K  /  57 Page

View it Online

Download Datasheet

For b 16-bit Found Datasheets File :: 55243    Search Time::6.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of b 16-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53157901763916