Part Number Hot Search : 
7J352 68HC908A 12025 AMT8301 03952 LA2010 TS7221 LNW8B
Product Description
Full Text Search
  awg28 Datasheet PDF File

For awg28 Found Datasheets File :: 80    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

    AWG28-25F300 AWG28-25-F-300

Assmann Electronics Inc.
Part No. awg28-25F300 awg28-25-F-300
OCR Text ... 0.40 0.25 0.15 3 replace sheet awg28-25/f/300 flat ribbon cable - 25 conductors, 1.27mm pitch, 300 feet-13? reel, multicolor complaint rohs rev00
Description Flat Ribbon Cable - 25 Conductors, 1.27MM Pitch, 300 Feet-13 Reel, Multicolor

File Size 38.08K  /  1 Page

View it Online

Download Datasheet





    DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33

Hirose Electric
Part No. DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33
OCR Text ...6 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : right angle through hole q number of contact : 2 to 16, 20 w connector type a: discrete wire e cable clamp size 1.05: ul1007 awg26, 28 1.33: ul1007 awg2...
Description 2.5mm Pitch Connector for Discrete Wire Connection

File Size 206.48K  /  8 Page

View it Online

Download Datasheet

   
Part No. DF1-16S-2.5R2805 DF1-16S-2.5R2405 DF1-5S-2.5R2605 DF1-11P-2.5DSA05 DF1-10P-2.5DSA05
OCR Text ...6 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : right angle through hole q number of contact : 2 to 16, 20 w connector type a: discrete wire e cable clamp size 1.05: ul1007 awg26, 28 1.33: ul1007 awg2...
Description 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 181.38K  /  7 Page

View it Online

Download Datasheet

    DDK ELECTRONICS
Part No. HSB-ARA62-SN15A HSB-ARA62-T115A
OCR Text ...ester tape straddle signal wire awg28 awg28 straddle power wire awg22 awg22 straddle drain wire awg28 awg28 hood dimension "a" 9.6mm 8.4mm remark 1394 standard slim type l cn-a cn-b standarsd type 25.00 10.20 min. 14.00 11.00 no.5 no.1 no...
Description (HSB Series) Connectors

File Size 660.92K  /  7 Page

View it Online

Download Datasheet

    Honda
Part No. QZF
OCR Text ... Type of cable A : One pair of awg28 stranded cables and two AWG20 cables, which are shielded. B : One pair of awg28 stranded cables and two AWG22 cables, which are shielded. C: One pair of awg28 stranded cables and two AWG24 cables, which...
Description USB Connectors

File Size 2,144.82K  /  15 Page

View it Online

Download Datasheet

   
Part No. DUSB-HAB-FB20 DUSB-HAB-FD50
OCR Text ... power signal awg 28 awg28 awg 26 awg28 awg 24 awg28 awg 22 awg28 awg 20 awg28 a: b: c: d: e: cn-1 connector style a: series a type cn-2 connector style b: series b type cable style f: full rated type
Description INTERCONNECTION DEVICE

File Size 45.08K  /  1 Page

View it Online

Download Datasheet

    XG5M-5035-N XG5S-1001 XG5S-1301 XG5S-1501 XG5S-1701 XG5M-2035-N XG5M-5033-N XG5M-5032-N XG5M-1035-N XG5M-163-N XG5M-1435

Omron Electronics LLC
Part No. XG5M-5035-N XG5S-1001 XG5S-1301 XG5S-1501 XG5S-1701 XG5M-2035-N XG5M-5033-N XG5M-5032-N XG5M-1035-N XG5M-163-N XG5M-1435-N XG5M-6432-N XG5M-343-N XG5M-6036-N XG5M-2635-N XG5M-3435-N XG5M-303-N XG5M-1034-N XG5M-3035-N XG5M-1032-N XG5M-3432-N XG5M-103-N XG5M-1031-N XG5M-3032-N XG5M-603-N XG5M-6032-N XG5M-6035-N XG5M-6033-N XG5M-403-N XG5M-4035-N XG5M-503-N XG5M-5036-N XG5M-203-N XG5M-2032-N XG5M-1632-N XG5M-1635-N XG5M-4032-N XG5S-0501 XG5S-2001 XG5S-3001 XG5S-2501 XG5S-0801 XG5S-3201 XG5M-263-N XG5M-2632-N XG5M-643-N XG5M-6433-N XG5M-6435-N XG5M-6436-N XG5M-143-N XG5M-1432-N XG5S-0701
OCR Text ... #1 Size #2 AWG24 (For UL-1061) awg28 or AWG26 (For UL-1007) Insulation outside diameter: 1.1 to 1.3 mm} Core structure: 7 strands or more Note: The contact numbers are marked on the contact insulation barrels. Note: For non-standard ...
Description IDC Sockets for Discrete Wires

File Size 953.07K  /  10 Page

View it Online

Download Datasheet

    HSB-ARA62-SN15A HSB-R001BJ HSB-R001BN HSB-R001NJ HSB-R001NN

http://
List of Unclassifed Manufacturers
ETC
Part No. HSB-ARA62-SN15A HSB-R001BJ HSB-R001BN HSB-R001NJ HSB-R001NN
OCR Text ... polyester tape + tinned copper awg28 AWG22 awg28 9.6mm 1394 Standard aluminum polyester tape awg28 AWG22 awg28 8.4mm Slim Type Remark 2 19.00 25.00 5.5mm HSB Series Unit : mm Right Angle Flat ReceptacleSMT Type ...
Description For IEEE-1394 High Performance Serial Bus Connectors

File Size 479.61K  /  7 Page

View it Online

Download Datasheet

    XN2 XN2D-1671 XN2D-4471 XN2D-1371 XN2B-1470 XN2D-1471 XN2A-1370 XN2A-1570 XN2A-1470 XN2A-1670 XN2A-1870 XN2D-1871 XN2D-1

Omron Electronics LLC
Part No. XN2 XN2D-1671 XN2D-4471 XN2D-1371 XN2B-1470 XN2D-1471 XN2A-1370 XN2A-1570 XN2A-1470 XN2A-1670 XN2A-1870 XN2D-1871 XN2D-1571
OCR Text ...ctor accepts any wire size from awg28 (0.08 mm2) to AWG20 (0.5 mm2). (External sheath diameter: 1.5 mm max.) * RoHS Compliant *E-con specifications are currently being promoted for standardization by manufacturers of FA components and conn...
Description Easy-wire connectors for Industrial Components

File Size 873.07K  /  8 Page

View it Online

Download Datasheet

For awg28 Found Datasheets File :: 80    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of awg28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.64955377578735