Part Number Hot Search : 
R4000 F2G08 Z6047 GBJ10005 R4000 GPTS7224 SFP963 GST120A
Product Description
Full Text Search
  arrays Datasheet PDF File

For arrays Found Datasheets File :: 5549    Search Time::3.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Electronic Devices, Inc.
Part No. arrays
OCR Text ...overy) nvd diode and diode arrays (fast recovery) prv 1,000 vdc 1,200 vdc i f 5.0ma 5.0ma v @ 1 ma d c f 6 . 0 v 4.0 v junction capacitance 0.35pf . @500 vdc i @ 1,000 vdc @ 23 c r 0.5 nanoamperes r...
Description NIGHT VISION H.V. RECTIFIER DIODES & arrays 夜视仪高压整流二极管

File Size 47.44K  /  2 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...ta RAM Two Programmable Counter arrays with 2 x 5 High Speed Input Output Channels Compare Capture Pulse Width Modulators Watchdog Timer Capabilities Three 16-Bit Timer Counters with Four Programmable Modes Capture Baud Rate Generation (Tim...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    HC1S60

Altera Corporation
Part No. HC1S60
OCR Text ...ratix devices use the same base arrays across multiple designs for a given device density and are customized using the top two metal layers. the hardcopy stratix family consists of the hc1s25, hc1s30, hc1s40, hc1s60, and hc1s80 devices. ...
Description HardCopy Stratix Device Family

File Size 1,170.40K  /  110 Page

View it Online

Download Datasheet

    SD05-01FTG

Littelfuse
Part No. SD05-01FTG
OCR Text ...e. revised: 04/24/13 tvs diode arrays (spa ? diodes) general purpose esd protection - sd05 series notes: caution: stresses above those listed in absolute maximum ratings may cause permanent damage to the device. this is a stress only ...
Description 450W Discrete Unidirectional TVS Diode

File Size 714.33K  /  4 Page

View it Online

Download Datasheet

    Ruilongyuan Electronics Co.,Ltd
Part No. RLSD12A051C RLSD12A121C RLSD12A151C RLSD12A241C
OCR Text arrays rlsd12axxxc series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system tvs/esd arrays - rlsd12axxxc series page:1 sp...
Description TVS/ESD arrays

File Size 801.16K  /  7 Page

View it Online

Download Datasheet

    Ruilongyuan Electronics Co.,Ltd
Ruilongyuan Electronics...
Part No. RLSD52A081V RLSD52AXXXV RLSD52A241V RLSD52A361V RLSD52A031V RLSD52A151V RLSD52A121V RLSD52A181V
OCR Text arrays rlsd52a series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system tvs/esd arrays - rlsd52a series page:1 speci?cati...
Description TVS/ESD arrays

File Size 636.59K  /  7 Page

View it Online

Download Datasheet

    Ruilongyuan Electronics Co.,Ltd
Ruilongyuan Electronics...
Part No. RLSD32A081V RLSD32A031V RLSD32A241V RLSD32A121V RLSD32A151V
OCR Text arrays rlsd32axxxv series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system tvs/esd arrays - rlsd32axxxv series page:1 sp...
Description TVS/ESD arrays

File Size 623.49K  /  7 Page

View it Online

Download Datasheet

    CN32FN0 CN24JTN0 CN32GN0 CN32GT0 CN32JT0 CN34FN0 CN34FT0 CN32JN0 CN34GT0 CN34JN0

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. CN32FN0 CN24JTN0 CN32GN0 CN32GT0 CN32JT0 CN34FN0 CN34FT0 CN32JN0 CN34GT0 CN34JN0
OCR Text arrays (lead - free for cn 0 ohm series) halogen - free document no. tcn - xx 0 s036 c revise date 2014/04/25 page number 1 / 10 ta - i technology co., ltd 1. scope : this specification applies for the cn 0 ohm ...
Description Thick Film Chip Resistors arrays

File Size 656.53K  /  10 Page

View it Online

Download Datasheet

    AS081Q3000W

Roithner LaserTechnik GmbH
Part No. AS081Q3000W
OCR Text ...5. the high power laser diode arrays are very sensitive to electrostatic. please wear anti- static bracelet during operating with the laser diodes (arrays). 6. be sure that the operating current does not exceed the specified operating ...
Description High Power Stacked Infrared Laser Diode Array

File Size 113.42K  /  2 Page

View it Online

Download Datasheet

For arrays Found Datasheets File :: 5549    Search Time::3.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of arrays

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5810558795929