Part Number Hot Search : 
AK439303 1H105K HCPL3120 HMC290E F103Z XTL1011 MG1401A BU508D
Product Description
Full Text Search
  amplifier switch Datasheet PDF File

For amplifier switch Found Datasheets File :: 14853    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ......................... 16 Audio amplifier with Volume Control ................................... 16 Constant Bias with Supply to Retain Res...switch or a similar switch that has 10 ms or less bounce time during contact closure. Figure 31 show...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet





    AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC

Advanced Micro Devices
Part No. AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC
OCR Text ...Programmable on-chip microphone amplifier s Pin and software compatible with the Am79C32A ISDN Data Controller (IDCTM) Circuit. The Am79C32A...switch (Input) The HSW signal indicates if the hook-switch is on or off hook. This signal may be gen...
Description Digital Subscriber Controller⑩ (DSC⑩) Circuit
Digital Subscriber Controller (DSC) Circuit

File Size 636.67K  /  101 Page

View it Online

Download Datasheet

    BA3131FS BA3131

Rohm CO.,LTD.
ROHM[Rohm]
Part No. BA3131FS BA3131
OCR Text amplifier with switch, for audio use (3 inputs x 1 output x 2) BA3131FS The BA3131FS contains two built-in circuits with operational amplifiers configured of three differential input circuits, an output circuit, and a switch circuit. The ...
Description Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2)
ER 14C 14#16 PIN PLUG
Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2)
Dual operational amplifier with switch, for audio use (3 inputs 1 output 2)
Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2)
Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer

File Size 107.77K  /  9 Page

View it Online

Download Datasheet

    BCM8152

ETC
Part No. BCM8152
OCR Text amplifier FEATURES * * * * * * * * * * * * * * * * 10-Gigabit MSA (Multi-Source Agreement) compatible Fully integrated multi-rate CDR, DEM...switch backbone SONET/SDH/10 GE/FEC test equipment Terabit and edge routers Internal phase detect...
Description 10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING amplifier

File Size 125.98K  /  2 Page

View it Online

Download Datasheet

    CXA1619AM CXA1619AS XA1619

SONY[Sony Corporation]
Part No. CXA1619AM CXA1619AS XA1619
OCR Text ...ct switch. * Large output of AF amplifier. EIAJ output=450 mW (Typ.) when VCC=6 V, load impedance 8 Function FM section * RF amplifier, Mix...switch pin. During GND it becomes AM and during open it becomes FM. 16 (17) AM IF IN 0 0 ...
Description FM/AM Radio

File Size 192.02K  /  11 Page

View it Online

Download Datasheet

    CXA1619BM CXA1619BS XA1619 CXA1619BM/BS

SONY[Sony Corporation]
Part No. CXA1619BM CXA1619BS XA1619 CXA1619BM/BS
OCR Text ...ct switch. * Large output of AF amplifier. EIAJ output=500 mW (Typ.) when VCC=6 V, load impedance 8 Function FM section * RF amplifier, Mix...switch pin. During GND it becomes AM and during open it becomes FM. 16 (17) AM IF IN 0 0 ...
Description switched-Capacitor Voltage Converters With Regulator 16-SOIC -40 to 85
FM/AM Radio

File Size 196.17K  /  11 Page

View it Online

Download Datasheet

    EL6295CJ EL6265C

Elantec Semiconductor
Part No. EL6295CJ EL6265C
OCR Text ...ated flex drive capability. The amplifier bandwidth and settling times varies with the selected gain. The fast channel bandwidths are 59MHz, 43MHz, and 34MHz. With a short flex, the bandwidths can be slightly increased. The EL6265C is desig...
Description 13 Channel, 60MHz, switched Gain Pre-Amp

File Size 140.36K  /  2 Page

View it Online

Download Datasheet

For amplifier switch Found Datasheets File :: 14853    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of amplifier switch

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1930429935455