Part Number Hot Search : 
SPM3211 LC7940K TT6061J SFH263F PC2501 PUMB14 TC4553 T600C
Product Description
Full Text Search
  amp 50w Datasheet PDF File

For amp 50w Found Datasheets File :: 446    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ZB4PD-232-50W

Mini-Circuits
Part No. ZB4PD-232-50w
OCR Text ....70 6.76 6.79 6.91 6.98 7.18 amp. Unbal. (dB) 0.03 0.03 0.02 0.03 0.02 0.03 0.03 0.03 0.05 0.07 0.10 0.09 0.11 0.13 0.22 Isolation (d...50w+ INSERTION LOSS 50 S-3(dB) at RF level of -10dBm ZB4PD-232-50w+ ISOLATION S-1(dB) ...
Description High Power Combiner 4 Way-0 50Ω 600 to 2300 MHz
High Power Combiner 4 Way-0 50ヘ 600 to 2300 MHz

File Size 141.71K  /  1 Page

View it Online

Download Datasheet





    GD16521 GD16521-48BA GD16521-D

List of Unclassifed Manufacturers
ETC[ETC]
GiGa
Electronic Theatre Controls, Inc.
Part No. GD16521 GD16521-48BA GD16521-D
OCR Text ...rated into GD16521. The MCCL OP-amp controls the modulation current so that the voltage across an external resistor caused by the current sink into the IMM pin which is 1/20 of the modulation current equals an external reference voltage app...
Description 2.5 GBIT/S RE TIMING LASER DRIVER

File Size 161.50K  /  13 Page

View it Online

Download Datasheet

    XR215A

Exar Corporation
Part No. XR215A
OCR Text amp 8 OPampO PHCP1 4 Phase 6 Comparator 3 PCO2 PHCP2 2 PCO1 BIAS 5 VSI VGC RGS 12 11 10 VCO 15 VCOO ...50w source Measured at Pin 8 Min. Typ. Max. Unit Conditions B) Tracking Filter Test Conditions: T...
Description Monolithic Phase-Locked Loop

File Size 248.07K  /  32 Page

View it Online

Download Datasheet

    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 52174 52149
OCR Text amp VOLTAGE REGULATOR Mii HYBRID MICROELECTRONICS PRODUCTS DIVISION Features: * * * * * * * * Replacement for 79HG 5.0A Output Curren...50w Power Dissipation Electrically Isolated Case Steel TO-3 Case Applications: * * Designed for u...
Description NEGATIVE ADJUSTABLE 5-amp VOLTAGE REGULATOR 2.55 V-24 V ADJUSTABLE NEGATIVE REGULATOR, MBFM4

File Size 110.14K  /  3 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. EVAL-AD7477CB EVAL-AD7476
OCR Text ...sed to supply the OP467 quad op-amp. 0V is connected to one or both of the AGND inputs. The DVDD input can be used to supply a separate +5V ...50w termination on the analog input buffer circuit. When this link is "inserted" the 50w termination...
Description Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs

File Size 495.90K  /  12 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XR-215ACP XR-215ACD
OCR Text amp 8 OPampO PHCP1 4 Phase 6 Comparator 3 PCO2 PHCP2 2 PCO1 BIAS 5 VSI VGC RGS 12 11 10 VCO 15 VCOO ...50w source Measured at Pin 8 Min. Typ. Max. Unit Conditions B) Tracking Filter Test Conditions: T...
Description Monolithic Phase-Locked Loop

File Size 330.84K  /  32 Page

View it Online

Download Datasheet

    AN8377N

Panasonic Semiconductor
Part No. AN8377N
OCR Text ...ow-sat) 100kW F GND Error amp. + - Error amp. + - Error amp. + - 3 4 16 5 7 6 8 VREF (12VCC) 5....50w VCC=12V, RL=50w ~ 25W VCC=15.5V ~ 5.5V , RL=50w Condition min. 7 4.75 -15 -15 4.55 90 3.1 -7 -50...
Description 3-channel Linear Driver

File Size 49.81K  /  4 Page

View it Online

Download Datasheet

    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 52175 52150
OCR Text amp VOLTAGE REGULATOR Mii HYBRID MICROELECTRONICS PRODUCTS DIVISION Features: * * * * * * * * Replacement for 78HGA 5.0 A Output Curr...50w Power Dissipation Electrically Isolated Case Steel TO-3 Case Applications: * * Designed f...
Description POSITIVE ADJUSTABLE 5-amp VOLTAGE REGULATOR 5 V-24 V ADJUSTABLE POSITIVE REGULATOR, MBFM4

File Size 112.79K  /  4 Page

View it Online

Download Datasheet

For amp 50w Found Datasheets File :: 446    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of amp 50w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56720995903015