Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
  AM2147-55 BYC Datasheet PDF File

For AM2147-55 BYC Found Datasheets File :: 103+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

    Advanced Micro Devices, Inc.
Rochester Electronics, LLC
Molex, Inc.
Part No. AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC AM2147-45PCB AM2147-45DC AM2147-45/BUA AM2147-45LC AM2147-55LC AM2147-55DC AM2147-55PC AM2147-55/BYC AM21L47-45DCB AM21L47-45LCB AM21L47-45PCB AM21L47-55DCB AM21L47-70DCB AM21L47-70PCB AM21L47-55LCB AM21L47-55PCB AM21L47-70LCB AM2147-35LCB AM2147-70/BUA AM2147-55/BUA AM9147-80DMB
Description Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
x1 SRAM
500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C
Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C
Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C x1的SRAM

File Size 225.01K  /  9 Page

View it Online

Download Datasheet