|
|
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
Part No. |
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 G8339-21 G8339-22 G8339-23 G8339-32 G8339-44 G8796-44 G8342-21 G8342-22 G8342-23 G8342-32 G8342-44 G8796-21 G8796-22 G8796-23 G8796-32 G7881
|
Description |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH aluminum snap-in capacitor; capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 aluminum snap-in capacitor; capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 aluminum snap-in capacitor; capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR aluminum snap-in capacitor; capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
File Size |
117.03K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
Part No. |
G8605-25 G8605 G8605-11 G8605-12 G8605-13 G8605-15 G8605-21 G8605-22 G8605-23
|
Description |
aluminum snap-in capacitor; capacitance: 390uF; Voltage: 420V; Case Size: 30x40 mm; Packaging: Bulk 铟镓砷PIN光电二极 aluminum snap-in capacitor; capacitance: 220uF; Voltage: 420V; Case Size: 25x35 mm; Packaging: Bulk 铟镓砷PIN光电二极 aluminum snap-in capacitor; capacitance: 680uF; Voltage: 420V; Case Size: 35x50 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 220uF; Voltage: 420V; Case Size: 30x30 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 330uF; Voltage: 420V; Case Size: 35x30 mm; Packaging: Bulk InGaAs PIN photodiode
|
File Size |
246.01K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
California Micro Device... California Micro Devices Corporation
|
Part No. |
G8912BCI G8912BD G8912BL G8912BLI G8912BP G8912BE G8912BDI
|
Description |
CMOS PCM Transmit/receive Filters aluminum snap-in capacitor; capacitance: 3900uF; Voltage: 63V; Case Size: 30x35 mm; Packaging: Bulk 的CMOS的PCM传输/接收 aluminum snap-in capacitor; capacitance: 1800uF; Voltage: 80V; Case Size: 25x30 mm; Packaging: Bulk 的CMOS的PCM传输/接收 aluminum snap-in capacitor; capacitance: 1200uF; Voltage: 80V; Case Size: 22x30 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 1200uF; Voltage: 80V; Case Size: 25x25 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 4700uF; Voltage: 63V; Case Size: 30x40 mm; Packaging: Bulk aluminum snap-in capacitor; capacitance: 4700uF; Voltage: 63V; Case Size: 25x50 mm; Packaging: Bulk
|
File Size |
372.77K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
Nichicon, Corp. Nichicon corporation
|
Part No. |
LGU2W820MELZ LGU2W820MELY LGU1C103MELA LGU1C103MELZ LGU1C123MELB LGU1C153MELA LGU1C153MELB LGU1C183MELB LGU1C223MELA LGU1C273MELC LGU2G221MELA LGUW6331MELC LGUW6151MELA LGUW6151MELB LGUW6151MELY LGUW6101MELA LGUW6101MELZ LGUW6121MELZ LGUW6121MELY LGUW6121MELA LGUW6101MELY LGUW6391MELB LGU2W101MELZ LGU2W101MELA LGU2W101MELY LGUW6471MELC LGUW6221MELZ LGUW6221MELC LGU2W820MELA LGUW6221MELA LGU2W680MELY LGUW6221MELB LGU2W221MELA LGU2W221MELB LGU2W221MELC LGU2W151MELA LGU2W121MELA LGUW6181MELA LGU2W121MELZ LGUW6271MELA LGUW6271MELC LGUW6271MELB LGUW6151MELZ LGUW6181MELB LGUW6181MELZ LGU2G221MELZ LGU2W151MELB LGU2W121MELY LGU2W121MELB LGU2W151MELZ LGUW6561MELC LGUW6391MELC LGUW6680MELY LGUW6820MELY LGU2W271MELB LGU2W271MELC LGU2W331MELC LGU2W181MELB LGU2W181MELA LGU2W181MELZ LGU2W470MELY LGU2W471MELC LGUW6560MELY LGU2W391MELC LGU2W331MELB
|
Description |
aluminum snap-in capacitor; capacitance: 82uF; Voltage: 450V; Case Size: 22x30 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT aluminum snap-in capacitor; capacitance: 82uF; Voltage: 450V; Case Size: 20x35 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10000 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 12000 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 15000 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT aluminum ELECTROLYTIC capacitorS capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Withstanding 3000 hours application of rated ripple current at 105°C.
|
File Size |
65.19K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
Panasonic, Corp.
|
Part No. |
EETUQ1C333JJ EETUQ1C273KJ EETUQ2F221HJ EETUQ1C333LJ EETUQ2F331HJ EETUQ1C333KJ EETUQ2F391HJ EETUQ1C183HJ
|
Description |
aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33000 uF, THROUGH HOLE MOUNT aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 330 uF, THROUGH HOLE MOUNT aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 390 uF, THROUGH HOLE MOUNT aluminum Electrolytic capacitors/ UQ snap-in Type capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT
|
File Size |
159.37K /
11 Page |
View
it Online |
Download Datasheet |
|
|
|
Nichicon, Corp.
|
Part No. |
LKG1V152MESYBK LKG1E272MESZBK LKG1E332MESYBK LKG1E332MESZAK LKG1E272MESZCK LKG1E332MESACK LKG1E222MESCCK LKG1E272MESACK LKG1E222MESABK LKG1E222MESACK LKG1E332MESZCK LKG1E332MESZBK LKG1E222MESBCK LKG1E332MESBBK LKG1E222MESZCK LKG1E332MESCCK LKG1E222MESYBK LKG1E272MESYBK LKG1E222MESYCK LKG1E272MESYCK LKG1E332MESBCK LKG1K472MESCBK LKG1H222MESCBK LKG1H103MESCBK LKG1H822MESCBK LKG1J562MESCBK LKG1J332MESCBK
|
Description |
capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1500 uF, THROUGH HOLE MOUNT ROHS COMPLIANT capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 3300 uF, THROUGH HOLE MOUNT ROHS COMPLIANT capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT aluminum snap-in Audio Grade capacitor; capacitance: 4700uF; Voltage: 80V; Case Size: 35x50 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 4700 uF, THROUGH HOLE MOUNT aluminum snap-in Audio Grade capacitor; capacitance: 2200uF; Voltage: 50V; Case Size: 35x20 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT aluminum snap-in Audio Grade capacitor; capacitance: 10000uF; Voltage: 50V; Case Size: 35x50 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10000 uF, THROUGH HOLE MOUNT aluminum snap-in Audio Grade capacitor; capacitance: 8200uF; Voltage: 50V; Case Size: 35x45 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 8200 uF, THROUGH HOLE MOUNT aluminum snap-in Audio Grade capacitor; capacitance: 5600uF; Voltage: 63V; Case Size: 35x40 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 5600 uF, THROUGH HOLE MOUNT aluminum snap-in Audio Grade capacitor; capacitance: 3300uF; Voltage: 63V; Case Size: 35x30 mm; Packaging: Bulk capacitor, aluminum ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3300 uF, THROUGH HOLE MOUNT
|
File Size |
59.20K /
3 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|