Part Number Hot Search : 
0CH04C0L IW1791 1N538 ELJPC220 00095 EE08330 TFS140 BCM3250
Product Description
Full Text Search
  ows Datasheet PDF File

For ows Found Datasheets File :: 251    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PCA1461U/10 PCA1462U/10 PCA1462U/7 PCA1463U/10 PCA1465U/7 PCA1467U/10

NXP Semiconductors
Part No. PCA1461U/10 PCA1462U/10 PCA1462U/7 PCA1463U/10 PCA1465U/7 PCA1467U/10
OCR Text ... v dd , so the induced current ?ows unaffected through the motor inductance. t m2 2 measures the induced current; during a maximum time t m2 all switches are open until a change is sensed by one of the level detectors (l1, l2). the motor i...
Description 32 kHz watch circuits with adaptive motor pulse

File Size 105.37K  /  24 Page

View it Online

Download Datasheet





    AVX CORP
Part No. 108477096005026
OCR Text ... (3.543) (3.736) 32 contacts, r ows a + c even loading ??? c ????? b ??? a 64 contacts, r ows a + c fully loaded c ????? b a 96 contacts, r ows a + b + c fully loaded c b a 32 contacts, row a loading only ????? c ????? b a 94 + 2 cont...
Description 64 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, SOLDER, PLUG

File Size 62.75K  /  1 Page

View it Online

Download Datasheet

    Philips
NXP Semiconductors N.V.
Part No. PCA1461U PCA1465U/10 PCA1462U PCA1463U PCA1463U/10
OCR Text ... v dd , so the induced current ?ows unaffected through the motor inductance. t m2 2 measures the induced current; during a maximum time t m2 all switches are open until a change is sensed by one of the level detectors (l1, l2). the motor i...
Description 32 kHz watch circuits with adaptive motor pulse STEPPING MOTOR WATCH, UUC8

File Size 137.56K  /  24 Page

View it Online

Download Datasheet

    ELM901FBA-S ELM901FAA-S

ELM Technology Corporation
Part No. ELM901FBA-S ELM901FAA-S
OCR Text ...will be 3250x of the one ?ows to iset2. (e.g.) when rset2=6.8k, iled=1.22/6.8k3250=583ma. iset1 : led current setting 1 the pin that is for the connection of led current setting resistor(rset1) between iset1-gnd. the output becomes ...
Description 1A 2x Charge Pump LED Driver

File Size 935.74K  /  11 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
LINEAR TECHNOLOGY CORP
Part No. LT1121CZ-5PBF LT1121CZ-5TRPBF LT1121IZ-5PBF LT1121IZ-5TRPBF LT1121CZ-3.3TR LT1121CZ-3.3TRPBF LT1121HVIS8TRPBF LT1121ACS8-3.3TR LT1121ACS8-3.3TRPBF LT1121AIS8-3.3TR LT1121CST-3.3TR LT1121CST-3.3TRPBF LT1121IS8-3.3TR LT1121IS8-3.3TRPBF LT1121IST-3.3TR LT1121HVCS8PBF LT1121HVCS8TRPBF LT1121ACS8TR LT1121CN8PBF LT1121ACS8-3.3PBF LT1121IN8-3.3PBF LT1121IN8-3.3TRPBF LT1121IST-3.3PBF LT1121IST-3.3TRPBF LT121IZ-3.3 LT1121IS8-3.3PBF
OCR Text ...e 8: adjust pin bias current ? ows into the adjust pin. note 9: shutdown pin current at v shdn = 0v ? ows out of the shutdown pin. note 10: quiescent current in shutdown is equal to the sum total of the shutdown pin current (6a) and th...
Description Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0&deg;C to 70&deg;C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3
Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0&deg;C to 70&deg;C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3
Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40&deg;C to 85&deg;C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3
Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40&deg;C to 85&deg;C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDIP8

File Size 162.60K  /  16 Page

View it Online

Download Datasheet

    LT3013

Linear Technology
Part No. LT3013
OCR Text ...ote 7: adj pin bias current ? ows into the adj pin. note 8: ? s ? h ? d ? n pin current ? ows out of the ? s ? h ? d ? n pin. note 9: reverse output current is tested with the in pin grounded and the out pin forced to the rated outpu...
Description 4V to 80V Low Dropout Micropower Linear Regulator

File Size 259.93K  /  20 Page

View it Online

Download Datasheet

    PCA1487 PCA1485 PCA1486 PCA1485U/7

Philips Semiconductors
NXP Semiconductors N.V.
Part No. PCA1487 PCA1485 PCA1486 PCA1485U/7
OCR Text ... v dd , so the induced current ?ows unaffected through the motor inductance. t m2 2 measures the induced current; during a maximum time t m2 all switches are open until a change is sensed by one of the level detectors (l1, l2). the motor i...
Description 32 kHz watch circuits with adaptive motor pulse 32千赫的自适应电机脉冲手表电路
32 kHz watch circuits with adaptive motor pulse STEPPING MOTOR WATCH, UUC8

File Size 122.37K  /  20 Page

View it Online

Download Datasheet

    OWS4805 OWS1205 OWS4812 OWS1215 OWS1212

Power-One
Part No. ows4805 ows1205 ows4812 ows1215 ows1212
OCR Text ows SERIES - 25 WATT DESCRIPTION ows single output DC/DC converters provide up to 25 Watts of output power in an industry standard package and footprint. The ows features excellent efficiency, six-sided shielding, and a fixed switching fre...
Description Industry Standard Package

File Size 266.71K  /  3 Page

View it Online

Download Datasheet

For ows Found Datasheets File :: 251    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ows

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2456951141357