|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
42820-2342 42820-2243 42820-2212 42820-2213 42820-2232 42820-2223
|
Description |
MiniFit Sr Hdr assy 250 2 Ckt Tin 2 CONTACT(S), MALE, power CONNECTOR, SOLDER MiniFit Sr Hdr assy 250 Clip 2 Ckt Gold 2 CONTACT(S), MALE, power CONNECTOR, SOLDER Pin header; Number of Contacts:2; Pitch Spacing:10mm; Number of Rows:1; Gender:header; Series:42820; Body Material:PA Polyamide (Nylon) 4/6; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin-Lead 428202213 428202232 MiniFit Sr Hdr assy 093 Clip 2 Ckt Gold
|
File Size |
242.53K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48-2085 26-48-2025 26-48-1225 26-48-2225 26-48-1195 41671-0005 41671-3100 26-48-9243 26-48-1025 26-48-1095 26-48-9126
|
Description |
KK 156 Hdr assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 header assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 header assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 header assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 header assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 header assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:header; Series:41671; Body Material:Polyester, Glass-filled; Current rating:7A; Voltage rating:250V
|
File Size |
236.94K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
Molex, Inc.
|
Part No. |
43915-1218 43915-1118 43915-1211 43915-1104 43915-1207
|
Description |
MF Sr Hdr assy DR 250 Vt 10 Ckt SGold 10 CONTACT(S), MALE, power CONNECTOR, SOLDER MF Sr Hdr assy DR 250 Vt 10 Ckt Tin 10 CONTACT(S), MALE, power CONNECTOR, SOLDER MF Sr Hdr assy DR 125 Vt 06 Ckt SGold 6 CONTACT(S), MALE, power CONNECTOR, SOLDER header,12 POS, DUAL ROW, VERT,30A 12 CONTACT(S), MALE, power CONNECTOR, SOLDER 439151207 8 CONTACT(S), MALE, power CONNECTOR, SOLDER
|
File Size |
174.42K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63-4032 26-63-4052
|
Description |
KK 156 Hdr assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:header; Series:41791; Body Material:Polyester; Current rating:7A; Voltage rating:250V 18 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STraIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr assy FrLk 07 Ckt Tin KK 156 Hdr assy FrLk 03 Ckt 20 SGold KK 156 Hdr assy FrLk 05 Ckt 20 SGold
|
File Size |
233.08K /
9 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|