Part Number Hot Search : 
LM38605 HMC693 MB100 T1206 MAX40 NJU6575A T1010 1A470
Product Description
Full Text Search
  adjustable1.2 Datasheet PDF File

For adjustable1.2 Found Datasheets File :: 5    Search Time::1.672ms    
Page :: | <1> |   

    LT3080EDD LT3080EDD-PBF LT3080EDD-TR LT3080EDD-TRPBF LT3080EMS8E LT3080EMS8E-PBF LT3080EMS8E-TR LT3080EMS8E-TRPBF LT3080

Linear Technology
Part No. LT3080EDD LT3080EDD-PBF LT3080EDD-TR LT3080EDD-TRPBF LT3080EMS8E LT3080EMS8E-PBF LT3080EMS8E-TR LT3080EMS8E-TRPBF LT3080EQ LT3080EQ-PBF LT3080EQ-TR LT3080EQ-TRPBF LT3080EST LT3080EST-PBF LT3080EST-TR LT3080EST-TRPBF LT3080ET LT3080ET-PBF LT3080ET-TR LT3080ET-TRPBF LT3080
OCR Text Adjustable1.1A Single Resistor Low Dropout Regulator FEATURES n n n n n n n n n n n n n n DESCRIPTION The LT(R)3080 is a 1.1A low dropo...2.2F of capacitance on the output, and the IC uses small ceramic capacitors that do not require addi...
Description    Adjustable1.1A Single Resistor Low Dropout Regulator

File Size 281.55K  /  26 Page

View it Online

Download Datasheet





    PCS2P5T907A PCS2I5T907AG-48TR PCS2P5T907AG-48TR PCS2I5T907AG-48TT PCS2P5T907AG-48TT

PulseCore Semiconductor
Part No. PCS2P5T907A PCS2I5T907AG-48TR PCS2P5T907AG-48TR PCS2I5T907AG-48TT PCS2P5T907AG-48TT
OCR Text ... PCS2P5T907A I/O I Type Adjustable1 Description Clock input. A is the "true" side of the differential clock input. If operating ...2.5V LVTTL VREF= 1250mV 1.8V LVTTL, eHSTL VREF= 900mV HSTL VREF= 750mV LVEPECL VREF= 1082mV Gate for...
Description 2.5V Single Data Rate 1:10 Clock Buffer Terabuffer

File Size 746.29K  /  21 Page

View it Online

Download Datasheet

    ASM2P5T905A ASM2I5T905AF-28TR ASM2P5T905AF-28TR ASM2I5T905AF-28TT ASM2P5T905AF-28TT ASM2I5T905AG-28TR ASM2P5T905AG-28TR

PulseCore Semiconductor
Part No. ASM2P5T905A ASM2I5T905AF-28TR ASM2P5T905AF-28TR ASM2I5T905AF-28TT ASM2P5T905AF-28TT ASM2I5T905AG-28TR ASM2P5T905AG-28TR ASM2I5T905AG-28TT ASM2P5T905AG-28TT
OCR Text ...r all power A / VREF I Adjustable1 G GL Qn RxS TxS VDD VDDQ GND I I O I I LVTTL5 LVTTL5 Adjustable2 3 Level3 3 Level3 PWR ...2.5V LVTTL levels Single-ended 1.8V LVTTL levels or Differential 2.5V/1.8V LVTTL levels Differential...
Description 2.5V Single Data Rate 1:5 Clock Buffer Terabuffer

File Size 682.71K  /  19 Page

View it Online

Download Datasheet

    LINEAR TECHNOLOGY CORP
Part No. LT3080ESTTR LT3080EDDPBF
OCR Text adjustable1.1a single resistor low dropout regulator the lt ? 3080 is a 1.1a low dropout linear regulator that can be paralleled to incre...2.2f of capacitance on the output, and the ic uses small ceramic capacitors that do not require add...
Description 0 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO3
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection

File Size 368.90K  /  28 Page

View it Online

Download Datasheet

    PCS2P5T915A PCS2I5T915AG PCS2P5T915AG

PulseCore Semiconductor
Part No. PCS2P5T915A PCS2I5T915AG PCS2P5T915AG
OCR Text ...for all power A/VREF I Adjustable1 G(+) G(-) GL Qn Qn RxS TxS VDD VDDQ GND I I I O O I I LVTTL LVTTL 5 5 LVTTL5 Adjustable2 Adjustable 3 Level3 3 Level3 PWR PWR PWR 2 Notes: 1. Inputs are capable of translatin...
Description Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer

File Size 794.24K  /  23 Page

View it Online

Download Datasheet

For adjustable1.2 Found Datasheets File :: 5    Search Time::1.672ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of adjustable1.2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.60643291473389