Part Number Hot Search : 
1900X353 MSHV85U PAT1220C MSHV85U 102M16 RB2545CT CY62256V DD200S
Product Description
Full Text Search
  adj.1.5 Datasheet PDF File

For adj.1.5 Found Datasheets File :: 8900    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text ...117 ALPHA AS1117 1 2 3 1 2 3 1 ADJ/GND ALPHA 3 AS1117 6 4 5 ALPHA AS1117 2 3 1 ALPHA AS1117 2 3 1 ALPHA AS1117 2 3 ADJ/GND VOUT VIN VOUT VIN ADJ/GND ADJ/GND VOUT VIN V OUT V IN Top View Top View ADJ/GND Top ...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator SCSI-II Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet





    CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5

Calogic LLC
CALOGIC[Calogic, LLC]
Part No. CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5
OCR Text ... TAB IS GND CLM1117 1 2 3 ADJ./GND VOUT VIN 1N-12 FRONT VIEW CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025 CLM1117 CORPORATION ABSOLUTE MAXIMUM RATINGS P...
Description GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结
800mA Low Dropout Regulator SCSI-II Active Terminator

File Size 47.09K  /  4 Page

View it Online

Download Datasheet

    DS2501

Advanced Monolithic Sys...
Advanced Monolithic Systems
Part No. DS2501
OCR Text ... 3 SENSE 4 8 CONTROL IN 7 N/C 6 ADJ/GND 5 N/C Top View AMS2502 8L SOIC POWER IN 1 OUTPUT 2 OUTPUT 3 SENSE 4 8 CONTROL IN 7 BYPASS 6 ADJ/GND 5 ON/OFF Top View Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phon...
Description 1A VERY LOW DROPOUT VOLTAGE REGULATORS

File Size 72.69K  /  8 Page

View it Online

Download Datasheet

    L6932D1.2 L6932D1.2TR L6932D2.5TR L6932D1.8T L6932D25TR L6932 L6932D1.8 L6932D1.8TR L6932D12 L6932D12TR L6932D18 L6932D1

STMicroelectronics N.V.
意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. L6932D1.2 L6932D1.2TR L6932D2.5TR L6932D1.8T L6932D25TR L6932 L6932D1.8 L6932D1.8TR L6932D12 L6932D12TR L6932D18 L6932D18TR L6932D2.5 L6932D25
OCR Text ... is available in 1.8V, 2.5V and adj version from 1.2V and ensure a voltage regulation accuracy of 1%. The current limit is fixed at 2.5A to control the current in short circuit condition within 8%. The current is sensed in the power mos in ...
Description HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR 高性能甲ULDO线性稳压器
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR

File Size 354.44K  /  10 Page

View it Online

Download Datasheet

    LM2575-D LM2575D2T-3.3 LM2575D2T-5 LM2575T-12 LM2575T-15 LM2575TV-15 LM2575TV-12 LM2575TV-ADJ LM2575TV-ADJG LM2575TV-5G

ONSEMI[ON Semiconductor]
Part No. LM2575-D LM2575D2T-3.3 LM2575D2T-5 LM2575T-12 LM2575T-15 LM2575TV-15 LM2575TV-12 LM2575TV-ADJ LM2575TV-ADJG LM2575TV-5G LM2575T-3.3 LM2575T-5 LM2575T-ADJ LM2575TV-5 LM2575 LM2575D2T-12 LM2575D2T-12R4 LM2575D2T-15 LM2575D2T-15R4 LM2575D2T-3.3R4 LM2575D2T-5R4 LM2575D2T-ADJ LM2575D2T-ADJR4 LM2575TV-3.3 LM2575T-005
OCR Text ...00 mA TJ = 25C 3.3 V, 5.0 V and Adj -25 0 25 50 75 100 125 0 5.0 10 15 20 25 30 35 40 TJ,...1.2 Vsat , SATURATION VOLTAGE (V) 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0 125C 25C -40C IO , OUTPUT CURREN...
Description 1A, Adjustable Output Voltage, Step-Down Switching Regulator
EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator

File Size 256.64K  /  26 Page

View it Online

Download Datasheet

    LM2575D2T-15 LM2575T-5 ON0294

Motorola, Inc
Part No. LM2575D2T-15 LM2575T-5 ON0294
OCR Text ...75-5 LM2575-12 LM2575-15 LM2575-Adj 3.3 V 5.0 V 12 V 15 V 1.23 V to 37 V Applications Simple and High-Efficiency Step-Down (Buck) Regulators Efficient Pre-Regulator for Linear Regulators On-Card Switching Regulators Positive to Negative ...
Description EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
From old datasheet system

File Size 386.08K  /  26 Page

View it Online

Download Datasheet

    LM2576D2T-12 LM2576D2T-15 LM2576D2T-3.3 LM2576D2T-5 LM2576D2T-ADJ LM2576T-3.3 LM2576T-5 LM2576TV-15 LM2576TV-3.3 LM2576T

ONSEMI[ON Semiconductor]
Part No. LM2576D2T-12 LM2576D2T-15 LM2576D2T-3.3 LM2576D2T-5 LM2576D2T-ADJ LM2576T-3.3 LM2576T-5 LM2576TV-15 LM2576TV-3.3 LM2576TV-5 LM2576TV-ADJ LM2576_D LM2576 ON0297
OCR Text ...76-5 LM2576-12 LM2576-15 LM2576-ADJ 3.3 V 5.0 V 12 V 15 V 1.23 V to 37 V ORDERING INFORMATION Device LM2576T-XX LM2576TV-XX Operating Temperature Range Package Straight Lead TJ = -40 to +125C Vertical Mount Surface Mount LM2576D2T-XX...
Description EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
3.0 A STEP-OWN VOLTAGE REGULATOR
From old datasheet system

File Size 413.40K  /  28 Page

View it Online

Download Datasheet

For adj.1.5 Found Datasheets File :: 8900    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of adj.1.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
8.8259360790253