Part Number Hot Search : 
06C10 2SC2433 AU6371 ES6420 2N489 0N03L SZN5934 AIC1714
Product Description
Full Text Search
  add drop Datasheet PDF File

For add drop Found Datasheets File :: 3971    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    WDM-1AD125601 WDM-1AD125602 WDM-1AD125603 WDM-1AD125604 WDM-1AD125605 WDM-1AD125606 WDM-1AD125611 WDM-1AD125612 WDM-1AD1

JDS Uniphase Corporation
Part No. WDM-1AD125601 WDM-1AD125602 WDM-1AD125603 WDM-1AD125604 WDM-1AD125605 WDM-1AD125606 WDM-1AD125611 WDM-1AD125612 WDM-1AD125613 WDM-1AD125614 WDM-1AD125615 WDM-1AD125616 WDM-1AD125621 WDM-1AD125622 WDM-1AD125623 WDM-1AD125624 WDM-1AD125625 WDM-1AD125626 WDM-1AD425601 WDM-1AD425602 WDM-1AD425603 WDM-1AD425604 WDM-1AD425605 WDM-1AD425606 WDM-1AD425611 WDM-1AD425612 WDM-1AD425613 WDM-1AD425614 WDM-1AD425615 WDM-1AD425616 WDM-1AD425621 WDM-1AD425622 WDM-1AD425623 WDM-1AD425624 WDM-1AD425625 WDM-1AD425626 WDM-1AD825601 WDM-1AD825602 WDM-1AD825603 WDM-1AD825604 WDM-1AD825605 WDM-1AD825606 WDM-1AD825611 WDM-1AD825612 WDM-1AD825613 WDM-1AD825614 WDM-1AD825615 WDM-1AD825616 WDM-1AD825621 WDM-1AD825622 WDM-1AD825623 WDM-1AD825624 WDM-1AD825625 WDM-1AD825626 WDM-1AD225601 WDM-1AD225602 WDM-1AD225603 WDM-1AD225604 WDM-1AD225605 WDM-1AD225606 WDM-1AD525601 WDM-1AD525602 WDM-1AD525603 WDM-1AD525604 WDM-1AD525605 WDM-1AD525606 WDM-1AD525611 WDM-1AD525612 WDM-1AD525613 WDM-1AD525614 WDM-1AD525615 WDM-1AD525616 WDM-1AD525621 WDM-1AD525622 WDM-1AD525623 WDM-1AD525624 WDM-1AD525625 WDM-1AD525626 WDM-1AD225611 WDM-1AD225612 WDM-1AD225613 WDM-1AD225614 WDM-1AD225615 WDM-1AD225616 WDM-1AD225621 WDM-1AD225
OCR Text add/drop Filter Key Features * Low insertion loss * Low polarization dependent loss * Wide and flat passband * Exceptional reliability and environmental stability * Excellent temperature stability Applications * add/drop node in l...
Description 100 GHz Dense Wavelength Division Multiplexer (DWDM) add/drop Filter

File Size 160.85K  /  4 Page

View it Online

Download Datasheet





    VSKCS440/030P

Vishay Siliconix
Part No. VSKCS440/030P
OCR Text ...description the generation 5 of add-a-pak module combine the excellent thermal perform ance obtained by the usage of direct bonded copper su...drop ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? ul ...
Description Schottky Rectifier

File Size 189.58K  /  6 Page

View it Online

Download Datasheet

    PM5313 1981271

PMC-Sierra, Inc
Part No. PM5313 1981271
OCR Text ...e (TSI) function on the Telecom add and drop buses for grooming twelve STS-1 (STM-0/AU3) paths or four STS-3/3c (STM-1/AU3/AU4) paths. Supports line loopback and diagnostic loopback. Supports OC-48 (STM-16) applications with byte interfaces...
Description SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
From old datasheet system

File Size 21.48K  /  2 Page

View it Online

Download Datasheet

    GRM21BR71H105KA12L GRM31MR71H105KA88 NR4012T220M B82470-A1223-M VLF4012AT-220MR51 VLCF4018T-220MR49-2

Linear Integrated Systems
Linear Integrated Syste...
Part No. GRM21BR71H105KA12L GRM31MR71H105KA88 NR4012T220M B82470-A1223-M VLF4012AT-220MR51 VLCF4018T-220MR49-2
OCR Text ...order options tape and reel: add #tr lead free: add #pbf lead free tape and reel: add #trpbf lead free part marking: http://www.linear...drop shutdown current (v ctrl = 0v) sense voltage (v cap C v led ) vs v ctrl open-circuit output...
Description White LED Driver with Integrated Schottky in 3mm 2mm DFN
   White LED Driver with Integrated Schottky in 3mm 2mm DFN

File Size 280.48K  /  16 Page

View it Online

Download Datasheet

    PM5313-BI 1981162 PM5313

PMC[PMC-Sierra, Inc]
Part No. PM5313-BI 1981162 PM5313
OCR Text ... when the RTAL FIFO is bypassed add the RESET sequence to enable the TX line interface and the OUTDATA bit in the CRSI. Specify TFPO timing ...drop and add BUS configuration registers. Fix RASE filtering spec to 8 frames Correct DLL, APGM and ...
Description SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
From old datasheet system

File Size 3,205.67K  /  646 Page

View it Online

Download Datasheet

    PMC-Sierra, Inc.
Part No. PM5369
OCR Text ... system side, provides working add and drop serial essi links. links are configurable as:  4xsts-48/stm-16 2488.32 mbit/s sonet/sdh framed interfaces; or  4xsts-12/stm-4 622.08 mbit/s sonet/sdh framed interfaces.  independently confi...
Description Tributary Unit Payload Processor for 9953 Mbit/s 支路单元净荷处理器/953

File Size 50.70K  /  2 Page

View it Online

Download Datasheet

    AMCC[Applied Micro Circuits Corporation]
Part No. CS4805
OCR Text ...STS-1 level cross-connection or add/drop, in both Mux and Demux directions. * Compliant with Bellcore GR-253, ITU G.707, and ANSI T1.105 -1995 standards. * TOH can be either terminated/regenerated, or transparently passed-through device ...
Description SONET/SDH STS-48/STM-16 Framer/Pointer Processor

File Size 86.94K  /  3 Page

View it Online

Download Datasheet

    Transwitch
Part No. TXC04201B TXC-04201B
OCR Text ...rface auxiliary port ring port add bus drop bus 18 13 6 3 4 4 2 3510 the ds1mx7 is a seven-channel byte-synchronous and asynchronous ds1 mapper. both sonet and sdh map- pings are provided per bellcore gr-253-core (vt1.5) and itu-t g.707 3-...
Description DS1MX7 Device DS1 Mapper 7-Channel

File Size 1,570.17K  /  154 Page

View it Online

Download Datasheet

    Transwitch
Part No. TXC04212 TXC-04212
OCR Text ...m-4 sonet/sdh mapper drop bus add bus sdram interface +3.3v +1.2v ho/lo ring ports ho/lo poh ports clocks (sonet/sdh ref, system, one sec.) ethernet management interface controls 10/100 mbit/s smii (port 1) 10/100 mbit/s smii (port 8) ...
Description Ethemet Into STS-12/STM-4 SONET/SDH Mapper

File Size 3,372.49K  /  208 Page

View it Online

Download Datasheet

    Transwitch
Part No. TXC04216 TXC-04216
OCR Text add/drop sixteen 2.048 mbit/s signals from an stm-1 vc-4/au-3, sts-3, or an sts-1  independent add and drop bus timing modes  selectable hdb3 positive/negative rail or nrz e1 interface. performance counter provided for illegal coding v...
Description E1Mx16 Device E1 Mapper 16-Channel

File Size 1,043.93K  /  144 Page

View it Online

Download Datasheet

For add drop Found Datasheets File :: 3971    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of add drop

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6317739486694