Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
  9.1v Datasheet PDF File

For 9.1v Found Datasheets File :: 47393    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text ...t: mm s Features q q q 2.9 -0.05 Parameter Collector to base voltage Collector to 2SA1034 2SA1035 2SA1034 Symbol VCBO VCEO VEBO...1V, IC = -100mA*2 VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Functi...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet





    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ... E, EMITTER CURRENT (mA) Fig.9 Collector output capacitance vs.collector-base voltage Emitter inputcapacitance vs. emitter-base voltage C ob , COLLECTOR OUTPUT CAPACITANCE( pF) C ib , EMITTER INPUT CAPACITANCE (pF) 20 C ib 10 T ...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text ... 2SA1576A (1) 0.95 0.95 1.9 2.9 0.65 0.65 0.8 0.7 0.4 (3) 0.3 (2) (3) 1.25 1.6 2.8 0.15 0.15 2.1 0.2 (2) ...1V DC CURRENT GAIN : hFE 200 Ta=100C 25C -40C -1 Ta=25C DC CURRENT GAIN : hFE -0.5 ...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    2SA1038S 2SA1579 2SA1514K

Rohm Co., Ltd.
ROHM[Rohm]
Part No. 2SA1038S 2SA1579 2SA1514K
OCR Text ... (3) Base 1.1 0.95 0.95 1.9 2.9 (2) 0.9 1.3 (1) Emitter (2) Base (3) Collector 2.0 Rev.A 1/3 2SA1579 / 2SA1514...1V V -3 -15.0 200 -12.5 -4 -10.0 -7.5 100 -2 -5.0 -2.5A IB=0 50 0 ...
Description ER 3C 3#12 PIN PLUG
High-voltage Amplifier Transistor (−120V/ −50mA)
High-voltage Amplifier Transistor (-120V, -50mA)
High-voltage Amplifier Transistor (−120V −50mA)
High-voltage Amplifier Transistor (−120V, −50mA)

File Size 65.63K  /  4 Page

View it Online

Download Datasheet

    2SA1127

Panasonic Semiconductor
Part No. 2SA1127
OCR Text ... output capacitance Cob (pF) 9 8 7 6 5 4 3 2 1 0 -1 -3 -10 -30 -100 Noise voltage NV (mV) - 0.03 - 0.1 - 0.3 -1 Collector to base voltage VCB (V) Collector current IC (mA) 2
Description Silicon PNP epitaxial planer type

File Size 36.10K  /  2 Page

View it Online

Download Datasheet

    2SB1181 2SB1260 2SB1241

ROHM[Rohm]
Part No. 2SB1181 2SB1260 2SB1241
OCR Text ...50.1 0.4+0.1 -0.05 0.650.1 0.9 1.00.2 0.550.1 2.30.2 2.30.2 1.00.2 0.40.1 1.50.1 0.50.1 3.00.2 !Structure Epitaxial planar...1V -1 -0.1 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 BASE TO EMITTER VOLTAGE : VBE (V) -...
Description Power Transistor

File Size 78.57K  /  3 Page

View it Online

Download Datasheet

    2SB726 2SA1748

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB726 2SA1748
OCR Text ... output capacitance Cob (pF) 9 8 7 6 5 4 3 2 1 0 -1 IE=0 f=1MHz Ta=25C -3 -10 -30 -100 Collector to base voltage VCB (V) 2
Description Silicon PNP epitaxial planer type

File Size 34.69K  /  2 Page

View it Online

Download Datasheet

    2SB745 2SB745A 2SD661A 2SB0745 2SD661

Panasonic, Corp.
PANASONIC[Panasonic Semiconductor]
Part No. 2SB745 2SB745A 2SD661A 2SB0745 2SD661
OCR Text ....0 Features 1.5 1.5 R0.9 R0.9 1.00.1 R 0. s Absolute Maximum Ratings Parameter Collector to base voltage Collector to ...1V, IC = -100mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Function...
Description Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification) 100 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR

File Size 49.87K  /  3 Page

View it Online

Download Datasheet

    2SC5078

HITACHI[Hitachi Semiconductor]
Part No. 2SC5078
OCR Text ...Cob fT PG NF Min -- -- -- 50 -- 9 14 -- Typ -- -- -- 120 0.3 12 17 1.6 Max 10 1 10 160 0.8 -- 20 2.5 pF GHz dB dB Unit A mA A Test condition...1V 4 0 1 2 5 10 20 Collector Current I C (mA) 50 0.2 0.1 0.1 0.2 0.5 1 2 5 10 20 Collector to Bas...
Description    Silicon NPN Epitaxial

File Size 44.24K  /  7 Page

View it Online

Download Datasheet

    2SC5080

HITACHI[Hitachi Semiconductor]
Part No. 2SC5080
OCR Text ....373 ANG. -30.8 -60.8 -83.0 -99.9 -114.5 -128.2 -139.6 -150.2 -160.5 -168.3 S21 MAG. 11.47 9.88 8.35 7.03 6.02 5.23 4.58 4.14 3.76 3.42 ANG. 157.3 139.6 126.1 115.7 107.6 101.0 95.2 90.7 86.4 82.6 S12 MAG. 0.0329 0.0570 0.0718 0.0817 0.0891...
Description Silicon NPN Transistor
Silicon NPN Epitaxial

File Size 47.56K  /  8 Page

View it Online

Download Datasheet

For 9.1v Found Datasheets File :: 47393    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 9.1v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76664996147156