Part Number Hot Search : 
3P242L 20500 A155M 3362M253 050VF 3KP15CA UN5112 ICL71
Product Description
Full Text Search
  800mhz Datasheet PDF File

For 800mhz Found Datasheets File :: 1323    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ABRACON CORP
Part No. ALD2-800mhz-L-K-V-A-T ALD-800mhz-F-K-V-A-T ALD-156.25MHZ-D-K-P1-A-T ALD2-750KHZ-E-P1-A-T
OCR Text | | | | | | | | | | | | | | | ald series standard specifications: applications: ? sonet, xdsl ? sdh, cpe ? stb features: ? based on a proprietary digital multiplier ? tri-state output ? low phase noise and jitter ? 156.25mhz, 187.5mhz, a...
Description CRYSTAL OSCILLATOR, CLOCK, 800 MHz, LVDS OUTPUT
CRYSTAL OSCILLATOR, CLOCK, 156.25 MHz, PECL OUTPUT
CRYSTAL OSCILLATOR, CLOCK, 0.75 MHz, PECL OUTPUT

File Size 1,784.40K  /  3 Page

View it Online

Download Datasheet





    2SC5019

PANASONIC[Panasonic Semiconductor]
Part No. 2SC5019
OCR Text ...= 20mA VCE = 8V, IC = 20mA, f = 800mhz VCB = 10V, IE = 0, f = 1MHz VCE = 8V, IC = 20mA, f = 800mhz VCE = 8V, IC = 20mA, f = 800mhz VCE = 8V, IC = 20mA, f = 800mhz 7.5 15 10 80 5 6 0.9 10 11.5 1.7 1.2 250 GHz pF dB dB dB min typ max 1 1 Unit...
Description Silicon NPN epitaxial planer type(For UHF band low-noise amplification)

File Size 37.02K  /  2 Page

View it Online

Download Datasheet

    LT1993IUD-2 LT1993CUD-2

Linear Technology
Part No. LT1993IUD-2 LT1993CUD-2
OCR Text 800mhz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V /V) DESCRIPTIO The LT(R)1993-2 is a low distortion, low noise Differential Amplifier/ADC driver for use in applications from DC to 800mhz. The LT1993-2 has been d...
Description 800mhz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)

File Size 651.03K  /  20 Page

View it Online

Download Datasheet

    MC12439 MC12439FN

Motorola, Inc
MOTOROLA[Motorola Inc]
Part No. MC12439 MC12439FN
OCR Text ...ange of frequencies from 400 to 800mhz. The differential PECL output can be configured to be the VCO frequency divided by 1, 2, 4, or 8. With the output configured to divide the VCO frequency by 1, and with a 16.66MHz external quartz crysta...
Description HIGH FREQUENCY PLL CLOCK GENERATOR

File Size 129.32K  /  11 Page

View it Online

Download Datasheet

    VSC6048

VITESSE[Vitesse Semiconductor Corporation]
ETC
Part No. VSC6048
OCR Text ...lement Out 0 400MHz Clock 800mhz Clock 3 7 Register Register TEST[0:9] 10 Channel 0 Channel 1 Channel 2 7 Channel 7 DIN ADR[0:2] DCLK SHIFT RCK RCKN BYP FSEL PLLRST PLL Clock Multiplier Unit x8, x16 400MHz C...
Description High-Speed Octal Programmable Timing Generator

File Size 204.26K  /  18 Page

View it Online

Download Datasheet

    Nanya
Part No. M2S4G64CB8HB5N M2S1G64CBH4B5P
OCR Text ... intended for 533 mhz /667mhz /800mhz applications ? inputs and outputs are sstl - 1 5 compatible ? v dd = v ddq = 1. 5 v ? 0.075 v ? sdrams have 8 int ernal banks for concurrent operation ? differential clock i...
Description Unbuffered DDR3 SO-DIMM

File Size 617.21K  /  28 Page

View it Online

Download Datasheet

    CXA1665 CXA1665AM CXA1665AM-S

Sony, Corp.
Sony Corporation
Part No. CXA1665 CXA1665AM CXA1665AM-S
OCR Text ... = 360MHz; UHF operation; fRF = 800mhz; VHF operation; fRF = 55MHz VHF operation; fRF = 360MHz UHF operation; fRF = 360MHz UHF operation; fRF = 800mhz VHF operation; fD = 55MHz, fUD = 12MHz VHF operation; fD = 360MHz, fUD = 12MHz UHF operat...
Description Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
All Band TV Tuner IC (VHF-CATV-UHF)

File Size 196.71K  /  10 Page

View it Online

Download Datasheet

    MAX2130 MAX2130EUA MAX213 MAX2130EUAT

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX2130 MAX2130EUA MAX213 MAX2130EUAT
OCR Text ...MHz INPUT IP2 (dBm) 35 30 25 20 800mhz 15 600MHz 25.0 -40 -15 10 35 60 85 10 15 RBIAS (k) 20 25 TEMPERATURE (C) 4 _________________________________________________________________________________...
Description Broadband / Two-Output / Low-Noise Amplifier for TV Tuner Applications
Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications 44 MHz - 878 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER

File Size 180.98K  /  8 Page

View it Online

Download Datasheet

    HS-7002

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. HS-7002
OCR Text 800mhz FSB DDR GPIO CRT/LVDS Panel TV-Out Dual Giga LAN Audio Serial ATA ATA/33/66/100 RS-232/422/485 4 COM PC/104 IrDA USB2.0 WDT H/W Monitor HS-7002 DDR Socket 82865GV Single Board Computer 800mhz FSB Pentium 4 PICMG Bus S...
Description PICMG BUS SINGLE BOARD COMPUTER

File Size 179.43K  /  1 Page

View it Online

Download Datasheet

    2SC3829

PANASONIC[Panasonic Semiconductor]
Part No. 2SC3829
OCR Text ...= 20mA VCE = 8V, IC = 20mA, f = 800mhz VCB = 10V, IE = 0, f = 1MHz VCE = 8V, IC = 20mA, f = 800mhz VCE = 8V, IC = 20mA, f = 800mhz VCE = 8V, IC = 20mA, f = 800mhz 10 15 10 50 5 150 6 0.7 13.5 15 2 1.2 300 GHz pF dB dB dB min typ max 1 1 Uni...
Description Silicon NPN epitaxial planer type(For UHF band low-noise amplification)

File Size 37.06K  /  2 Page

View it Online

Download Datasheet

For 800mhz Found Datasheets File :: 1323    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 800mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4050309658051