Part Number Hot Search : 
74HC07AP 4063A P40NF 12013 RODUCTS 2200B TA230PW D1885
Product Description
Full Text Search
  62.5 125m Datasheet PDF File

For 62.5 125m Found Datasheets File :: 338    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    意法半导
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. MF430ST MF430
OCR Text ... optimized coupling of power to 62.5/125m fiber. A Silicon Photodiode is recommended as Receiver for this LED. ST Assembly Features * * * * * 865nm Surface-Emitting LED 250MHz Bandwidth Designed for 62.5/125m Fiber Aligned in ST(R) R...
Description Datacom / Telecom / General Purpose LED
Datacom, Telecom, General Purpose LED

File Size 131.82K  /  4 Page

View it Online

Download Datasheet





    FTM-8401C-SL2CG

Source Photonics, Inc.
Part No. FTM-8401C-SL2CG
OCR Text ... 36 37--39 40--55 56--59 60--61 62 63 64--65 66 67 68--83 84--91 92--94 95 96--154 155 156-247 248 1 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 ...5 of 10 125m SGMII Spring-Latch SFP Transceiver 2km MMF transmission Preliminary datasheet Nov. ...
Description 100BASE-FX Spring-Latch SFP Transceiver

File Size 227.77K  /  10 Page

View it Online

Download Datasheet

    FTM-8001C-SLG

Source Photonics, Inc.
Part No. FTM-8001C-SLG
OCR Text ...ce with 50/125m MMF or 1km with 62.5/125m MMF Low EMI and excellent ESD protection Single +3.3V power supply Hot-pluggable capability Detailed product information in EEPROM Operating case temperature: 0 to +70 with the SFP Multi-Source A...
Description 155Mbps 850nm Spring-Latch SFP Transceiver

File Size 242.96K  /  9 Page

View it Online

Download Datasheet

    CF5705AA CF5705AD CF5705AE CF5705BC CF5705CF CF5705CG CF5705

Nippon Precision Circui...
NPC[Nippon Precision Circuits Inc]
Seiko NPC Corporation
Part No. CF5705AA CF5705AD CF5705AE CF5705BC CF5705CF CF5705CG CF5705
OCR Text ...t (Tcy) sec 125m 125m 125m 125m 62.5m 62.5m Built-in capacitor 1 CG pF 4 4 4 4 4 4 CD pF 16 26 30 16 16 16 1. Parasitic capacitance is in...5 7 0 5 xx P ackag e Chip form NIPPON PRECISION CIRCUITS--1 CF5705 series PAD DIMENSIONS (T...
Description Analog Watch Stepping Motor Driver

File Size 58.16K  /  7 Page

View it Online

Download Datasheet

    RADIALL S A
Part No. KSTC20STCL200 KSTC20STCL500 KST5070ST50L500 STC20STCL300 STC21STCL300 KSC5070SC50L300
OCR Text ...st50 l500 - k stc 36 stc l200 - 62,5/125m 2 meters 50/125m 9/125m 2 meters singlemode 3 meters 5 meters 62,5/125m 2 meters 50/125m k stc 21 stc l300 k stc 21 stc l500 - k stc 20 stc l200 - k stc 20 stc l300 k stc 20 stc l500 - k stc 36 stc ...
Description INTERCONNECTION DEVICE

File Size 52.37K  /  2 Page

View it Online

Download Datasheet

    Mitel Networks Corporat...
MITEL[Mitel Networks Corporation]
Part No. MF431ST MF431
OCR Text ...ps. The device is optimized for 62.5/125m fiber and actively aligned in an ST(R) receptacle. The MF432 PIN Photodiode is recommended as Receiver for this LED. Features ST Assembly * 1320nm Surface-Emitting LED * 125mHz Bandwidth * Desig...
Description Datacom, Telecom, General Purpose LED

File Size 136.44K  /  5 Page

View it Online

Download Datasheet

    Mitel Semiconductor
MITEL[Mitel Networks Corporation]
Mitel Networks Corporat...
Part No. MF699ST MF699
OCR Text ...ti-mode fiber and optimized for 62.5/125m fiber. Features ST Assembly * Full Duplex Communication Over One Fiber * Dual Wavelengths 820/1300nm * Very Small Size * Very Low Internal Crosstalk * Packaged in IndustryStandard ST(R) Receptac...
Description 0.5V WDM duplex device, for datacom, telecom and general purpose applications
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
Datacom, Video Link, Intra-Office Telecom, WDM(Wavelength Division Multiplex) Duplex Device(用于数据通信,视频连接,内部办公通信,波长多路复用(WDM)的双工设备)

File Size 179.63K  /  5 Page

View it Online

Download Datasheet

    HFBR-5301 HFBR-5302

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HFBR-5301 HFBR-5302
OCR Text ...re Channel interfaces to either 62.5/125 m or 50/125 m multimode fiber-optic cables. The HFBR-5302 is a 1300 nm transceiver specified for use in 266 MBd, 25 MB/s, 25-M6-LE-I Fibre Channel interfaces to either 62.5/125 m or 50/125 m multimod...
Description Fibre Channel 133 MBd and Fibre Channel 133 MBd and Cost 1x9 Package Style

File Size 187.77K  /  12 Page

View it Online

Download Datasheet

    PANDUIT CORP
Part No. F6S3-3M1
OCR Text ...ation of inner housing; housing 62.5/125m (gray) and 50/125m (orange) fiber compatibility: 62.5/125m and 50/125m multimode fiber cable type: tight-buffered cable only (3.0mm jacketed or 900m) ferrule type: zirconia ceramic with a pre-polish...
Description INTERCONNECTION DEVICE

File Size 267.28K  /  2 Page

View it Online

Download Datasheet

    PANDUIT CORP
Part No. FLCSMC6EOR
OCR Text 62.5/125m om1, 50/125m om2, 50/125m om3/om4, 9/125m os1/os2 fiber size and type: 900m tight-buffered fiber 250m coated fiber, by using f250bt-c 250 micron fiber build-up tube kit or fo6cb or fo12cb fan-out kit jacketed cable size: 1.6mm ? ...
Description 62.5/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR

File Size 201.39K  /  2 Page

View it Online

Download Datasheet

For 62.5 125m Found Datasheets File :: 338    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 62.5 125m

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.3959901332855