Part Number Hot Search : 
00309 TFP2N60A NLAS72 BL151G MMBT222 3907T R1100 LA3161
Product Description
Full Text Search
  60ma Datasheet PDF File

For 60ma Found Datasheets File :: 3748    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CMSH3-60MA CMSH3-100MA CMSH3-20MA CMSH3-20MA10 CMSH3-40MA

Central Semiconductor Corp
Part No. CMSH3-60ma CMSH3-100MA CMSH3-20MA CMSH3-20MA10 CMSH3-40MA
OCR Text 60ma CMSH3-100MA w w w. c e n t r a l s e m i . c o m SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS DESCRIPTION: The CENTRAL SEMICONDUCTOR CMSH3-20MA Series 3.0 Amp Surface Mount Silicon Schottky Rectifier is a hi...
Description SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS

File Size 274.44K  /  2 Page

View it Online

Download Datasheet





    OSW35630C1A-60MA OSM55630C1A-60MA

OptoSupply International
Part No. OSW35630C1A-60ma OSM55630C1A-60ma
OCR Text ... s s m m d d osxx5630c1a-60ma v v e e r r . . a a . . 2 2 features outline dimension top view white led (5.6x3.0x0.9mm) super high brightness of surface mount led lead frame package with individual 4 pin...
Description 5.6 x 3.0 x 0.9mm SMD

File Size 483.89K  /  9 Page

View it Online

Download Datasheet

    MICREL[Micrel Semiconductor]
Part No. SY88782L SY88782LMGTR SY88782LMG
OCR Text ...e VCC = +3.3V, TA = 25C, IMOD = 60ma. Symbol ICC VMOD_MIN Parameter Power Supply Current Minimum Voltage Required at the Driver Output (headroom) for Proper Operation Input Resistance (DIN+, DIN-) Differential Input Voltage Swing Condition...
Description From old datasheet system
3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications

File Size 571.01K  /  8 Page

View it Online

Download Datasheet

    QM30TB-2HB

Mitsubishi Electric Corporation
Mitsubishi Electric Semiconductor
Part No. QM30TB-2HB
OCR Text ...-- 750 -- VCC=600V, IC=30A, IB1=60ma, -IB2=0.6A -- -- Transistor part (per 1/6 module) Diode part (per 1/6 module) Conductive grease applied (per 1/6 module) -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 2.0 2.0 50 4.0 4.0 1.8 -...
Description 122 x 32 pixel format, Compact LCD size
MEDIUM POWER SWITCHING USE INSULATED TYPE

File Size 77.71K  /  5 Page

View it Online

Download Datasheet

    QM30TB-24B

Mitsubishi Electric Corporation
Mitsubishi Electric Semiconductor
Part No. QM30TB-24B
OCR Text ...-- 750 -- VCC=600V, IC=30A, IB1=60ma, -IB2=0.6A -- -- Transistor part (per 1/6 module) Diode part (per 1/6 module) Conductive grease applied (per 1/6 module) -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 2.0 2.0 50 4.0 4.0 1.8 -...
Description 30 A, 6 CHANNEL, NPN, Si, POWER TRANSISTOR
122 x 32 pixel format, Compact LCD size
MEDIUM POWER SWITCHING USE INSULATED TYPE

File Size 87.57K  /  5 Page

View it Online

Download Datasheet

    QM10HA-HB

Mitsubishi Electric Semiconductor
Part No. QM10HA-HB
OCR Text ...-- 250 -- VCC=300V, IC=10A, IB1=60ma, -IB2=200mA -- -- Transistor part Diode part Conductive grease applied -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 1.0 1.0 40 2.0 2.5 1.5 -- 1.5 10 2.0 1.5 2.5 0.4 Unit mA mA mA V V V -- s ...
Description MEDIUM POWER SWITCHING USE INSULATED TYPE

File Size 67.00K  /  5 Page

View it Online

Download Datasheet

    QM30TF-HB

Mitsubishi Electric Semiconductor
Mitsubishi Electric Corporation
Part No. QM30TF-HB
OCR Text ...-- 750 -- VCC=300V, IC=30A, IB1=60ma, IB2=-0.6A -- -- Transistor part (per 1/6 module) Diode part (per 1/6 module) Conductive grease applied (per 1/6 module) -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 1.0 1.0 60 2.5 3.0 1.8 -...
Description MEDIUM POWER SWITCHING USE INSULATED TYPE

File Size 86.89K  /  5 Page

View it Online

Download Datasheet

    RF3377 RF337XPCBA-410

RF Micro Devices
Part No. RF3377 RF337XPCBA-410
OCR Text ...77 must be operated at or below 60ma in order to achieve the thermal performance stated above. Operating at 40mA will ensure the best possible combination of reliability and electrical performance. Note 3: Because of process variations from...
Description GENERAL PURPOSE AMPLIFIER

File Size 110.75K  /  8 Page

View it Online

Download Datasheet

    2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA

Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA
OCR Text ...--)10V, f=1MHz IC=(--)3A, IB=(-)60ma IC=(--)4.5A, IB=(-)90mA IC=(--)3A, IB=(-)60ma IC=(--)10A, IE=0 IC=(--)1mA, RBE= IE=(-)10A, IC=0 See specified test circuit. See specified test circuit. See specified test circuit. (--)15 (--)15 (--)5 30 ...
Description CABLE ASSEMBLY; UHF MALE TO UHF MALE; 50 OHM, RG58C/U COAX 直流/直流转换器应
NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 10A I(C) | TO-252VAR
TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 10A I(C) | TO-251VAR

File Size 37.35K  /  5 Page

View it Online

Download Datasheet

    LV5254LG

Sanyo Semicon Device
Part No. LV5254LG
OCR Text ...ple vrp c2, c5 = 1 f, i o = 60ma 20 mvp-p standby mode v dd current i dd stby 1 a operating v dd current 1 i dd ope1 i o = 0ma 2.2 ma operating v dd current 2 i dd ope2 i o = 60ma 3.2 ma power efficiency peff v d...
Description Inverting Charge Pump Regulator IC

File Size 205.64K  /  14 Page

View it Online

Download Datasheet

For 60ma Found Datasheets File :: 3748    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 60ma

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66462206840515