Part Number Hot Search : 
OBP02037 02120 AU6986 19N10 LM337K 00005 1212Z21 RE46C152
Product Description
Full Text Search
  600v Datasheet PDF File

For 600v Found Datasheets File :: 16258    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Tiger Electronic Co.,Ltd
Part No. C106M-600v
OCR Text parameter symbol max unit repetitive peak off-state voltages v drm v rrm 600 v average on-state current i t(av) 2.5 a rms on-state current i t(rms) 4.0 a non-repetitive peak on-state current i tsm 38 a max. operating junction temperature...
Description Thyristors logic level

File Size 25.54K  /  1 Page

View it Online

Download Datasheet





    APTGT50X60T3G

Microsemi Corporation
Part No. APTGT50X60T3G
OCR Text ...32 31 10 19 2 25 4 v ces = 600v i c = 50a* @ tc = 80c application ? motor control features ? trench + field stop igbt ? technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft...
Description 3 Phase bridge Trench Field Stop IGBT? Power Module

File Size 266.80K  /  5 Page

View it Online

Download Datasheet

    IDC05S60CE

Infineon Technologies AG
Part No. IDC05S60CE
OCR Text ... die size package idc05s60ce 600v 5a 1.45 x 1.162 mm 2 sawn on foil mechanical parameter raster size 1.45x 1.162 anode pad size 1.213 x 0.925 area total 1.68 mm 2 thickness 355 m wafer size 100 mm max. possible ...
Description 2nd generation thinQ!TM SiC Schottky Diode

File Size 102.30K  /  4 Page

View it Online

Download Datasheet

    IDC08S60CE

Infineon Technologies AG
Part No. IDC08S60CE
OCR Text ... die size package idc08s60ce 600v 8a 1.658 x 1.52 mm 2 sawn on foil mechanical parameter raster size 1.658x 1.52 anode pad size 1.421 x 1.283 area total 2.52 mm 2 thickness 355 m wafer size 100 mm max. possible chi...
Description 2nd generation thinQ!TM SiC Schottky Diode

File Size 101.50K  /  4 Page

View it Online

Download Datasheet

    TY Semiconductor Co., Ltd
Part No. AOK20B135D1
OCR Text ... tube 240 turn off soa, v ce 600v, limited by t jmax pulsed collector current, limited by t jmax maximum diode junction-to-case c/w 0.44 maximum igbt junction-to-case maximum junction-to-ambient t c =100c maximum lead temperature for sol...
Description Latest AlphaIGBT (a IGBT) technology

File Size 911.74K  /  8 Page

View it Online

Download Datasheet

    AUIRG4BC30S-S AUIRG4BC30S-SL

International Rectifier
Part No. AUIRG4BC30S-S AUIRG4BC30S-SL
OCR Text ... replacements benefits v ces = 600v v ce(on) typ. = 1.4v @v ge = 15v, i c = 18a 12/03/10 www.irf.com 1 d 2 pak auirg4bc30s-s automotive grade absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cau...
Description INSULATED GATE BIPOLAR TRANSISTOR

File Size 301.87K  /  13 Page

View it Online

Download Datasheet

    MICROSEMI POWER PRODUCTS GROUP
Part No. APT6010B2LLG
OCR Text ...b2ll lll apt6010b2ll apt6010lll 600v 54a 0.100 ? ? ? ? ? ? lower input capacitance ? increased power dissipation ? lower miller capacitance ? easier to drive ? lower gate charge, qg ? popular t-max? or to-264 package power mos 7 ? is a...
Description 54 A, 600 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET

File Size 160.55K  /  5 Page

View it Online

Download Datasheet

    SL
Part No. SVF2N60F SVF2N60D SVF2N60T
OCR Text 600v n-channel mosfet general description svf2n60m/f/t/d is an n-channel enhancement mode power mos field effect transistor which is produced using silan proprietary f-cell tm structure dmos technology. the improved planar stripe cel...
Description 600v N-CHANNEL MOSFET

File Size 591.29K  /  10 Page

View it Online

Download Datasheet

    S6010DS2RP

Littelfuse
Part No. S6010DS2RP
OCR Text ... t j = 100c 400v min. 350 v/s 600v 300 800v 250 1000v 100 v d = v drm ; gate open; t j = 125c 400v 250 600v 225 800v 200 v gd v d = v drm ; r l = 3.3 k ; t j = 125c min. 0.2 v i h i t = 200ma (initial) max. 30 ma t q (1) max. 3...
Description Teccor? brand Thyristors 10 Amp Sensitive & Standard SCRs

File Size 971.73K  /  11 Page

View it Online

Download Datasheet

For 600v Found Datasheets File :: 16258    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 600v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.3012750148773