Part Number Hot Search : 
8069X CNY30X MJ411 51414 2SC2073 FX469J EMK32 DSB3A20
Product Description
Full Text Search
  6 k h 8 p s Datasheet PDF File

For 6 k h 8 p s Found Datasheets File :: 65760    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1083 2SA1084 2SA1085

HITACHI[Hitachi Semiconductor]
Part No. 2sA1083 2sA1084 2sA1085
OCR Text ...r voltage VCE(sat) VBE -0.6 -- 90 3.5 0.5 -- -- -- -0.6 -- 90 3.5 0.5 -- -- -- -0.6 -- 90 3.5 0.5 -- -- -- Gain bandwidth pro...k) IE = 0 f = 1 Mhz 100 30 10 3 1.0 0.3 0.1 0.03 10 0.01 -0.01 -0.03 -0.1 -0.3 -1.0 -3 -10 -30 -100 ...
Description silicon pNp Transistor
silicon pNp Epitaxial

File Size 40.84K  /  8 Page

View it Online

Download Datasheet





    2SA2027

Isahaya Electronics Corporation
ETC[ETC]
List of Unclassifed Manufacturers
Part No. 2sA2027
OCR Text ...3/4U**B sO*@OE*@*} 'pE :mm 4.6 MAX 1.6 1.5 "A*@'* *E*OEsOOEI1/2*AZbgI*OE^*A*-"xZA`*A"\ E C B 0.53 MAX 1.5 3.0 0.48 MAX }*[L"O 0.4 ...k*OECTn"dZq**i*w"u1/23/4-1/2IZQ*lZ`--A e*A-{Z`--'EL*UI Z*p*i*nEAACTn"dZq*s--L*e'm"I*aZYOE I`1/4IOE -...
Description sILICON EpITAXIAL TRANsIsTOR

File Size 54.89K  /  4 Page

View it Online

Download Datasheet

    2SB968 2SD1295

PANASONIC[Panasonic Semiconductor]
Part No. 2sB968 2sD1295
OCR Text ...ion Complementary to 2sD1295 6.50.1 5.30.1 4.350.1 2.30.1 0.50.1 0.8max q q q possible to solder the radiation fin directly t...k) Ambient temperature Ta (C) 2 power Transistors Area of safe operation (AsO) -10 -3 ICp...
Description silicon pNp epitaxial planar type(For low-frequency output amplification)

File Size 52.65K  /  3 Page

View it Online

Download Datasheet

    4N33 4N29 4N30 4N32 4N31

Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. 4N33 4N29 4N30 4N32 4N31
OCR Text 6-pin DIp Optoisolators Darlington Output The 4N29/A, 4N30, 4N31, 4N32(1) and 4N33(1) devices consist of a gallium arsenide infrared emitti...k L M N INChEs MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100...
Description sTANDARD ThRU hOLE CAsE 730A-04

File Size 286.89K  /  6 Page

View it Online

Download Datasheet

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJChIps AD536AJD AD536AJh AD536AJQ AD536AkD AD536Akh AD536AkQ AD536AsChIps AD536AsD AD536AsE AD536Ash 5962-89805 AD536 AD883B AD536Akh_ AD536Akh/
OCR Text ...AD536A -Vs 3 CAV 4 dB 5 BUF OUT 6 BUF 7 IN sQUARER DIVIDER RL 25k 25k BUF IN BUF OUT AD536A CURRENT MIRROR BUF sQUARER DIVI...k) for commercial temperature range (0C to +70C) applications, and one grade (s) rated for the -55C ...
Description Complete Monolithic IC Which performs True RMs-to-DC Conversion
Circular Connector; MIL spEC:MIL-C-26482, series I; Body Material:Aluminum Alloy; series:Ms3126; No. of Contacts:15; Connector shell size:14; Connecting Termination:Crimp; Circular shell style:straight plug Rohs Compliant: No
JT 28C 26#20 2#16 skT pLUG
Integrated Circuit True RMs-to-DC Converter RMs TO DC CONVERTER, 0.09 Mhz, CDIp14
Integrated Circuit True RMs-to-DC Converter RMs TO DC CONVERTER, 0.09 Mhz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ... 15 75 0.004 650 142 69 0.002 0.6/3/6 14 25 20 20 10 V 0.8/0.6 V 1 A pF 5.5 40 200 0.015 V A W %/% khz khz khz % s nV/hz ns ns ns ns T...k, Code = 40h RAB = 50 k, Code = 40h RAB = 100 k, Code = 40h VA =1 V rms + 2.5 V dc, VB = 2.5 V dc, ...
Description &nbsp;&nbsp;&nbsp;Increment/Decrement Digital potentiometer
2-Channel/ 256-position Digital potentiometer
TRIM pOT sT-32TG 20 OhMs
Toggle switch; Circuitry:DpDT; switch Operation:On-Off-On; Contact Current Max:6A; Actuator style:Bat; switch Terminals:Through hole; Current Rating:3A; Leaded process Compatible:Yes; Mounting Type:pCB; Features:standard Actuator Rohs Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ..., VDD = 5 V 2.7 2.3 V 0.8/0.6 V 1 A pF V V A A W %/% khz khz khz khz % s nVhz ns ns ns ns ns ns ns ns ns 5.5 2.7 15 40 15 40 150 400...k, Code = 40 h RAB = 50 k, Code = 40 h RAB = 100 k, Code = 40h RAB = 500 k, Code = 40h VA = 1 V rms ...
Description Increment/Decrement Dual Digital potentiometer
Dual, Increment/Decrement Digital potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD721 AD721JP AD720JP AD720

AD[Analog Devices]
Part No. AD721 AD721Jp AD720Jp AD720
OCR Text ...V supply +5 V supply 4.75 3.6 4.4 286 315 300 5 +15 3 -170 1 0.1 0.1 50 20 +5 100 55 5.25 10 10 35 67 20 20 14 14 35 35 20 20 NOTEs 1 Input scaling resistors provide best scaling accuracy when source resistance is 37.5 ...
Description RGB to NTsC/pAL Encoders

File Size 131.76K  /  8 Page

View it Online

Download Datasheet

    AD8600 AD8600AP AD8600CHIPS

AD[Analog Devices]
Part No. AD8600 AD8600Ap AD8600ChIps
OCR Text ...rates from single +5 V Optional 6 V supply Extends Output Range AppLICATIONs phased Array Ultrasound &amp; sonar power Level setting Receiver Ga...k V mA pF V V A pF V V V/s s s Guaranteed Monotonic Data = FFh Data = FFh Data = 00h, Rs = "0," T...
Description 16-Channel, 8-Bit Multiplying DAC

File Size 231.85K  /  16 Page

View it Online

Download Datasheet

For 6 k h 8 p s Found Datasheets File :: 65760    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 6 k h 8 p s

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0496430397034