Part Number Hot Search : 
C7410 74HC82 OM5222SW 6AT29 PC0802L BUZ72AL BEFVAA4 PLL1045A
Product Description
Full Text Search
  55v Datasheet PDF File

For 55v  Found Datasheets File :: 214355    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CML[Chicago Miniature Lamp,inc]
Chicago Miniature Lighting,LLC
Part No. 5102H5-5V 5100H1 5100H1LC 5100H3 5100H5 5100H5LC 5100H6 5100H7 5100H7LC 5102H1-12V 5102H1-5V 5102H3-12V 5102H3-5V 5102H5-12V
OCR Text ...stor chip operates directly off 5 volt or 12 volt supply without external resistor. Mounting: Will snap-fit in O.249/.254 hole in panels .03...5V 5102H3-5V 5102H5-5V 5102H1-12V 5102H3-12V 5102H5-12V E mitted C olor R ed Amber G reen B lue Y...
Description Panel Mounted LED Indicator Light with Wire Leads 1/4 inch Diameter Mounting Hole
Panel Mounted LED Indicator Light with Wire Leads 1/4 Diameter Mounting Hole

File Size 21.77K  /  1 Page

View it Online

Download Datasheet





    CML INNOVATIVE TECHNOLOGIES
Part No. 5340H1-5V
OCR Text ...3.0 3.0 3.0 3.0 2.2 2.2 2.0 2.0 5 5 5 5 60 60 60 60 yellow green amber red (v) max. (v) typ. reverse breakdown voltage min. (v) continuous f...5v 2.3 2.3 2.1 8 10 2 2 2 565 583 7.5 7.5 5 5 5 5 15 15 green ambe r 5340h3-5v 5340h5-5v 8 8 10 10 +...
Description T-1 3/4 SINGLE COLOR LED, RED, 5 mm

File Size 61.86K  /  1 Page

View it Online

Download Datasheet

    S-2-NIL-5V S-2-NIL-3V S-2-NIL-24V S-2-L2-48V S-2-L2-3V S-2-L2-24V S-2-L-6V S-2-L-5V S-2-L-48V S-2-L-3V S-2-L-12V S-2-L-2

Panasonic Semiconductor
Part No. S-2-NIL-5V S-2-NIL-3V S-2-NIL-24V S-2-L2-48V S-2-L2-3V S-2-L2-24V S-2-L-6V S-2-L-5V S-2-L-48V S-2-L-3V S-2-L-12V S-2-L-24V S-2-NIL-12V S-2-NIL-6V S-2-L2-5V S-2-L2-6V S-2-NIL-48V S-3-L-48V S-4-L-48V S-3-NIL-48V S-3-NIL-5V S-3-NIL-3V S-3-NIL-6V S-3-NIL-24V S-3-NIL-12V S-3-L-24V S-3-L-3V S-3-L2-12V S-3-L2-24V S-3-L2-6V S-3-L2-48V S-3-L-5V S-3-L-12V S-3-L-6V S-3-L2-5V S-4-L-3V S-4-NIL-24V S-4-NIL-3V S-4-L2-48V S-4-L2-5V S-4-L2-6V S-4-NIL-5V S-4-NIL-6V
OCR Text ...30 v dc (48 vdc at less than 0.5 a) max. switching current 4 a (ac), 3 a (dc) min. switching capacity** 1 100 a 100 m v dc expected life ...5v 5 3.5 0.5 38.5 130 65 192 9.0 s ? -6v 6 4.2 0.6 33.3 180 93 200 11.0 s ? -12v 12 8.4 1.2 16.7 720...
Description 4 AMP POLARIZED HIGH DENSITY RELAY

File Size 416.21K  /  5 Page

View it Online

Download Datasheet

    CML INNOVATIVE TECHNOLOGIES
Part No. 5101H1-5V
OCR Text ...tor chip opera tes directly off 5 supply without external resistor . mounting: will snap-fit into ? . 249/.254 hole in panels .031/.062 thic...5v 5101h3-5v 5101h5-5v red amber green yellow red green yellow red amber green 6.3 20 10 6.3 2.0 2.5...
Description SINGLE COLOR LED, RED

File Size 225.99K  /  1 Page

View it Online

Download Datasheet

    OSR6LU5B64A-5V

OptoSupply International
Part No. OSR6LU5B64A-5V
OCR Text 5mm Round Normal Bright Red Resistor LED OSR6LU5B64A-5V Features High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance UV Resistant Epoxy Integral Current Limiting Resistor TTL Compatible (Requires No External Cu...
Description 5mm Round Normal Bright Red Resistor LED

File Size 113.79K  /  2 Page

View it Online

Download Datasheet

    OSY5LU5B64A-5V

OptoSupply International
Part No. OSY5LU5B64A-5V
OCR Text 5mm Round Normal Bright Yellow Resistor LED OSY5LU5B64A-5V Features High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance UV Resistant Epoxy Integral Current Limiting Resistor TTL Compatible (Requires No External...
Description 5mm Round Normal Bright Yellow Resistor LED

File Size 114.55K  /  2 Page

View it Online

Download Datasheet

    E304-5V E304-12V E26A E24 E150-5V E23 E22 E151-5V E151-12V E148-5V E149-5V E21 E149-12V

International Light Technologies, Inc.
International Light Technologies Inc.
Gilway Technical Lamp
Part No. E304-5V E304-12V E26A E24 E150-5V E23 E22 E151-5V E151-12V E148-5V E149-5V E21 E149-12V
OCR Text 5 2.54 .5 1 MAX CATHODE 8.6 1 5 5.9 T-1 and T-13/4, Infrared LEDs: 880nm, 940nm Line Part No. No. Size T-1 T-1 T-13/4 T-13/4 ...5V 1.7V 1.5V 1.7V 940nm 880nm 940nm 880nm Drawing A A B B INFRARED INFRARED INFRARED INFRARED ...
Description    T-1 and T-1 3/4, Infrared LEDs
T-1 and T-1 3/4, Infrared LEDs 的T 1和T - 1 3 / 4,红外发光二极管
T-1 and T-1 3/4/ Infrared LEDs

File Size 126.13K  /  3 Page

View it Online

Download Datasheet

    Nais(Matsushita Electri...
NAIS[Matsushita Electric Works(Nais)]
NAIS[Nais(Matsushita Electric Works)]
Panasonic, Corp.
Part No. JS1-5V JS1A-12V JS1A-18V JS1A-24V JS1A-48V JS1A-5V JS1A-6V JS1AF-12V JS1AF-18V JS1AF-24V JS1-12 JS1-18V JS1-24V JS1-48V JS1F-6V JS1F-9V JS1F-5V JS1F-B-9V JS1F-B-6V JS1F-B-48V JS1F-B-24V JS1F-B-18V JS1-12V JS1-9V JS1-6V JS1A-9V JS1AF-48V JS1AF-5V JS1AF-6V JS1AF-9V JS1A-F-B-18V JS1A-F-B-24V JS1A-F-B-48V JS1A-F-B-5V JS1A-F-B-6V JS1A-F-B-9V JS1-B-12V JS1-B-24V JS1-B-48V JS1-B-6V JS1-B-9V JS1F-12V JS1F-18V JS1F-24V JS1F-48V JS1F-B-12V JS1-XXX JS1AF-XXX
OCR Text ... insulation type available * TV-5 type available 1 Form A type TV-5 1 Form C type TV-5 (N.O. side only) * VDE, TUV also approved * Sealed ...5V JS1a-6V JS1a-9V JS1a-12V JS1a-18V JS1a-24V JS1a-48V Part No. Flux-resistant type JS1aF-5V JS1aF-6...
Description (JS Series) ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
CONN SOCKET CODING KEY YELLOW
CONN HEADER TYPE-C 55POS R/A AU
Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 16x31.5 mm; Packaging: Bulk
CONN SHROUD CPCI 2MM TYPE C 11
Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 15000uF; Voltage: 35V; Case Size: 25x50 mm; Packaging: Bulk
Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk 超微型基板式电源继电
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 超微型基板式电源继电
CONN SHROUD CPCI 2MM TYPE B 25 超微型基板式电源继电
Wire-To-Board Connector; No. of Contacts:30; Pitch Spacing:0.1"; Gender:Female RoHS Compliant: Yes

File Size 67.74K  /  3 Page

View it Online

Download Datasheet

    TX2EH-433-64-5V TX2EH-434-64-5V TX2H-433-64-3V TX2H-433-64-5V TX2H-434-64-3V TX2H-434-64-5V RX2A-433-64

Radiometrix Ltd
Part No. TX2EH-433-64-5V TX2EH-434-64-5V TX2H-433-64-3V TX2H-433-64-5V TX2H-434-64-3V TX2H-434-64-5V RX2A-433-64
OCR Text ...ry * * * * * * Size: 32 x 12 x 5.5mm Operating frequency: 433.92MHz and 434.42MHz Supply : 3V or 5V regulated Current consumption: 25mA typical Data bit rate: 64kbps max. Transmit power: +14dBm (25mW) nominal TX2H - Data Page - 1 - sale...
Description UHF High Power FM Transmitter

File Size 230.41K  /  5 Page

View it Online

Download Datasheet

For 55v  Found Datasheets File :: 214355    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 55v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.86151695251465