Description |
Evaluation Kit for the MAX3905 2.5Gbps, Low-Power, 3.3V Clock-Recovery and data-Retiming IC Evaluation Kit for the MAX3880 10.7Gbps Linear Transimpedance Amplifier with Output Offset Adjust 10.7Gbps Laser diode drivers Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3950 155Mbps Preamplifier for FddI and ATM LAN Fiber Optic Receivers 10.7Gbps compact Laser diode driver Evaluation Kit for the MAX3901 Evaluation Kit for the MAX3967A 3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal detector 200Mbps SFP Limiting Amplifier LEd driver with Programmable Prebias Voltage 270Mbps SFP LEd driver 3.3V, 10.3Gbps Limiting Amplifier 10.7Gbps, 3.3V, compact VCSEL driver Evaluation Kit for the MAX3975 Low-Voltage, Quad, SPdT, CMOS Analog SwitchReplaces MAX333A Evaluation Kit for the MAX3877, MAX3878 Evaluation Kit for the MAX3930 Serially Controlled, Low-Voltage, 8-Channel SPST Switch x8存储 10Gbps EAM driver with Integrated Bias Network x8存储 x8 EPROM x8存储 Evaluation Kit for the MAX3891 x8存储 Precision, 16-Channel/dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers x8存储
|