|
|
|
Epson ToYoCom, Corp. http://
|
Part No. |
SG-8002CA SG-8002JF SG-8002JF48.0000M-PTML3 SG-8002JF48.0000M-PHCL0 SG-8002JF48.0000M-PHML3 SG-8002CA125.000M-PHBL3ROHS SG-8002CA125.000M-PTCBROHS SG-8002CA125.000M-PHBL0ROHS SG-8002CA125.000M-PHCBROHS SG-8002CA125.000M-SCML0ROHS SG-8002CA125.000M-PTCL3ROHS SG-8002CA125.000M-PTBL3ROHS SG-8002CA125.000M-PCML0ROHS SG-8002CA125.000M-SHBBROHS SG-8002CA125.000M-PTBBROHS SG-8002CA125.000M-PHCL0ROHS SG-8002CA125.000M-PHCL3ROHS SG-8002CA125.000M-SCMBROHS SG-8002CA125.000M-PTBL0ROHS SG-8002CA125.000M-PHBBROHS SG-8002CA11.0592M-PCCBROHS SG-8002CA125.000M-PCML3ROHS SG-8002CA125.000M-PTCL0ROHS
|
OCR Text |
...t load condition (TTL) *1 L_TTL 5ttl Max. f090 MHz,Max. supply voltage 15 pF Max. Output load condition (CMOS) *1 L_CMOS 15 pF Max. 15 pF Max. Max. frequency and Max. supply voltage (CA:25 pF Max.) Output enable / disable VIH 2.0 V Min. 70 ... |
Description |
CRYSTAL OSCILLATOR, CLOCK, 11.0592 MHz, CMOS OUTPUT ROHS COMPLIANT, CERAMIC PACKAGE-4 CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT ROHS COMPLIANT, CERAMIC PACKAGE-4 CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 125 MHz, TTL OUTPUT ROHS COMPLIANT, CERAMIC PACKAGE-4 CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 125 MHz, CMOS OUTPUT ROHS COMPLIANT, CERAMIC PACKAGE-4 CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS OUTPUT PLASTIC PACKAGE-4 CRYSTAL OSCILLATOR, CLOCK, 48 MHz, TTL OUTPUT PLASTIC PACKAGE-4
|
File Size |
576.77K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH2525TTS-90.000M
|
OCR Text |
...mos load) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximum to disable outp... |
Description |
CRYSTAL OSCILLATOR, CLOCK, 90 MHz, HCMOS/TTL OUTPUT
|
File Size |
148.54K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH1445SJTTS-90.000M
|
OCR Text |
...mos load) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (disabled output: high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximu... |
Description |
CRYSTAL OSCILLATOR, CLOCK, 90 MHz, HCMOS/TTL OUTPUT
|
File Size |
140.61K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH1445SJETTS-90.000M
|
OCR Text |
...waveform) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (disabled output: high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximu... |
Description |
CRYSTAL OSCILLATOR, CLOCK, 90 MHz, HCMOS/TTL OUTPUT
|
File Size |
140.61K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH1145TS-80.000M
|
OCR Text |
...waveform) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximum to disable outp... |
Description |
OSCILLATORS 50PPM 0 70 5.0V 4 80.000MHZ TS HCMOS FULL 14PIN DIP
|
File Size |
146.46K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH1100TS-131.070M
|
OCR Text |
...waveform) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximum to disable outp... |
Description |
OSCILLATORS 100PPM 0 70 5.0V 4 131.070MHZ TS CMOS FULL 14PIN DIP
|
File Size |
146.46K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
ECLIPTEK CORP
|
Part No. |
EH1100TS-78.69457M
|
OCR Text |
...waveform) load drive capability 5ttl load or 15pf hcmos load maximum output logic type cmos pin 1 connection tri-state (high impedance) tri-state input voltage (vih and vil) +2.2vdc minimum to enable output, +0.8vdc maximum to disable outp... |
Description |
OSCILLATORS 100PPM 0 70 5.0V 4 78.69457MHZ TS CMOS FULL 14PIN DIP
|
File Size |
146.47K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|