|
|
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
Part No. |
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF2415S HDF0512D HDF0512S HDF1215D HDF4815D HDF4805S HDF1212S HDF2405S HDF4812D HDF0505S HDF0515S HDF0515D
|
Description |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; voltage Rating:277V; Fuse Size/Group:3.22 "; voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; supply Current:15mA; supply voltage:36V; supply voltage Max:30V; supply voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; supply voltage Max:12V; supply voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset voltage:50kV IC-QUAD COMPARATOR operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4mhz; Slew Rate:13V/us; Package/Case:8-DIP; Dual supply voltage Max ( /- V):18V; Mounting Type:Through Hole operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4mhz; Bias Current:7nA; Dual supply voltage Max ( V):18V; Gain:4dB; Offset voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
File Size |
78.97K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Linear Technology Corporation
|
Part No. |
LT1618
|
Description |
Constant-Current/ Constant-voltage 1.4mhz Step-Up DC/DC Converter(恒定电流/恒定电压.4mhz,步升DC/DC变换
|
File Size |
205.09K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|