Part Number Hot Search : 
10201 MIW5042 X9514WVM 355202 1Q281B N1699 00MHZ M325FAN
Product Description
Full Text Search
  400khz Datasheet PDF File

For 400khz Found Datasheets File :: 2765    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    M62320FP M62320P

Mitsubishi Electric Corporation
Mitsubishi Electric Semiconductor
Part No. M62320FP M62320P
OCR Text ...ons VIH = VDD,VIL = GND, fSCL = 400khz VIH = VDD,VIL = GND, fSCL = stop Min Max 0.5 1.0 10 Unit mA A A V V V V mA mA IDD IILK VIH VIL VOH VOL IOL Circuit current Input leak current Input high voltage Input low voltage Output ...
Description 8-BIT I/O EXPANDER for I2C BUS
8-BIT I/O EXPANDER for I C BUS

File Size 64.73K  /  9 Page

View it Online

Download Datasheet





    MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX1037EKA- MAX1038 MAX1038AEEE MAX1039 MAX1039AEEE MAX1036EKA MAX1037EKA MA

MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX1037EKA- MAX1038 MAX1038AEEE MAX1039 MAX1039AEEE MAX1036EKA MAX1037EKA MAX1036EKA-T
OCR Text ...I2C-Compatible Serial Interface 400khz Fast Mode 1.7MHz High-Speed Mode o Single Supply 2.7V to 3.6V (MAX1037/MAX1039) 4.5V to 5.5V (MAX1036/MAX1038) o Internal Reference 2.048V (MAX1037/MAX1039) 4.096V (MAX1036/MAX1038) o External Referenc...
Description 2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision
" 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs"
-2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs

File Size 423.60K  /  22 Page

View it Online

Download Datasheet

    MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX1069AEUD MAX1069BEUD MAX1069CEUD

MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX1069AEUD MAX1069BEUD MAX1069CEUD
OCR Text ...I2C-Compatible Serial Interface 400khz Fast Mode 1.7MHz High-Speed Mode o +4.75V to +5.25V Single Supply o +2.7V to +5.5V Adjustable Logic Level o Internal +4.096V Reference o External Reference: 1V to AVDD o Internal 4MHz Conversion Clock ...
Description 0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision
58.6ksps 14-Bit 2-Wire Serial ADC
" 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP"
58.6ksps / 14-Bit / 2-Wire Serial ADC

File Size 439.07K  /  20 Page

View it Online

Download Datasheet

    MAX1082 MAX1082ACUE MAX1082AEUE MAX1082BCUE MAX1082BEUE MAX1082-MAX1083 MAX1083 MAX1083ACUE MAX1083AEUE MAX1083BCUE MAX1

MAXIM - Dallas Semiconductor
MAX1083
MAXIM[Maxim Integrated Products]
Part No. MAX1082 MAX1082ACUE MAX1082AEUE MAX1082BCUE MAX1082BEUE MAX1082-MAX1083 MAX1083 MAX1083ACUE MAX1083AEUE MAX1083BCUE MAX1083BEUE MAXIM
OCR Text ...3) o Internal +2.5V Reference o 400khz Sampling Rate (MAX1082) o Low Power: 2.5mA (400ksps) 1.3mA (REDP) 0.9mA (FASTPD) 2A (FULLPD) o SPI/QSPI/MICROWIRE/TMS320-Compatible 4-Wire Serial Interface o Software-Configurable Unipolar or Bipolar I...
Description 300ksps/400ksps / Single-Supply / 4-Channel / Serial 10-Bit ADCs with Internal Reference
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
" 300ksps/400ksps, Single- Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference"

File Size 312.05K  /  24 Page

View it Online

Download Datasheet

    NCX10S48050 NCX10S48050Y NCX10S24050 NCX10S24050Y NCX10S48033 NCX10S48033Y NCX10S NCX10S24033 NCX10S24033Y

CANDD[C&D Technologies]
Part No. NCX10S48050 NCX10S48050Y NCX10S24050 NCX10S24050Y NCX10S48033 NCX10S48033Y NCX10S NCX10S24033 NCX10S24033Y
OCR Text ...atching Current Limit Constant 400khz Frequency Versatile Control Options Continuous Rating to 10W @85C Operation to Zero Load Protected Against Load Faults Internal Over Temperature Protection Uses No Electrolytic Capacitors DESCRIP...
Description    Isolated 10W Single Output DC/DC Converters

File Size 834.26K  /  5 Page

View it Online

Download Datasheet

    SP6213 SP6213EC5-1.8 SP6213EC5-2.5 SP6213EC5-2.7 SP6213EC5-2.85 SP6213EC5-3.0 SP6213EC5-3.3 SP6213EC5-5.0

SIPEX[Sipex Corporation]
Part No. SP6213 SP6213EC5-1.8 SP6213EC5-2.5 SP6213EC5-2.7 SP6213EC5-2.85 SP6213EC5-3.0 SP6213EC5-3.3 SP6213EC5-5.0
OCR Text ... = 100Hz, IL = 10mA Frequency = 400khz, IL = 10mA Turns On Turns Off Line Regulation, (VOUT/ VIN) SP6213-1.8V Line Regulation Load Regulation, Note 5, (VOUT) SP6213-1.8V Load Regulation Dropout Voltage, Note 6, (VIN - VOUT) %/V %/V %...
Description Micropower, SC-70, 100mA CMOS LDO Regulator

File Size 677.06K  /  10 Page

View it Online

Download Datasheet

    UPD6124A UPD6124ACS UPD6124AGS UPD6600A UPD6600ACS UPD6600AGS UPD6600ACS-XXX UPD6600AGS-XXX

NEC[NEC]
Part No. UPD6124A UPD6124ACS UPD6124AGS UPD6600A UPD6600ACS UPD6600AGS UPD6600ACS-XXX UPD6600AGS-XXX
OCR Text ...which uses a ceramic resonator (400khz to 500kHz). Figure 9-1. System Clock Generator OSC-IN STOP mode OSC-OUT o System clock In the STOP mode (oscillation stop HALT instruction), the oscillator in the system clock generator st...
Description IC for programmable infrared remote control transmitter
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION

File Size 159.75K  /  36 Page

View it Online

Download Datasheet

    UPD6125A UPD6125ACA UPD6125AG UPD6126A UPD6126AG

NEC[NEC]
Part No. UPD6125A UPD6125ACA UPD6125AG UPD6126A UPD6126AG
OCR Text ...which uses a ceramic resonator (400khz to 500kHz). Figure 9-1. System Clock Generation Circuit OSC-IN STOP mode OSC-OUT o System clock In the STOP mode (oscillation stop HALT instruction), the oscillation circuit in the syste...
Description 4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION

File Size 272.74K  /  40 Page

View it Online

Download Datasheet

    UPD61P24 UPD61P24CS UPD61P24GS

NEC[NEC]
Part No. UPD61P24 UPD61P24CS UPD61P24GS
OCR Text ...which uses a ceramic resonator (400khz to 500kHz). Figure 9-1. System Clock Generator OSC-IN STOP mode OSC-OUT o System clock In the STOP mode (oscillation stop HALT instruction), the oscillator in the system clock generator ...
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION

File Size 240.12K  /  36 Page

View it Online

Download Datasheet

    24LC16B-MT 24LC08B 24LC08B-MT

MICROCHIP[Microchip Technology]
Part No. 24LC16B-MT 24LC08B 24LC08B-MT
OCR Text ...und bounce * 100 kHz (2.5V) and 400khz (5V) compatibility * Self-timed write cycle (including auto-erase) * Page-write buffer for up to 16 bytes * 2 ms typical write cycle time for page-write * ESD protection > 4,000V * 1,000,000 ERASE/WRIT...
Description 8K/16K I 2 C Serial EEPROMs in ISO Micromodules

File Size 397.03K  /  12 Page

View it Online

Download Datasheet

For 400khz Found Datasheets File :: 2765    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 400khz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.60824918746948