Part Number Hot Search : 
21M50 M37710 HIRF830 FN4482 E005211 PMEG20 1SM5937B LB11972V
Product Description
Full Text Search
  4-508 Datasheet PDF File

For 4-508 Found Datasheets File :: 8992    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    STANFORD[Stanford Microdevices]
Part No. SSW-508
OCR Text ...and reliability. SSW-508 DC-4 GHz GaAs MMIC SPST Switch Isolation vs. Frequency VControl = -5 V -20 -30 dB -40 -50 -60 D C 1 2 3 4 Product Features * High Isolation : 40dB at 1GHz, 30dB at 2GHz * Low DC Power Consumption * Lo...
Description DC-4 GHz GaAs MMIC SPST Switch

File Size 79.67K  /  2 Page

View it Online

Download Datasheet





    ME030-508 ME030-50802 ME030-50803 ME030-50804 ME030-50805 ME030-50806 ME030-50808

Lumberg
Part No. ME030-508 ME030-50802 ME030-50803 ME030-50804 ME030-50805 ME030-50806 ME030-50808
OCR Text ...anische Daten Kontaktierung mit 4. Elektrische Daten Bemessungsstrom Bemessungsspannung Prufspannung Isolationswiderstand 16 A 300 V AC 2 kV > 5 G steckbaren Anschlussklemmen 6770, MC ...-508 PA, V0 nach UL 94 CuZn, verzinnt -40 C/+105 C ...
Description Steckbare Anschlussklemmen, Raster 5,08 mm

File Size 91.13K  /  1 Page

View it Online

Download Datasheet

    VX-508 VX-5080-EAE-405X VX-50811

Vectron International, Inc
Part No. VX-508 VX-5080-EAE-405X VX-50811
OCR Text ...40 to +85c -55 to +105c options 4 initial tolerance vs. supply voltage change vs. load change vs. aging / 1 year vs. aging / 10 years -25.0 ...508 height h pin length l 6.2 na dimensions in mm outline drawing / enclosure enable true table (opt...
Description Voltage Controlled Crystal Oscillator

File Size 238.85K  /  6 Page

View it Online

Download Datasheet

    MC100-508 MC100-50802 MC100-50803 MC100-50804 MC100-50805 MC100-50806 MC100-50808 MC100-50810 MC100-50812

Lumberg
Part No. MC100-508 MC100-50802 MC100-50803 MC100-50804 MC100-50805 MC100-50806 MC100-50808 MC100-50810 MC100-50812
OCR Text ...anschluss Querschnitt AWG 24-14 4. Elektrische Daten Bemessungsstrom Bemessungsspannung Prufspannung Isolationswiderstand 16 A 300 V AC 2 k...508 Pluggable screw terminal block, with lift clamp, without protection against misplacing, with loc...
Description Steckbare Anschlussklemmen, Raster 5,08 mm

File Size 89.35K  /  1 Page

View it Online

Download Datasheet

    MC200-508 MC200-50802 MC200-50803 MC200-50804 MC200-50806 MC200-50808

LUMBERG CONNECT GMBH
Part No. MC200-508 MC200-50802 MC200-50803 MC200-50804 MC200-50806 MC200-50808
OCR Text ...anschluss Querschnitt AWG 24-14 4. Elektrische Daten Bemessungsstrom Bemessungsspannung Prufspannung Isolationswiderstand 16 A 300 V AC 2 kV > 5 G MC 200-508 Pluggable screw terminal block, with lift clamp, without protection against mi...
Description Steckbare Anschlussklemmen, Raster 5,08 mm
16 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK

File Size 84.72K  /  1 Page

View it Online

Download Datasheet

    ME020-508 ME020-50802 ME020-50803 ME020-50804 ME020-50806 ME020-50808

Lumberg
Part No. ME020-508 ME020-50802 ME020-50803 ME020-50804 ME020-50806 ME020-50808
OCR Text ...anische Daten Kontaktierung mit 4. Elektrische Daten Bemessungsstrom Bemessungsspannung Prufspannung Isolationswiderstand 16 A 300 V AC 2 kV > 5 G steckbaren Anschlussklemmen 6770, MC ...-508 PA, V0 nach UL 94 CuZn, verzinnt -40 C/+105 C ...
Description Steckbare Anschlussklemmen, Raster 5,08 mm

File Size 91.07K  /  1 Page

View it Online

Download Datasheet

    VX-508

Vectron International, Inc
Part No. VX-508
OCR Text ...40 to +85c -55 to +105c options 4 initial tolerance vs. supply voltage change vs. load change vs. aging / 1 year vs. aging / 10 years -25.0 ...508 height h pin length l 6.2 na dimensions in mm outline drawing / enclosure enable true table (opt...
Description Voltage Controlled Crystal Oscillator Low G-Sensitivity

File Size 238.60K  /  6 Page

View it Online

Download Datasheet

    508-8745-604 508-8745-504 508-7538-504 508-7545-604 508-7538-604 508-7545-504 508-7438-604 508-7445-604 508-7445-504 508

Dialight Corporation
Part No. 508-8745-604 508-8745-504 508-7538-504 508-7545-604 508-7538-604 508-7545-504 508-7438-604 508-7445-604 508-7445-504 508-7438-504 508-8738-604 508-8738-504
OCR Text ...im "a" # .040 [ # 1,0] .160 [ 4,06 ] .312 [ 7,92 ] .500 [ 12,7 ] a 508 series datalamp holder c-17895 scale: 4.000 tolerances: unless otherwise specified fractions: # 1/64 decimals (.xx): # .01 decimals (.xxx): # .005 decimals ...
Description DATALAMP HOLDER

File Size 166.59K  /  1 Page

View it Online

Download Datasheet

    Kenwood
Part No. KDC-508
OCR Text ...o ad un rivenditore Kenwood. 4| Italiano Note Pulizia dell'apparecchio Se il frontalino di quest'unita e macchiato, strofinatelo con un panno asciutto e morbido, ad esempio un panno al silicone. Se il frontalino e molto sporco, s...
Description (KDC-5027 / KDC-508) Stereo CD Player

File Size 4,889.47K  /  92 Page

View it Online

Download Datasheet

For 4-508 Found Datasheets File :: 8992    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 4-508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1199190616608