|
|
|
Electronic Theatre Controls, Inc.
|
Part No. |
AB-2061G-33
|
OCR Text |
33mhz PCI to Local Bus Interface for 8 or 16 bit Local Bus Applications 32- to 16- bit PCI to local bus translator
AB-2061-33 33mhz PCI to Local Bus Interface
Product Specification
AB Semicon AB-2061-33 32 bit to 8 or 16 bit PCI t... |
Description |
33mhz PCI to Local Bus Interface
|
File Size |
363.44K /
32 Page |
View
it Online |
Download Datasheet |
|
|
|
QuickLogic Corp.
|
Part No. |
QL5032 QL5232 QL5030 QL5064 QL5130
|
OCR Text |
...d 64-bit PCI buses at speeds of 33mhz, 66MHz, and 75MHz High Density - Up to 122K gates of programmable logic with up to 25.3K bits of embed...32-bit, 33mhz target-only devices, while the QL5032 and QL5232 are 32-bit, 33mhz master/target contr... |
Description |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 33 MHz/32-bit PCI Target with Embedded Programmable Logic and Dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 66 MHz/64-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(66MHz/64位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM
|
File Size |
170.57K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
QuickLogic, Corp.
|
Part No. |
962PB_DS V962PBC-33B2
|
OCR Text |
... PCI bus can be run at the full 33mhz frequency, independent of local bus clock rate. The overall throughput of the system is dramatically i...32-bytes of read FIFO's in each direction, 16-byte dedicated for each aperture. V962PBC also include... |
Description |
PCI BUS CONTROLLER, PQFP160 EIAJ, PLASTIC, QFP-160 From old datasheet system
|
File Size |
78.35K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
意法半导
|
Part No. |
STE10
|
OCR Text |
...lock with frequency from 0hz to 33mhz n supports network operation with pci system clock from 20mhz to 33mhz n provides performance meter an...32 ad-13 v ss -pci ad-14 c-beb1 ad-15 33 ad-12 34 35 36 37 38 v dd -ir ad-9 v ss -pci ad-11 ad-10 59... |
Description |
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
|
File Size |
412.90K /
66 Page |
View
it Online |
Download Datasheet |
|
|
|
Yellow Stone, Corp.
|
Part No. |
961PB_DS V961PBC-33B2
|
OCR Text |
... PCI bus can be run at the full 33mhz frequency, independent of local bus clock rate. The overall throughput of the system is dramatically i...32-bytes of read FIFO's in each direction, 16-byte dedicated for each aperture. V961PBC also include... |
Description |
PCI BUS CONTROLLER, PQFP160 EIAJ, PLASTIC, QFP-160 From old datasheet system
|
File Size |
82.14K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|