Part Number Hot Search : 
AS1D15 14001BC CLP0513 4304502 PI45P KT772 FT838D 0ETTS
Product Description
Full Text Search
  32.0db Datasheet PDF File

For 32.0db Found Datasheets File :: 2561    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RFP-1882-32-27

RFHIC
Part No. RFP-1882-32-27
OCR Text ...t * High efficiency RFP-1882-32-27 Application * US-PCS Repeater Description This HPA Module is a high gain, wide dynamic range amp...0dB (peak to peak) 1.0dB (max) Fc885KHz @ 30KHz RBW Fc1.98MHz @ 30KHz RBW 1.5 :1 (max) to 50 4.2V0.1...
Description HPA Module

File Size 402.60K  /  3 Page

View it Online

Download Datasheet





    RFP-1962-32-27

RFHIC
Part No. RFP-1962-32-27
OCR Text ...1db (min) gain flatness g 1.0db (peak to peak) gain variation g temp 1.0db (max) fc885khz @ 30khz rbw -45dbc spurious emission @ cdma 7fa 32dbm se fc1.98mhz @ 30khz rbw -48dbc input/output vswr s11/s22 1.5 :1 (max) to 50 ...
Description HPA Module

File Size 402.97K  /  3 Page

View it Online

Download Datasheet

    WOLFSON[Wolfson Microelectronics plc]
Part No. WM8773
OCR Text ...dio output word lengths from 16-32 bits and sampling rates from 8kHz to 96kHz are supported. The audio data interface supports I2S, left jus...0dB) (5V tolerant) Note : Digital input pins have Schmitt trigger input buffers and are 5V tolera...
Description 24-bit, 96kHz ADC with 8 Channel I/P Multiplexer

File Size 265.37K  /  30 Page

View it Online

Download Datasheet

    WOLFSON[Wolfson Microelectronics plc]
Part No. WM8774IFV WM8774IFT
OCR Text ...dio output word lengths from 16-32 bits and sampling rates from 8kHz to 96kHz are supported. A stereo 24-bit multi-bit sigma delta DAC is us...0dB) (5V tolerant) Note : Digital input pins have Schmitt trigger input buffers and are 5V tolera...
Description 24 - bit, 192kHz 8 - Channel Input Stereo Codec

File Size 348.96K  /  42 Page

View it Online

Download Datasheet

    意法半导
Part No. TDA7412
OCR Text ...37 36 35 ACINLF 34 33 32 31 30 29 28 27 26 25 24 23 SWINR SWINL MD2G CREF MD2 SE1L SE1R FD1L+/SE3L FD1L-/SE2L FD...0dB; f = 1kHz; unless otherwise specified Symbol INPUT SELECTOR Rin VCL SIN GIN MIN GIN MAX GSTEP V...
Description CARRADIO SIGNAL PROCESSOR

File Size 724.74K  /  56 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XRD98L61_01 XRD98L61 XRD98L61AIV
OCR Text ...EFin AGND RESET PD 36 35 34 33 32 31 30 29 28 27 26 25 PIN CONFIGURATION ADCinP ADCinN ExtRef CapP CapN AGND AVDD OVER DB11 DB10 DB9 ...0dB) Digital Inputs (Digital Input Thresholds are Set by DVDD) VIH VIL IIH IIH IIL IIL IIL / IIH ...
Description CCD Image Digitizers with CDS, PGA and 12-Bit A/D

File Size 388.98K  /  38 Page

View it Online

Download Datasheet

    SONY
Part No. CXA2509AQ
OCR Text ... DIREF 30 PBFB2 31 PBRIN2 32 29 28 27 26 25 24 23 24dB NC 22 21 20 MSMODE 19 DRSW 120/70 x1 PBREF2...0dB = Line amplifier reference output level LINEOUT of -6dBm) TAPEIN input sensitivity AUXIN input s...
Description Playback Equalizer Amplifier with Music Sensor

File Size 276.25K  /  21 Page

View it Online

Download Datasheet

    AK4358 AK4358VQ AKD4358

AKM[Asahi Kasei Microsystems]
Part No. AK4358 AK4358VQ AKD4358
OCR Text ...ailable Digital De-emphasis for 32, 44.1 & 48kHz sampling Zero Detect function Channel Independent Digital Attenuator with soft-transition (...0dB). Output voltage scales with the voltage of VREFH pin. AOUT (typ. @0dB) = (AOUT+)-(AOUT-) = 2.5V...
Description 192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT

File Size 451.02K  /  35 Page

View it Online

Download Datasheet

    AK4381 AK4381VT AKD4381

AKM[Asahi Kasei Microsystems]
Part No. AK4381 AK4381VT AKD4381
OCR Text ...rsampling (Double Speed Mode) o 32 times Oversampling (Quad Speed Mode) o 24-Bit 8 times FIR Digital Filter o On chip SCF o Digital de-empha...0dB). Output voltage scales with the voltage of VREF, AOUT (typ.@0dB)=(AOUT+)-(AOUT-)=2.75Vpp x VREF...
Description 192KHz 108dB DAC, differential outputs
108DB 192KHZ 24-BIT 2CH DAC

File Size 228.06K  /  21 Page

View it Online

Download Datasheet

    AK4564VQ AK4564 AKD4564

AKM
Asahi Kasei Microsystems
Part No. AK4564VQ AK4564 AKD4564
OCR Text ...16 DVSS 28 HVDD 30 HVCM 31 AVSS 32 AVDD 33 VCOM 41 MVSS 42 MVDD 43 MPWR 44 MRF Operation Clock 7 BCLK 8 MCLK 9 LRCK 13 SDTI 14 SDTO MIC Bloc...0dB. Note 17. Input from INTL, INTR, EXTL or EXTR pins. Pre-Amp Gain = + 23.9dB, PRE = "1", IVOL = +...
Description 16bit Mic/Hp/Spk AMP & D-ALC/EQ
16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP

File Size 378.47K  /  48 Page

View it Online

Download Datasheet

For 32.0db Found Datasheets File :: 2561    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 32.0db

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51186203956604