Part Number Hot Search : 
FLU10XM MBF170 Z0410DE V15G02 2SD21 93C86 LTC1514 TC494
Product Description
Full Text Search
  30v Datasheet PDF File

For 30v  Found Datasheets File :: 33650    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA2012 2SC5565

SANYO[Sanyo Semicon Device]
Part No. 2SA2012 2SC5565
OCR Text ...bol ICBO IEBO hFE fT Cob VCB=(-)30v, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)500mA VCE=(-)10V, IC=(-)500mA VCB=(-)10V, f=1MHz 200 (350) 420 (30)20 Conditions Ratings min typ max (-)0.1 (-)0.1 560 MHz MHz pF Unit A A Continued on next page....
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.24K  /  5 Page

View it Online

Download Datasheet





    2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA

SANYO[Sanyo Semicon Device]
Matsshita / Panasonic
Part No. 2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA
OCR Text ... ton tstg tf Conditions VCB=(--)30v, IE=0 VEB=(--)4V, IC=0 VCE=(--)2V, IC=(-)500mA VCE=(--)10V, IC=(--)500mA VCB=(--)10V, f=1MHz IC=(--)4A, IB=(-)200mA IC=(--)2.5A, IB=(-)50mA IC=(--)2.5A, IB=(-)50mA IC=(--)10A, IE=0 IC=(--)1mA, RBE= IE=(-)...
Description Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
TRANSISTOR | BJT | PNP | 30v V(BR)CEO | 9A I(C) | TO-252VAR
DC / DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP / NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 37.49K  /  5 Page

View it Online

Download Datasheet

    2SA2048

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA2048
OCR Text 30v, -1.0A) 2SA2048 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -1.0A) 2) Low saturation voltage, typically (Typ. : -150mV at IC = -500mA, IB = -50mA) 3) Strong discharge power for inductive load and capacitance load. 4) ...
Description Medium power transistor (−30v, −1.0A)
Medium power transistor (-30v, -1.0A)

File Size 42.46K  /  4 Page

View it Online

Download Datasheet

    2SA2049

ROHM[Rohm]
Part No. 2SA2049
OCR Text 30v, -2.0A) 2SA2049 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -2.0A) 2) Low saturation voltage, typically (Typ. : -250mV at IC = -1.0A, IB = -100mA) 3) Strong discharge power for inductive load and capacitance load. 4) ...
Description MEDIUM POWER TRANSISTOR

File Size 42.56K  /  4 Page

View it Online

Download Datasheet

    2SA2087

ROHM[Rohm]
Part No. 2SA2087
OCR Text 30v, -2A) 2SA2087 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -2A) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -1.0A, IB = -100mA) 3) Strong discharge power for inductive load and capacitance load. 4) Comp...
Description Power transistor

File Size 81.04K  /  4 Page

View it Online

Download Datasheet

    2SA2113

ROHM[Rohm]
Part No. 2SA2113
OCR Text 30v, -2A) 2SA2113 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -2A) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -1A, IB = -0.1A) 3) Strong discharge power for inductive load and capacitance load. 4) Complem...
Description Medium power transistor ( 30v/2A)
Medium power transistor (−30v, −2A)
Medium power transistor (-30v, -2A)

File Size 42.97K  /  4 Page

View it Online

Download Datasheet

    2SA473

Wing Shing Computer Components
Part No. 2SA473
OCR Text ...CE(sat) FT Test Condition VCB= -30v , IE=0 VEB= -5V , IC=0 VCE= -1V , IC=-0.1A IC=-2A , IB=-0.2A VCE= -2V , IC=-0.5A Min Typ Max -10 10 240 -0.8 100 Unit A A 70 V MHZ Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http:/...
Description PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)

File Size 68.34K  /  1 Page

View it Online

Download Datasheet

    2SB1011 B1011

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1011 B1011
OCR Text ... VCE=-5V fT I E 120 VCB=-30v f=200MHz TC=25C Forward current transfer ratio hFE -10 Ta=75C 160 Transition frequency fT (MHz) -10 -100 200 100 80 -1 TC=75C 25C -25C 120 25C -25C 60 80 40 ...
Description 2SB1011
Silicon PNP triple diffusion planar type

File Size 77.42K  /  4 Page

View it Online

Download Datasheet

    2SB1033

WINGS[Wing Shing Computer Components]
Part No. 2SB1033
OCR Text ...CE(sat) fT Test Condition VCB= -30v , IE=0 VEB=-5V , IC=0 VCE= -5V , IC=-1A IC=-2A , IB=-0.2A VCE= -2V , IC=-0.5A Min Typ Max 100 100 120 1.0 8 V MHZ Unit A A Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing...
Description PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)

File Size 68.29K  /  1 Page

View it Online

Download Datasheet

    2SB1073

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1073
OCR Text ...fT Cob *1 Conditions VCB = -30v, IE = 0 VEB = -7V, IC = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -2A*2 IC = -3A, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz min typ ...
Description Silicon PNP epitaxial planer type(For low-frequency amplification)

File Size 34.72K  /  2 Page

View it Online

Download Datasheet

For 30v  Found Datasheets File :: 33650    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 30v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.97008013725281