Part Number Hot Search : 
BCM61 2N5680 24052 35M189 AME8827 MP4403 TW8811 PG1021
Product Description
Full Text Search
  30v 15v Datasheet PDF File

For 30v 15v Found Datasheets File :: 12905    Search Time::3.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA

ETC
ANACHIP[Anachip Corp]
Part No. AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA
OCR Text ...ID=-250uA VDS=-15v, ID=-8A VDS=-30v, VGS=0V VDS=-24V, VGS=0V VGS=20V ID=-4.6A, VDS=-15v, VGS=-10V VDS=-15v, ID=-1A, RG=6, VGS=-10V RD=15 VGS=0V, VDS=-15v, f=1.0MHz Min. -30 -1 Typ. -0.037 20 36 5.5 3.5 12 8 75 40 1530 900 280 Max. 20 35 -3 ...
Description P-Channel 30-V (D-S) MOSFET
P-Channel Enhancement Mode Power MOSFET

File Size 245.21K  /  6 Page

View it Online

Download Datasheet





    APM4835 APM4835KC-TR APM4835KC-TU

Anpec Electronics Corporation
ETC[ETC]
ANPEC[Anpec Electronics Coropration]
http://
Part No. APM4835 APM4835KC-TR APM4835KC-TU
OCR Text 30v/-8A, RDS(ON) = 16m(typ.) @ VGS = -10V RDS(ON) = 24m(typ.) @ VGS = -4.5V Super High Density Cell Design Reliable and Rugged SO-8 Package ...15v, V GS= -10V, ID= -4.6A 10 9 16 VDD= -25V, ID= -2A, VGEN= -10V, RG=6 RL=12.5 VGS =0V, VDS =-25V F...
Description P-Channel Enhancement Mode MOSFET

File Size 125.16K  /  9 Page

View it Online

Download Datasheet

    CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5

Calogic LLC
CALOGIC[Calogic, LLC]
Part No. CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5
OCR Text ... VIN 10V IOUT = 10mA, IIN = 5.30v 0 IOUT 800mA, 4.80 VIN 10V IOUT = 10mA, IIN = 7.00V 0 IOUT 800mA, 6.50 VIN 12V Output Voltage...15v, VOUT 0 IOUT 800mA, 0 IOUT 800mA, 0 IOUT 800mA, 0 IOUT 800mA, IL = 100mA IL = 500mA IL =...
Description GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结
800mA Low Dropout Regulator SCSI-II Active Terminator

File Size 47.09K  /  4 Page

View it Online

Download Datasheet

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text ...600 -- VGE = 0V 130 -- pF VCC = 30v See Fig. 7 55 -- = 1.0MHz 42 60 ns TJ = 25C See Fig. 14 IF = 15A 74 120 TJ = 125C 4.0 6.0 A TJ = 25C Se...15v 20s PULSE WIDTH 10 1 5 6 7 VCC = 50V 5s PULSE WIDTH 8 9 10 V CE, Collector-to-Emitter...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet

    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text 30v N-Channel PowerTrench SyncFETTM General Description The FDS6680S is designed to replace a single SO-8 MOSFET and Schottky diode in syn...15v 6 VDS = 5V 10V 3000 2500 2000 1500 1000 500 0 0 10 20 Qg, GATE CHARGE (nC) 30 40 0 10 20 30 V...
Description 30v N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    GA100TS120U

IRF[International Rectifier]
Part No. GA100TS120U
OCR Text ...J -- 52 -- VGE = 0V -- pF VCC = 30v -- = 1 MHz -- ns IC = 100A -- A RG1 = 15 -- C RG2 = 0 -- A/s VCC = 720V di/dt1300A/s 2 www.irf.co...15v 80s PULSE WIDTH 2.0 3.0 4.0 1 5 6 V CC = 50V 5s PULSE WIDTH 7 8 VCE , Collector-to-Em...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 268.82K  /  10 Page

View it Online

Download Datasheet

    GA125TS120U

IRF[International Rectifier]
Part No. GA125TS120U
OCR Text ...d -- 75 -- VGE = 0V -- pF VCC = 30v -- = 1 MHz -- ns IC = 125A -- A RG1 = 15 -- nC RG2 = 0 -- A/s VCC = 720V di/dt =1448A/s 2 www.irf...15v 80s PULSE WIDTH 1.5 2.0 2.5 3.0 1 4.0 V CE = 25V 80s PULSE WIDTH 5.0 6.0 7.0 8.0 VCE ...
Description 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
HALF-BRIDGE IGBT INT-A-PAK

File Size 220.37K  /  10 Page

View it Online

Download Datasheet

    GA50TS120U

IRF[International Rectifier]
Part No. GA50TS120U
OCR Text ...d -- 24 -- VGE = 0V -- pF VCC = 30v -- = 1 MHz -- ns IC = 50A -- A RG1 = 15 -- nC RG2 = 0 -- A/s VCC = 720V di/dt = 1200A/s 2 www.irf...15v 80s PULSE WIDTH GE 2.0 2.5 3.0 1 4.0 V = 25V 80s PULSE WIDTH CE 5.0 6.0 7.0 8.0 VCE...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 208.85K  /  10 Page

View it Online

Download Datasheet

    GA75TS120U GA75TS120UPBF

IRF[International Rectifier]
Part No. GA75TS120U GA75TS120UPBF
OCR Text ...d -- 45 -- VGE = 0V -- pF VCC = 30v -- = 1 MHz -- ns IC = 75A -- A RG1 = 15 -- nC RG2 = 0 -- A/s VCC = 720V di/dt = 1300A/s 2 www.irf...15v 80s PULSE WIDTH GE 1.5 2.0 2.5 10 T = 25 C J 1 10 1.0 0.1 4.0 V = 25V 80s PU...
Description    Ultra-FastTM Speed IGBT
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
75 A, 1200 V, N-CHANNEL IGBT

File Size 255.15K  /  10 Page

View it Online

Download Datasheet

    IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR

IRF[International Rectifier]
Part No. IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR
OCR Text ...0V, See Fig. 6 and 13 --- VDD = 30v --- ID = 50A ns --- RG = 3.6 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from p...15v 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP 1000 VGS 15v 10V 8.0V 7.0V 6.0V 5.5V 5.0V B...
Description 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?

File Size 122.02K  /  10 Page

View it Online

Download Datasheet

For 30v 15v Found Datasheets File :: 12905    Search Time::3.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 30v 15v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2807521820068