Part Number Hot Search : 
6B10V 1010C SC618 4805S 1010C SMCJ6 AT91S ON2752
Product Description
Full Text Search
  300mw Datasheet PDF File

For 300mw Found Datasheets File :: 1409    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HX1-144390-10 HX1-144800-10 HX1-1694125-3

Radiometrix Ltd
Part No. HX1-144390-10 HX1-144800-10 HX1-1694125-3
OCR Text ...r ampli fier circuit to produce 300mw rf output and available for operation on 169.4-169.475mhz europea n licence exempt frequency band. applications asset tracking and tracing meter reading systems automatic position re...
Description VHF Narrow Band FM 300mw Transmitter

File Size 525.49K  /  9 Page

View it Online

Download Datasheet





    SP4-DC12V SP4-DC24V SP4-DC3V SP4-DC48V SP4-DC5V SP4-DC6V SP4-L2-DC12V SP4-L2-DC24V SP4-L2-DC3V SP2-DC5V SP2-DC24V SP2-DC

Panasonic Semiconductor
Part No. SP4-DC12V SP4-DC24V SP4-DC3V SP4-DC48V SP4-DC5V SP4-DC6V SP4-L2-DC12V SP4-L2-DC24V SP4-L2-DC3V SP2-DC5V SP2-DC24V SP2-DC3V SP2-DC6V SP2-DC48V
OCR Text ...l voltage (initial) 100ma 30 ? 300mw 150%v of nominal voltage 5v dc 60.2ma 83 ? 6v dc 50ma 120 ? 12v dc 25ma 480 ? 24v dc 12.5ma 1,920 ? 48v dc 6.2ma 7,700 ? nominal coil voltage set voltage (at 20 c 68 f ) reset voltage (at 20 c ...
Description 2c 15A, 4c 10A polarized power relays

File Size 104.12K  /  6 Page

View it Online

Download Datasheet

    MAXIM[Maxim Integrated Products]
Part No. MAX9712 MAX9712EUB MAX9712ETB MAX9712EBC-T
OCR Text ...VIH VIL 2 0.8 1 5 V A A POUT = 300mw, fIN = 1kHz 800 85 FFM SSM FFM SSM 980 1280 MIN TYP 88 86 91 89 1100 1450 1220 120 2000 kHz % 1220 1620 kHz dB MAX UNITS MAX9712 Note 1: All devices are 100% production tested at +25C. All tempera...
Description 500mW, Low Emi, Filterless, Class D Audio Amplifier

File Size 533.37K  /  18 Page

View it Online

Download Datasheet

    SP4-P-DC24V SP4-P-L5V

Panasonic Semiconductor
Part No. SP4-P-DC24V SP4-P-L5V
OCR Text ...l voltage (initial) 100ma 30 ? 300mw 150%v of nominal voltage 5v dc 60.2ma 83 ? 6v dc 50ma 120 ? 12v dc 25ma 480 ? 24v dc 12.5ma 1,920 ? 48v dc 6.2ma 7,700 ? nominal coil voltage set voltage (at 20 c 68 f ) reset voltage (at 20 c ...
Description 2c 15A, 4c 10A polarized power relays

File Size 92.07K  /  5 Page

View it Online

Download Datasheet

    DSP1A-L-DC5V DSP1A-L2-DC24V DSP1A-L2-DC12V DSP1A-L2-DC3V DSP1A-DC24V DSP1A-DC3V DSP1A-DC12V DSP2A-DC3V DSP2A-DC24V DSP2A

Panasonic Semiconductor
Part No. DSP1A-L-DC5V DSP1A-L2-DC24V DSP1A-L2-DC12V DSP1A-L2-DC3V DSP1A-DC24V DSP1A-DC3V DSP1A-DC12V DSP2A-DC3V DSP2A-DC24V DSP2A-DC12V DSP1-DC3V-F DSP1-DC6V-F DSP1-DC9V-F DSP1-DC12V-F DSP1-DC24V-F DSP1-DC5V-F DSP1-L2-DC12V-F DSP1-L2-DC5V-F DSP1-L2-DC3V-F DSP1-L2-DC6V-F DSP1-L2-DC24V-F DSP1-L2-DC9V-F DSP1A-DC3V-12
OCR Text ...l voltage (initial) 100ma 30 ? 300mw 130%v of nominal voltage 5v dc 60ma 83 ? 6v dc 50ma 120 ? 9v dc 33.3ma 270 ? 12v dc 25ma 480 ? 24v dc 12.5ma 1,920 ? nominal coil voltage set voltage (at 20 c 68 f ) reset voltage (at 20 c 68 ...
Description 1a 8A, 1a1b/2a 5A small polarized power relays

File Size 115.17K  /  6 Page

View it Online

Download Datasheet

    M68706H 68706H

Mitsubishi Electric Corporation
Mitsubishi Electric Semiconductor
Part No. M68706H 68706H
OCR Text ...8 Unit MHz W % dBc dBc - Pin=300mw, VCC1, 2, 3=12.5V, ZG=ZL=50 -30 -30 2.8 No degradation or destroy VCC1, 2, 3=15.2V, PO=20W (Pin:Controlled), ZG=50, Load VSWR=20:1 (All phase) Note. Above parameters, ratings, limits and test c...
Description RF POWER MODULE 300-308MHz, 12.5V, 20W, FM MOBILE RADIO
From old datasheet system

File Size 28.04K  /  2 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. IDT70V07L25PFI
OCR Text ...r operation ? idt70v07s active: 300mw (typ.) standby: 3.3mw (typ.) ? idt70v07l active: 300mw (typ.) standby: 660 w (typ.) interrupt flag idt70v07 easily expands data bus width to 16 bits or more using the master/slave select when...
Description HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80

File Size 166.05K  /  18 Page

View it Online

Download Datasheet

    IDT
Part No. IDT70V07L35PF
OCR Text ...r operation ? idt70v07s active: 300mw (typ.) standby: 3.3mw (typ.) ? idt70v07l active: 300mw (typ.) standby: 660 m w (typ.) u u u u u idt70v07 easily expands data bus width to 16 bits or more using the master/slave select when cascading mor...
Description 32K x 8 3.3V Dual-Port

File Size 178.37K  /  17 Page

View it Online

Download Datasheet

For 300mw Found Datasheets File :: 1409    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 300mw

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6035449504852