Part Number Hot Search : 
AQW212 B39881 BD157 GF32C3 BD157 IRHM9150 SPN4972B IR1169S
Product Description
Full Text Search
  300 500ma Datasheet PDF File

For 300 500ma Found Datasheets File :: 6842    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 61083-300 61083 61083-001 61083-002 61083-101 61083-102
OCR Text ...O 50 50 75 100 100 100 50 50 300 450 nA nA - hfe1 hfe2 Forward-Current Transfer Ratio hfe3 hfe4 hfe5 hfe6 1 1 Collector-E...500ma, IB = 50mA IC = 150mA, IB = 15mA IC = 500ma, IE = 50mA 1 1 1 1 Base-Emitter Saturation V...
Description Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR

File Size 81.67K  /  2 Page

View it Online

Download Datasheet





    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 61090-300 61090 61090-001 61090-002 61090-101 61090-102
OCR Text ...Ratio hfe3 hfe4 hfe5 hfe6 300 - 1 1 Collector-Emitter Saturation Voltage VCE (SAT) 0.30 1.0 V V V V IC = 150mA, IB = 15mA IC = 500ma, IB = 50mA IC = 150mA, IB = 15mA IC = 500ma IB = 50mA 1 1 1 1 Base-Emitter...
Description SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
TV 11C 11#12 SKT PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR

File Size 80.24K  /  2 Page

View it Online

Download Datasheet

    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 61084-300 61084 61084-001 61084-002 61084-101 61084-102
OCR Text ...Ratio hfe3 hfe4 hfe5 hfe6 300 - 1 1 Collector-Emitter Saturation Voltage VCE (SAT) 0.30 1.0 V V V V IC = 150mA, IB =15mA IC = 500, IB = 50mA IC = 150mA, IB = 15mA IC = 500ma, IE = 50mA 1 1 1 1 Base-Emitter S...
Description TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR

File Size 81.23K  /  2 Page

View it Online

Download Datasheet

    KC24AH-300 KC24AH-350 KC24AH-500 KC24AH-600 KC24AH-700

MORNSUN Science& Technology Ltd.
Part No. KC24AH-300 KC24AH-350 KC24AH-500 KC24AH-600 KC24AH-700
OCR Text ...UCT PROGRAM Part Number KC24AH-300 KC24AH-350 KC24AH-500 KC24AH-600 KC24AH-700 Input Voltage(V) Normal 24 24 24 24 24 Range 5.5-36 5.5-36 5...500ma, 600mA, 700mA. The KC24AH series is fully featured with very high efficiency, wide input volta...
Description PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER

File Size 87.20K  /  2 Page

View it Online

Download Datasheet

    N888 STN888

STMicroelectronics
Part No. N888 STN888
OCR Text ...-20V -1.2 200 200 100 100 55 35 300 -0.7 -1.0 -1.2 -1.1 -30 -45 -6 -0.15 -0.35 -0.70 ____TC = 100C Min. Typ. Max. -10 -100 -10 Unit A A A V ...500ma V V V V V V V V VBE(sat) Note: 1 Base-Emitter Saturation Voltage hFE Note: 1 DC...
Description HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR

File Size 88.72K  /  9 Page

View it Online

Download Datasheet

    MAX8600

Maxim Integrated Products
Part No. MAX8600
OCR Text ...450 80 60 4.2 4.2 -150 1000 750 300 75 475 95 75 1.2 3 0.001 3.1 5 4.221 4.234 -120 1050 773 320 90 500 100 90 ms V A mA mA V mV (Note 3) In...500ma IBAT < 112.5 / RSETI AND VOLTAGE MODE TOP-OFF POK = LOW, CHG = HIGH TOP-OFF TIMEOUT DONE...
Description (MAX8600 / MAX8601) Single-/Dual-Input 1-Cell Li Chargers

File Size 200.52K  /  12 Page

View it Online

Download Datasheet

    2N4401G-T92-K 2N4401G-T92-B

Unisonic Technologies
Part No. 2N4401G-T92-K 2N4401G-T92-B
OCR Text ...PulseWidth300s, Duty Cycle2% 300 0.4 0.75 0.95 1.2 V V V V MHz pF pF k x10-4 mhos ns ns ns ns 6.5 30 15 8 500 30 15 20 225 30 UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw 2 of 6 QW-R201-052.C 2N4401 TEST CIRCUITS 3...
Description NPN GENERAL PURPOSE AMPLIFIER

File Size 206.25K  /  6 Page

View it Online

Download Datasheet

    Diodes
Part No. AP8801
OCR Text ...r Rating -0.3~50 -0.3~50 150 300 -65 to +150 Unit V V o o o C C C Lead Temperature Soldering Storage Temperature Range Cauti...500ma LED Step-down Converter Application Information www.datasheet4u.com LED Current Control...
Description Step-down DC/DC Converter

File Size 181.31K  /  11 Page

View it Online

Download Datasheet

    M63840FP M63840KP M63840P

Mitsubishi Electric Semiconductor
Part No. M63840FP M63840KP M63840P
OCR Text ... 1.5 M63840FP 1.0 0.931 -300 Ta= 85 -200 Ta= 25 0.572 0.354 -100 Ta= -40 M63840KP 0.5 0 0 25 50 75 85 100 0 ...500ma Source Type Darlington Transistor-Array With Clamp Diode Duty-Cycle-Output Current Characte...
Description 8-Unit 500ma Source Type Darlington Transistor-Array With Clamp Diode

File Size 1,382.30K  /  7 Page

View it Online

Download Datasheet

    BP5042-15

Rohm
Part No. BP5042-15
OCR Text ...0 Output Current Io(mA) 500 400 300 200 100 0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Ambient Temperature Ta(*Z) Operation Range Derating Curve *-1 Maximum output current varies depending on ambient temperature ; please refer to deratin...
Description AC-TO-DC VOLTAGE CONVERTER

File Size 385.20K  /  3 Page

View it Online

Download Datasheet

For 300 500ma Found Datasheets File :: 6842    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 300 500ma

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.4220368862152