Part Number Hot Search : 
EGP10 LM3522 N3904 0924H TIP122 TA8263 UY1104B 00ETT
Product Description
Full Text Search
  3.9m Datasheet PDF File

For 3.9m Found Datasheets File :: 1113    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P MC6800S MC68A00CL MC68A00CP MC68A00CS MC68A00L MC68A00P MC68A00S MC682

MOTOROLA[Motorola, Inc]
Part No. MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P MC6800S MC68A00CL MC68A00CP MC68A00CS MC68A00L MC68A00P MC68A00S MC6828 MC68BOOP MC68BOOS MC68BOOL MC6844 MC6854 MC6808 MC6852 MC68B00 MC68622 MC6843 MCM6810 6800 MC6802 MC6821 MC6822 MC6829 MC6835 MC6839 MC6840 MC6845 MC6846 MC6847 MC6847Y MC68488 MC6850 MC6859
OCR Text ....J.* .+,t~ INFORMATION @l [ 3 KQ [ 4 342 VMA [ 5 m[ 6 36 ]DBE 35 ]N, C. 34 ]Rl~ 33 ] DO 32 ]Dl 31 ] D2 30 ] D3 29 ] D4 28 ] D...9m 9m 9W -- - - Unit MHz Characteristic MC~ MC68AO0 MCWBW M Cm M C@AW MC~BW @l, @2 - MCmN @l, @2 ...
Description 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
8-BIT MICROPROCESSING UNIT (MPU)

File Size 3,992.33K  /  32 Page

View it Online

Download Datasheet





    CXL5508M CXL5508P

Sony, Corp.
SONY[Sony Corporation]
Part No. CXL5508M CXL5508P
OCR Text ... * Input clock amplitude VCLK 0.3 to 1.0 Vp-p (0.5Vp-p typ.) * Clock frequency fCLK 8.867238 MHz * Input clock waveform Sine wave Input Sign...9M CXL5508M/P Application Circuit 2fSC 0.5Vp-p sine wave 5V 3.3 1000p 1 1000p 12 7 6 ...
Description CMOS-CCD 1H Delay Line for PAL CMOS与CCD延迟线上半年为PAL制式

File Size 103.44K  /  9 Page

View it Online

Download Datasheet

    MK1422 MK1422S MK1422STR K142

Integrated Circuit Syst...
ICST[Integrated Circuit Systems]
Yamaha, Corp.
Part No. MK1422 MK1422S MK1422STR K142
OCR Text ...s not used. See the MK14223 for 3.3V. Features * Packaged in 8 pin SOIC * Input crystal or clock frequency of 14.318 MHz * Output clock ...9M 1 2 3 4 8 7 6 5 X2 PD 33.9m 24.6M V 0.1F 2 7 PD 33.9mHz out 33 (optional) ...
Description OPL3/4 Codec Portable Clock Source OPL3 / 4编解码器便携式时钟源

File Size 43.07K  /  4 Page

View it Online

Download Datasheet

    MPC2605 MPC2605ZP66 MPC2605ZP66R

MOTOROLA[Motorola, Inc]
Micro Electronics
Part No. MPC2605 MPC2605ZP66 MPC2605ZP66R
OCR Text ...for Improved Performance Single 3.3 V Power Supply 5 V Tolerant I/O One, Two, or Four Chip Cache Solution (256KB, 512KB, or 1MB) Single Cloc...9M, 16M, 4N, 16N, 7T, 8T, 12T, 13T, 5U - 7U, 12U - 14U 3F, 3R Pin Name TRST TS TSIZ0 - TSIZ2 TT0 ...
Description Integrated Secondary Cache for PowerPC Microprocessors

File Size 287.91K  /  30 Page

View it Online

Download Datasheet

    AN3328S

PANASONIC CORP
Panasonic Semiconductor
Part No. AN3328S
OCR Text ...t of recording current by AGC * 3-step switchover of recording current level with the current emphasis switch (typ. 1.8 dB) 0.65 0.10 1.5...9M I M / I7 CT1 CT2 D3-14 D5-14 Conditions VCC = 5.0 V REC / PB SW: High VCC = 5.0 V REC / PB SW:...
Description Circular Connector; No. of Contacts:18; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
2-head recording and playback amplifier IC A2 for HiFi VCR

File Size 74.39K  /  8 Page

View it Online

Download Datasheet

    CF5705AA CF5705AD CF5705AE CF5705BC CF5705CF CF5705CG CF5705

Nippon Precision Circui...
NPC[Nippon Precision Circuits Inc]
Seiko NPC Corporation
Part No. CF5705AA CF5705AD CF5705AE CF5705BC CF5705CF CF5705CG CF5705
OCR Text ...tor circuit CG and CD built-in -3.6 to -1.2 V operating supply voltage range s Operating current consumption * VSS = -1.55V, CD = 16pF...9m 23.4m 23.4m 5.9m 4.9m 3.9m Test (Tcy) sec 125m 125m 125m 125m 62.5m 62.5m Built-in capacitor 1 CG...
Description Analog Watch Stepping Motor Driver

File Size 58.16K  /  7 Page

View it Online

Download Datasheet

    DS002AKA

DAICO Industries, Inc.
SONY[Sony Corporation]
Part No. DS002AKA
OCR Text ...r cooling) C Connector 2 1 2 3 To lamp Connector 1 1 3 SCI GND +5V 4.7k Signal output (Flag output) Pin Description Connector 1 DC ...9m 8.7m 10.3m 12.6m 12.6m 11.6m -8.0m -6.2m 1.7m 8.4m 10.3m 12.7m 12.7m 11.8m -7.9m -6.2m 1.6m 8.1m ...
Description Single-Panel Liquid Crystal Optical Engine for Rear Projectors

File Size 292.08K  /  13 Page

View it Online

Download Datasheet

    ICX074AL

SONY[Sony Corporation]
Part No. ICX074AL
OCR Text ... 9 8 7 6 5 4 3 Vertical Register Note) Horizontal Register 1 Horizontal Register 2 HIG1 1 VOUT2 CGG1 V1 Note) : Photo sensor 12 13 14 15 16 17 18 19 20 21 22 ...
Description From old datasheet system
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras

File Size 234.12K  /  21 Page

View it Online

Download Datasheet

    ICX074 ICX074AK

SONY[Sony Corporation]
Part No. ICX074 ICX074AK
OCR Text ... 8 7 6 5 V2 4 3 G B G B G B G G R G R G R B G B G B G Note) Vertical Register R G R G R Horizontal Register 1 Horizontal Register 2 HIG1 1 V3 Note) : Photo sensor 12 13 14 15 ...
Description From old datasheet system
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras

File Size 241.56K  /  21 Page

View it Online

Download Datasheet

For 3.9m Found Datasheets File :: 1113    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.9m

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59982204437256