Part Number Hot Search : 
AT220 IRF7805 RGC20MH 4553B USD432 BC846B SMA20 HMC44909
Product Description
Full Text Search
  3.4v 29.5dbm Datasheet PDF File

For 3.4v 29.5dbm Found Datasheets File :: 112    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    CXA1910 CXA1910Q

SONY[Sony Corporation]
Part No. CXA1910 CXA1910Q
OCR Text ... ON PBTC2 40 1 2 3 4 5 6 7 8 9 10 LINEOUT2 TAPEIN2 PBOUT2 MSLPF D IREF NC2 TC2 V...4V for signal detection; 5.0V for no signal detection Z (in) -- VDD=5V Equivalent circuit ...
Description Dolby B Type Noise Reduction System with Playback Equalizer

File Size 385.10K  /  18 Page

View it Online

Download Datasheet





    CXA1998BQ CXA1998

SONY[Sony Corporation]
Part No. CXA1998BQ CXA1998
OCR Text ...D VDD 14 RMUTEI 1 2 3 4 5 6 7 8 9 GND GND FP CAL 48 10k 20k 13 PBMUTE 10 11 12 R...4V -- 105k Playback equalizer negative feedback. 1k 41 42 147 70k 43 44 x6 30p x6 210k 1...
Description Recording/Playback Equalizer Amplifier

File Size 486.77K  /  28 Page

View it Online

Download Datasheet

    CXA1998 CXA1998AQ

SONY[Sony Corporation]
Part No. CXA1998 CXA1998AQ
OCR Text ...D VDD 14 RMUTEI 1 2 3 4 5 6 7 8 9 GND GND FP CAL 48 10k 20k 13 PBMUTE 10 11 12 R...4V -- 105k Playback equalizer negative feedback. 1k 41 42 147 70k 43 44 x6 30p x6 210k 1...
Description Recording/Playback Equalizer Amplifier

File Size 692.76K  /  28 Page

View it Online

Download Datasheet

    CXG1012N

http://
Sony Corporation
Part No. CXG1012N
OCR Text ...yp.) 29 dBm at 2.0 GHz VCTL (H)=3.0V 33 dBm at 2.0 GHZ VCTL (H)=4.0 V Application Antenna switch for digital cordless telephones Structure G...4V VCTL (H) =3V -10 0 Insertion loss (dB) VCTL (H) =3 VCTL (H) =4V VCTL (H) =5V Isolation -...
Description High-Frequency SPDT Antenna Switch
From old datasheet system

File Size 75.02K  /  4 Page

View it Online

Download Datasheet

    MAX2106 MAX2106UCM

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX2106 MAX2106UCM
OCR Text ...FINRFIN+ GND GND QDCQDC+ 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 36 35 34 33 32 31 30 29 28 27 26 25 PLLINPL...4V, CIOUT_ = CQOUT_ = 10pF, FLCLK = 2MHz, RFIN_ = unconnected, RIOUT_ = RQOUT_ = 10k, VLOBUFSEL = 0....
Description DBS Direct Downconverter

File Size 178.98K  /  10 Page

View it Online

Download Datasheet

    MAX2232 MAX2232EEE MAX2233EEE MAX2233

MAXIM - Dallas Semiconductor
Maixm
MAXIM[Maxim Integrated Products]
Part No. MAX2232 MAX2232EEE MAX2233EEE MAX2233
OCR Text ... power at 915MHz from a single +3.6V supply, or 150mW (+22dBm) from a single +2.7V supply. At +24dBm output power, power-added efficiency (P...4V (MAX2232) SHDN (MAX2232), D0, D1 (MAX2233) SHDN (MAX2232), D0, D1 (MAX2233) MAX2232 MAX2232 V SHD...
Description 900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control

File Size 154.58K  /  8 Page

View it Online

Download Datasheet

    CXA1498M CXA1498S

SONY[Sony Corporation]
Part No. CXA1498M CXA1498S
OCR Text ...A/B DECK- B PB 210k 100k PB FB2 3 4 PB OUT MS OUT DECK -B EQ 8 AGC TC 11 BIAS & I REF REC EQ CONTROL AGC DET PB IN1 1 PB IN2 2 P...4V I/O 100k VGS x4 GND 200 10k 200 100k 5k AGC pins for varying the input resistance accor...
Description Recording/Playback Equalizer Amplifier for Stereo Tape Recorder

File Size 377.18K  /  13 Page

View it Online

Download Datasheet

    CXA1580Q

Sony Corporation
Part No. CXA1580Q
OCR Text ...orward/Reverse head switching * 3-input selector switch (TAPE, CD, RADIO) * Small package (40-pin QFP) * Dolby B type noise reduction and pl...4V 0V -- 150k 70k Equivalent circuit Refer to Page 6. (Ta=25C, Vcc=8.0V, no signal) Description P...
Description Dolby B Type Noise Reduction System with Playback Equalizer

File Size 349.07K  /  17 Page

View it Online

Download Datasheet

    CXA1898Q

SONY[Sony Corporation]
Part No. CXA1898Q
OCR Text ...2 AMS GAIN 48 AMS GND 1 2 3 4 5 6 10k D11 GND 13 R MUTE1 7 8 9 10 11 12 GND AGC OUT1 REC OUT1 ...4V -- 105k 10k Playback equalizer negative feedback. 1k 41 42 43 147 70k x6 x6 1k x2 ...
Description Recording/Playback Equalizer Amplifier

File Size 658.52K  /  26 Page

View it Online

Download Datasheet

    SiGe
Part No. PA2423
OCR Text ...on 1.1. The PA2423L operates at 3.3V DC. At typical output power level (+22.5 dBm), its current consumption is 125 mA. The silicon/silicon-g...4V Output Power variation over temperature (-40C < TA <+85C) Control Voltage Sensitivity Power Added...
Description Amplifier

File Size 198.04K  /  10 Page

View it Online

Download Datasheet

For 3.4v 29.5dbm Found Datasheets File :: 112    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.4v 29.5dbm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66569113731384