Part Number Hot Search : 
MOC302 WM2152 87C575 PL001 87C575 2SC3180 00C12 P12P06
Product Description
Full Text Search
  3.2ghz Datasheet PDF File

For 3.2ghz Found Datasheets File :: 1450    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    XR1006-QD0708

Mimix Broadband
Part No. XR1006-QD0708
OCR Text ... (Tch) +4.5 VDC 180, 165 mA +0.3 VDC 0.0 dBm -65 to +165 OC -55 to MTTF Table 3 MTTF Table 3 (3) Channel temperature affects a device's ...2GHz] 23 24 25 26 20 XR1006-QD, LSB Conversion Gain (dB) over Temperature '@ 85C '@ 25C '@ -4...
Description 17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm

File Size 653.89K  /  8 Page

View it Online

Download Datasheet





    CHR3794-QDG20 CHR3794-QDG21 CHR3694-QDG20 CHR3694-QDG21 CHR3694-QDG-11

United Monolithic Semiconductors
United Monolithic Semic...
Part No. CHR3794-QDG20 CHR3794-QDG21 CHR3694-QDG20 CHR3694-QDG21 CHR3694-QDG-11
OCR Text ...f if frequency range dc 3.5 ghz g conversion gain @ vgc= - 2v conversion gain @ vgc=0v 8 11 10 14 db db es...2ghz, f_rf= 2xf_lo - f_if, vgc=0v versus temperature conversion gain @ freq_if= 2ghz,...
Description 37-40GHz Integrated Down converter
   37-40GHz Integrated Down converter

File Size 490.77K  /  18 Page

View it Online

Download Datasheet

    TLP808TELTV

List of Unclassifed Manufacturers
Part No. TLP808TELTV
OCR Text ...filtering can accommodate up to 3 transformers without blocking remaining outlets $150,000 ultimate lifetime insurance (usa and canada only)...2ghz gold coaxial surge protection modem/fax surge protection $150,000 ultimate lifetime insurance (...
Description 8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor

File Size 509.63K  /  5 Page

View it Online

Download Datasheet

    TIM6472-4UL

Toshiba Semiconductor
Part No. TIM6472-4UL
OCR Text .... 36.5 9.5 1.1 36 -47 1.1 1.3 0.6 1.3 80 f = 6.4 to 7.2GHz add IM3 dBc A C Recommended gate resistance(Rg) : Rg= 150 (MAX.) ELECTRICAL CHARACTERISTICS ( Ta= 25C ) CHARACTERISTICS Transconductance Pinch-off Voltage Sat...
Description MICROWAVE POWER GaAs FET

File Size 43.97K  /  4 Page

View it Online

Download Datasheet

    VENUSL_KG_QP1S VENUSL/KG/QP1S VENUS-L

Zarlink Semiconductor Inc.
http://
Part No. VENUSL_KG_QP1S VENUSL/KG/QP1S VENUS-L
OCR Text ... Pin Description Pin No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin Name CDMA IF CDMA IFB VCC LO 2GHZ GND RF 900 GND CHIP ENABLE AMPS IF AMPS IFB VCC LO 1GHZ GND RF 1900 GND BAND 1900 Description CDMA (1900MHz mixer) IF SAW output CDMA (...
Description Dual Band RF Receiver for CDMA/AMPS
CDMA/AMPS Dual Band and RF Receiver

File Size 286.37K  /  8 Page

View it Online

Download Datasheet

    MAX104 MAX104CHC

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX104 MAX104CHC
OCR Text ... to +5V for compatibility with +3.3V or +5V referenced systems. Control inputs are provided for interleaving additional MAX104 devices to in...2GHz Track/Hold Amplifier MAX104 ABSOLUTE MAXIMUM RATINGS VCCA to GNDA ..............................
Description 5V / 1Gsps / 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
【5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

File Size 634.35K  /  32 Page

View it Online

Download Datasheet

    MAX106 MAX106CHC

MAXIM[Maxim Integrated Products]
Part No. MAX106 MAX106CHC
OCR Text ... to +5V for compatibility with +3.3V or +5V referenced systems. Control inputs are provided for interleaving additional MAX106 devices to in...2GHz Full-Power Analog Input Bandwidth o 7.6 Effective Bits at fIN = 300MHz (Nyquist frequency) o 0....
Description 【5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier

File Size 752.85K  /  32 Page

View it Online

Download Datasheet

    MAX108 MAX108CHC

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX108 MAX108CHC
OCR Text ... to +5V for compatibility with +3.3V or +5V referenced systems. Control inputs are provided for interleaving additional MAX108 devices to in...2GHz Track/Hold Amplifier MAX108 ABSOLUTE MAXIMUM RATINGS VCCA to GNDA ..............................
Description 5V / 1.5Gsps / 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
【5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

File Size 425.63K  /  32 Page

View it Online

Download Datasheet

    PI3EQX4951B

Pericom Semiconductor Corporation
Part No. PI3EQX4951B
OCR Text 3.0gbps diferential signal pairs ? independent digital output emphasis control ? 100 diferential cml i/os ? input signal level detect...2ghz 1.2ghz-2.4ghz 2.4ghz-3.0ghz 3.0 ghz-5.0ghz 18 14 10 8 3 1 db rl cc11_rx rx common mode return l...
Description 3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration

File Size 780.86K  /  9 Page

View it Online

Download Datasheet

    SPM-2045

STANFORD[Stanford Microdevices]
Part No. SPM-2045
OCR Text ...3 20 30 30 35 10 10 Typ. Max. 2.3 2.3 500 The information provided herein is believed to be reliable at press time. Sirenza Microdevices ...2GHz band. This mixer features a wide latitude in LO power requirements. Conversion loss remains qui...
Description High Linearity Passive FET Mixer

File Size 192.45K  /  9 Page

View it Online

Download Datasheet

For 3.2ghz Found Datasheets File :: 1450    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.2ghz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0968010425568