Part Number Hot Search : 
LT1057MJ BZA456A LM317T 71024 9C51R 133TF1T N5551 136MBSP
Product Description
Full Text Search
  3-pin Datasheet PDF File

For 3-pin Found Datasheets File :: 313329    Search Time::4.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SP6641BEK-L-3-3

Exar Corporation
Part No. SP6641BEK-L-3-3
OCR Text ...ingle or dual cell alkaline to 3.3v or 5v output sp6641b provides up to 500ma output current with less than 50mvpp ripple ...pin 1 to 2 position. if j1 is in the pin 2 to 3 position, th e shutdown pin is brought to gnd, wh...
Description Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output

File Size 83.59K  /  5 Page

View it Online

Download Datasheet





    UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S
OCR Text 3.3 Volts @ 30 Amps 100 Watt, DC/DC Converters Features s s s s s s s s s s s s s Regulated 3.3V output @ 30 Amps Input range: 36V-75...pin 3 position. No Suffix On/Off Control function (positive polarity) N S Negative polarity on/off c...
Description 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
Single Output UHP Models

File Size 67.86K  /  4 Page

View it Online

Download Datasheet

    MACOM[Tyco Electronics]
Part No. ESSM-3-3-75
OCR Text 3 Way 0 Power Divider -- 40 - 870 MHz o ESSM-3-3-75 ESSM-3-3-75 o E-Series 3-Way 0 Power Divider 40 - 870 MHz Features * * * ...Pin Temp (10 Sec) Storage Temperature Absolute Maximum 1 Watt 0.125 Watt 260C -55C to 100C Functi...
Description E-Series 3-Way 0 Power Divider 40 - 870 MHz

File Size 196.40K  /  2 Page

View it Online

Download Datasheet

    BOURNS[Bourns Electronic Solutions]
Part No. M20W-48D5-3-3 M20W
OCR Text ...............................5 & 3.3 V Output Current...........................3.5 & 5.5 A Ripple + Noise (mV pkpk) typ. .......30 & 20 Efficiency (typ.) ...................................87 % General Information The M20W power module ...
Description Power Module

File Size 155.33K  /  2 Page

View it Online

Download Datasheet

    AT-232-PIN

Tyco Electronics
Part No. AT-232-PIN
OCR Text ...Pin Configuration Pin No. 1 2 3 4 5 6 7 Function VC1 /VC1 VC2 /VC2 VC3 /VC3 VC4 /VC4 Pin No. 9 10 11 12 13 14 15 16 Function RF2 GND GND GND GND GND GND RF1 Ordering Information Part Number AT-232-PIN 8 The metal bo...
Description Digital Attenuator, 30.0dB, 4-Bit, TTL Driver, DC - 2.0 GHz

File Size 157.45K  /  4 Page

View it Online

Download Datasheet

    SW-415-PIN

M/A-COM Technology Solutions, Inc.
Part No. SW-415-PIN
OCR Text ... ON Absolute Maximum Ratings 3 Parameter Max Input Power 0.05 GHz 0.5 - 2.0 GHz Control Voltage Operating Temperature Storage Temperatu...PIN Matched GaAs SP4T Switch, DC - 2 GHz Electrical Specifications: TA = -55C to +85C 1 Parameter...
Description Matched GaAs SP4T Switch, DC - 2 GHz

File Size 39.46K  /  3 Page

View it Online

Download Datasheet

    AT-233-PIN MAAD-007228-0001TR MAAD-007228-0001TB

MACOM[Tyco Electronics]
Part No. AT-233-pin MAAD-007228-0001TR MAAD-007228-0001TB
OCR Text ...Pin Configuration Pin No. 1 2 3 4 5 6 7 Function RF1 GND GND GND GND GND GND RF2 Pin No. 9 10 11 12 13 14 15 16 Function NC +5V -5V C4 C3 C2 C1 GND Ordering Information Part Number AT-233-pin MAAD-007228-0001TR MAAD-00722...
Description Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz

File Size 164.91K  /  4 Page

View it Online

Download Datasheet

    SW-214-PIN

Tyco Electronics
Part No. SW-214-PIN
OCR Text 3 GHz Features * * * * * Fast Switching Speed: 6 nS Typical Ultra Low DC Power Consumption Terminated 50 Ohm Nominal Impedance MIL-STD-883 screening available SW-214-PIN V3 Functional Block Diagram Description Ordering Informati...
Description GaAs SPST Switch, DC - 3 GHz

File Size 108.23K  /  3 Page

View it Online

Download Datasheet

    SW-393-PIN SW-393SMB SW-393TR SW-393

MACOM[Tyco Electronics]
Part No. SW-393-pin SW-393SMB SW-393TR SW-393
OCR Text ...n Configuration 4 Pin No. 1 2 3 4 Ordering Information 1 Part Number SW-393-pin SW-393TR SW-393SMB Function GND RF1 GND GND Pin No. 5 6 7 8 Function GND CTL RF2 GND Package Bulk Packaging 1000 piece reel Sample Board ...
Description GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz

File Size 125.85K  /  3 Page

View it Online

Download Datasheet

    SW-314-PIN SW-314-TB

Tyco Electronics
Part No. SW-314-PIN SW-314-TB
OCR Text 3.0 GHz Features * * * * * * * * Integral TTL Driver Isolation: 50 dB Typ. At 1 GHz Ultra Low DC Power Consumption Hermetic Surface Mount ...PIN V6 Functional Block Diagram PIN 13 C3 C4 GND GND GND RF3 GND C2 PIN 12 C1 Vcc Vee GND RF2 GND ...
Description GaAs SP4T Absorptive Switch, DC-3.0 GHz

File Size 156.93K  /  4 Page

View it Online

Download Datasheet

For 3-pin Found Datasheets File :: 313329    Search Time::4.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3-pin

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0594658851624