Part Number Hot Search : 
ICS8705 4001G XXXAB R2501 ADR4540 BDP283 AN8010 2SC37
Product Description
Full Text Search
  2SB1426T93 PQ Datasheet PDF File

For 2SB1426T93 PQ Found Datasheets File :: 1+       Page :: | <1> |   

    Lattice Semiconductor, Corp.
MERITEK Electronics, Corp.
Part No. 2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC1740LNT93/RS 2SA1835STP/NP 2SB1426T93/PQ 2SA933ALNT93R 2SA825T93P 2SA1515T93P 2SD2144STP/UV 2SA1198T93/S 2SA1038T93/S 2SD1468S/Q 2SD1468S/QS 2SC2058/P 2SC2058S/NG 2SD1960
Description 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92

File Size 105.33K  /  2 Page

View it Online

Download Datasheet