Part Number Hot Search : 
DS128 Z5240B SA100CA NL17S 9152EUE NCBSE1 C864132 AMPHENOL
Product Description
Full Text Search
  2a 800v Datasheet PDF File

For 2a 800v Found Datasheets File :: 1123    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5003

SANKEN[Sanken electric]
Part No. 2SC5003
OCR Text ...IC=1A VCE=5V, IC=5A IC=5A, IB=1.2a IC=5A, IB=1.2a IEC=7A VCE=12V, IE=-0.5A VCB=10V, f=1MHz 0.80.2 15.60.2 23.00.3 9.50.2 Equivalent circuit B C ( 50 ) E Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)

File Size 24.73K  /  1 Page

View it Online

Download Datasheet





    2SC5035

PANASONIC[Panasonic Semiconductor]
Part No. 2SC5035
OCR Text ... IE = 0 VEB = 5V, IC = 0 IC = 0.2a, L = 25mH VCE = 5V, IC = 0.1A VCE = 5V, IC = 3A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A VCE = 10V, IC = 0.5A, f = 1MHz IC = 3A, IB1 = 0.6A, IB2 = - 0.6A, VCC = 200V 8 1.5 3 1.0 500 15 8 1 1.5 V V MHz s s s m...
Description Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)

File Size 61.01K  /  3 Page

View it Online

Download Datasheet

    2SC5077 2SC5077A

Panasonic, Corp.
PANASONIC[Panasonic Semiconductor]
Part No. 2SC5077 2SC5077A
OCR Text ...ural convection. (1) PT=10V x 0.2a (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink Thermal resistance Rth(t) (C/W) 1000 100 (1) 10 (2) 1 0.1 10-4 10-3 10-2 10-1 ...
Description Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 7 A, 500 V, NPN, Si, POWER TRANSISTOR

File Size 61.72K  /  3 Page

View it Online

Download Datasheet

    2SK2764-01R

FUJI ELECTRIC HOLDINGS CO., LTD.
FUJI[Fuji Electric]
Part No. 2SK2764-01R
OCR Text ...S=0V Tch=125C VGS=30V VDS=0V ID=2a VGS=10V ID=2a VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=4A VGS=10V RGS=10 Tch=25C L = 100H IF=2xIDR VGS=...800v 4 2SK2764-01R FAP-IIS Series Drain-Source On-State Resistance vs. Tch RDS(on) = f(Tch)...
Description N-channel MOS-FET

File Size 292.33K  /  2 Page

View it Online

Download Datasheet

    22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 22RIA120M 22RIA160M 22RIA80MS90 22RIA80S90 22RIA 22RIA10 22RIA100 22R

IRF[International Rectifier]
International Rectifier, Corp.
Part No. 22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 22RIA120M 22RIA160M 22RIA80MS90 22RIA80S90 22RIA 22RIA10 22RIA100 22RIA100M 22RIA100MS90 22RIA100S90 22RIA10M 22RIA10MS90 22RIA10S90 22RIA120 22RIA120MS90 22RIA120S90 22RIA140 22RIA140M 22RIA140MS90 22RIA140S90 22RIA160 22RIA160MS90 22RIA160S90 22RIA20 22RIA20M 22RIA20MS90 22RIA20S90 22RIA60 22RIA60M 22RIA60MS90 22RIA60S90 22RIA80 22RIA80M
OCR Text ...ase TO-208AA (TO-48) 1/4" 28UNF-2a M = Stud base TO-208AA (TO-48) M6 X 1 5 - Critical dv/dt: None = 300V/s (Standard value) S90 = 1000V/s (Special selection) 4 www.irf.com 22RIA Series Bulletin I2403 rev. A 07/00 Outli...
Description 800v 22a Phase Control SCR in a TO-208AA (TO-48) package
1600V 35A Phase Control SCR in a TO-208AA (TO-48) package
1400V 35A Phase Control SCR in a TO-208AA (TO-48) package
1200V 22a Phase Control SCR in a TO-208AA (TO-48) package
1000V 22a Phase Control SCR in a TO-208AA (TO-48) package
100V 22a Phase Control SCR in a TO-208AA (TO-48) package
600V 22a Phase Control SCR in a TO-208AA (TO-48) package
MEDIUMPOWERTHYRISTORS
400V 22a Phase Control SCR in a TO-208AA (TO-48) package
Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes
MEDIUM POWER THYRISTORS 中功率晶闸管

File Size 224.50K  /  9 Page

View it Online

Download Datasheet

    AVS100CB AVS10CB-AVS10CBI-AVS100CB AVS2ACP08 AVS10CB AVS10CBI AVS20 AVS200

STMicroelectronics N.V.
意法半导
ST Microelectronics
SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. AVS100CB AVS10CB-AVS10CBI-AVS100CB AVS2aCP08 AVS10CB AVS10CBI AVS20 AVS200
OCR Text ...off (di/dt)c limitation) Figure 2a : Correlation between maximum mean power dissipation and maximum allowable temperatures (TA and TC) for d...800v INSULATED Suffix PACKAGE B : UNINSULATED TO220 OPERATING TEMPERATURE : C = 0/70 C OPER...
Description AUTOMATIC VOLTAGE SWITCH SMPS < 300W
ER 2C 2#8 SKT PLUG 自动电压开关开关电源00W
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
AUTOMATIC VOLTAGE SWITCH (SMPS
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
AUTOMATIC VOLTAGE SWITCH SMPS 300W

File Size 155.96K  /  8 Page

View it Online

Download Datasheet

    KSC5386

FAIRCHILD[Fairchild Semiconductor]
Part No. KSC5386
OCR Text ...= 5V, IC = 1.0A IC = 5A, IB = 1.2a IC = 5A, IB = 1.2a IF = 6A VCC = 200V, IC = 4A, IB1 = 0.8A, IB2 = -1.6A, RL = 50 40 8 Min. Typ. Max. 1 10 250 22 4.2 1.5 2 0.2 V V V s Units mA A mA Thermal Characteristics TC=25C unless otherwise noted...
Description High Voltage Color Display Horizontal Deflection Output

File Size 741.08K  /  5 Page

View it Online

Download Datasheet

    NTE56010 NTE56004 NTE56006 NTE56008 NTE56009

NTE[NTE Electronics]
Part No. NTE56010 NTE56004 NTE56006 NTE56008 NTE56009
OCR Text .... . . . . . . . . . . . . . . . 2a Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . ....
Description (NTE56004 - NTE56010) TRIAC / 15 Amp
TRIAC, 15 Amp
200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220

File Size 19.49K  /  2 Page

View it Online

Download Datasheet

    BUT56A

WINGS[Wing Shing Computer Components]
Part No. BUT56A
OCR Text ...IC=0 IC=5A, IB=0.5A IC=5A, IB=1.2a VCE= 10V , IC=500mA IC=4A, IB=0.4A IC=4A, IB=0.6A IC=5A, IB=1.0A Min Typ Max 5 1 2.5 2.5 Unit mA mA V V MHZ S S S 10 0.75 0.5 0.5 Wing Shing Computer Components Co., (H.K.)Ltd. Homepage:...
Description NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)

File Size 20.21K  /  1 Page

View it Online

Download Datasheet

    FS1UM-16A

Mitsubishi Electric Corporation
Mitsubishi Electric Semiconductor
Part No. FS1UM-16A
OCR Text ...0V 40 16 20V 30 ID = 2a 12 20 1A 0.5A 8 10 4 0 10-2 2 3 5 710-1 2 3 5 7 100 2 3 5 7 101 DRAIN CURRENT ID (A) 0 0 4 8 12 16 20 GATE-SOURCE VOLTAGE VGS (V) TRANSFER CHARACTERISTICS (TYPICA...
Description Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
HIGH-SPEED SWITCHING USE

File Size 40.31K  /  4 Page

View it Online

Download Datasheet

For 2a 800v Found Datasheets File :: 1123    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2a 800v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.6887121200562