Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
  29a Datasheet PDF File

For 29a  Found Datasheets File :: 408    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    821-IF80.0M-29A

Oscilent Corporation
Part No. 821-IF80.0M-29a
OCR Text ...roduct description 821-if80.0m-29a 80.0 mhz if saw filter 29.65 mhz bandwidth specification contents o mechanical dimensions o test circuit o maximum ratings o electrical specification o frequency response o smith chart o vswr...
Description 80.0 MHz IF SAW Filter 29.65 MHz Bandwidth

File Size 213.87K  /  6 Page

View it Online

Download Datasheet





    K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 K73-21 K73-21R K75-74 K75-90 K73-56 K73-13 K75-63 K78-20 K78-5 K78-16

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
http://
Part No. K75-29a K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 K73-21 K73-21R K75-74 K75-90 K73-56 K73-13 K75-63 K78-20 K78-5 K78-16 K73-11 K73-43 K73-46 K73-62 K73-39 K73-50 K74-7 K75-85 K75-40 K75-65M K78-12 K78-37 K78-39 K75-89 K75-83 K75-59 K75-88 K75-86 K75-91 K75-84 K75-69K K75-60 K78-41 K78-42 K78-21 K73-57 K73-31 K73-14M K73-24B K73-17M K73-59 K73-54 K78-29 K78-19 K75-81 K75-49 K73-15M
OCR Text ...aper - film capacitors 75-15 75-29a 75-40 75-48M 75-49 75-54 75-59 75-60 75-63 75-65 75-69 75-74 75-80 75-81 75-82 75-83 75-84 75-85 75-86 75-88 75-89 75-90 75-91 ....................................................................... ........
Description Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk
FILM AND PAPER-FILM CAPACITORS
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk
CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk

File Size 2,754.10K  /  176 Page

View it Online

Download Datasheet

    ADL5380-29A-EVALZ ADL5380 ADL5380-30A-EVALZ ADL5380ACPZ-R7 ADL5380ACPZ-WP

Analog Devices
Part No. ADL5380-29a-EVALZ ADL5380 ADL5380-30A-EVALZ ADL5380ACPZ-R7 ADL5380ACPZ-WP
OCR Text 400 MHz to 6 GHz Quadrature Demodulator ADL5380 FEATURES Operating RF and LO frequency: 400 MHz to 6 GHz Input IP3 30 dBm @ 900 MHz 28 dBm @1900 MHz Input IP2: >65 dBm @ 900 MHz Input P1dB (IP1dB): 11.6 dBm @ 900 MHz Noise figure (NF) 10....
Description 400 MHz to 6 GHz Quadrature Demodulator

File Size 725.53K  /  36 Page

View it Online

Download Datasheet

    ADL5380-29A-EVALZ ADL5380-30A-EVALZ ADL5380ACPZ-R7 ADL5380ACPZ-WP ADL5380

Analog Devices
Part No. ADL5380-29a-EVALZ ADL5380-30A-EVALZ ADL5380ACPZ-R7 ADL5380ACPZ-WP ADL5380
OCR Text ...PZ-WP ADL5380-30A-EVALZ ADL5380-29a-EVALZ Temperature Range -40C to +85C -40C to +85C Package Description 7" Tape and Reel Waffle Pack Evaluation Board for operation < 3GHz Evaluation Board for operation from 3GHz to 4GHz Package Option ...
Description 400 to 6000MHz Quadrature Demodulator

File Size 271.54K  /  10 Page

View it Online

Download Datasheet

    IRL2910 L2910

International Rectifier
Part No. IRL2910 L2910
OCR Text ... ID = 1mA 0.026 VGS = 10V, ID = 29a 0.030 VGS = 5.0V, ID = 29a 0.040 VGS = 4.0V, ID = 24A 2.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 29a 25 VDS = 100V, VGS = 0V A 250 VDS = 80V, VGS = 0V, TJ = 150C 100 VGS = 16V nA -100 VGS = -16V...
Description RES THICK FILM POWER 10 OHM 5W
HEXFET Power MOSFET

File Size 120.70K  /  8 Page

View it Online

Download Datasheet

    IRLI2910

IRF[International Rectifier]
Part No. IRLI2910
OCR Text ...0A 28 --- --- S VDS = 50V, ID = 29a --- --- 25 VDS = 100V, VGS = 0V A --- --- 250 VDS = 80V, VGS = 0V, TJ = 150C --- --- 100 VGS = 16V nA --- --- -100 VGS = -16V --- --- 140 ID = 29a --- --- 20 nC VDS = 80V --- --- 81 VGS = 5.0V, See Fig. 6...
Description HEXFET Power MOSFET

File Size 140.03K  /  8 Page

View it Online

Download Datasheet

    IRFZ44ESPBF

International Rectifier
Part No. IRFZ44ESPBF
OCR Text ...?? ??? 1.3 v t j = 25c, i s = 29a, v gs = 0v t rr reverse recovery time ??? 69 104 ns t j = 25c, i f = 29a q rr reverse recovery charge ??? 177 266 nc di/dt = 100a/s t on forward turn-on time intrinsic turn-on time is negligible...
Description Advanced Process Technology

File Size 234.15K  /  11 Page

View it Online

Download Datasheet

    TIP29 TIP29B

Boca Semiconductor Corporation
Part No. TIP29 TIP29B
OCR Text 29a, 29B, 29C TIP30, 30A, 30B, 30C General Purpose Amplifier and Switching Applications PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR BSC NPN PLASTIC POWER TRANSISTORS PNP PLASTIC POWER TRANSISTORS 4 1 2 3 ...
Description General purpose Amplifier and Switching Applications

File Size 23.54K  /  2 Page

View it Online

Download Datasheet

    Advanced Power Technolo...
ADPOW[Advanced Power Technology]
Part No. APT8024JLL_04 APT8024JLL APT8024JLL04
OCR Text 29a 0.240 POWER MOS 7 (R) R MOSFET G S D S Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching (R) losses are addressed with Power MOS 7 by s...
Description Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.

File Size 161.53K  /  5 Page

View it Online

Download Datasheet

For 29a  Found Datasheets File :: 408    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 29a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.8676450252533