Part Number Hot Search : 
TSM1013 AN2N3 101M06 FM1246 M00000 ADV71 KTD20 KBPC1506
Product Description
Full Text Search
  28C64AX-20I K Datasheet PDF File

For 28C64AX-20I K Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Microchip Technology, Inc.
Part No. 28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15/K 28C64AF-20/K 28C64A-20/K 28C64A-25/K 28C64AF-25/K 28C64AX-20I/K 28C64AF-25I/K 28C64AF-15I/K
Description Evaluation Kit for the MAX5883, MAX5884, MAX5885
Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
128Kx8 EEPROM
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM

File Size 398.81K  /  7 Page

View it Online

Download Datasheet