Part Number Hot Search : 
UCA6474N L1923 MZT2977 BT3904 7401QN 2N5886G SLE442 E006276
Product Description
Full Text Search
  275v Datasheet PDF File

For 275v Found Datasheets File :: 333    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VISAY[Vishay Siliconix]
Vishay Intertechnology,Inc.
Vishay Intertechnology, Inc.
Part No. F1778-275v
OCR Text 275v Vishay Roederstein AC-Capacitors, Suppression Capacitors Class X2 AC 275v (Code pos. 9 = 2) (MKP) REFERENCE STANDARDS: EN 60068-1, EN 132 400, 1994 IEC-Publ. 60384-14/2, 1993; UL 1283, UL 1414 CSA 22.2 No. 8-M 86, CSA 22.2 No. 1-...
Description AC-Capacitors/ Suppression Capacitors Class X2 AC 275v (Code pos. 9 = 2) (MKP)
AC-Capacitors, Suppression Capacitors Class X2 AC 275v (Code pos. 9 = 2) (MKP) 交流电容器,抑制电容器级X2交流275v(代码名次 \u003d 2)(磷酸酶)

File Size 60.07K  /  3 Page

View it Online

Download Datasheet





    SUTEX[Supertex, Inc]
Part No. SR08X SR086 SR086SG-G SR087 SR087SG-G
OCR Text ...C to 270VAC 50/60HZ 1.0kV 1A 275v 50A STGD5NB120SZ 1F VOUT 9-50VDC @ 100mA - IREG 470F 390k 1.1M GATE VIN 100nF R1 VGD VOUT FB = R2 VOUT 1.25V - 1 SR08x Enable EN GND VREG 3.3V or 5V @ 60mA 10...
Description Adjustable Off-Line Inductorless Switching Regulator

File Size 257.61K  /  7 Page

View it Online

Download Datasheet

    MAXIM[Maxim Integrated Products]
Part No. MAX8720ETX MAX8720 MAX8720EEI
OCR Text ...-Adjustable VOUT Slew Control 0.275v to 1.850V Output Adjust Range Remote Feedback and Ground Sense Supports Voltage-Positioned Applications 2V to 28V Battery Input Range 200kHz/300kHz/550kHz/1000kHz Switching Frequency Over/Undervoltage Pr...
Description From old datasheet system
Dynamically Adjustable 6-Bit VID Step-Down Controller

File Size 908.19K  /  31 Page

View it Online

Download Datasheet

    SUTEX[Supertex, Inc]
Part No. HV3527PG HV3527
OCR Text 275v, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs Ordering Information Package Options Device HV3527 Recommended Operating VPP Max 275v 80-Lead Quad Plastic Gullwing HV3527PG Features HVCMOS(R) technol...
Description 275v, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs

File Size 405.84K  /  5 Page

View it Online

Download Datasheet

    LT1213 LT1213ACN8 LT1213AMJ8 LT1213C LT1213CN8 LT1213CS8 LT1213M LT1213MJ8 LT1214 LT1214C LT1214CN LT1214CS

LINER[Linear Technology]
Part No. LT1213 LT1213ACN8 LT1213AMJ8 LT1213C LT1213CN8 LT1213CS8 LT1213M LT1213MJ8 LT1214 LT1214C LT1214CN LT1214CS
OCR Text ...l Packages Input Offset Voltage 275v Max Input Offset Voltage Drift 6V/C Max Input Offset Current 40nA Max Input Bias Current 200nA Max Open-Loop Gain 1200V/mV Min Single Supply Operation Input Voltage Range Includes Ground Output Swings to...
Description 28MHz/ 12V/us/ Single Supply Dual and Quad Precision Op Amps
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
28MHz 12V/us Single Supply Dual and Quad Precision Op Amps
From old datasheet system

File Size 391.13K  /  16 Page

View it Online

Download Datasheet

    Supertex Inc
SUTEX[Supertex, Inc]
Part No. HV254FG HV254
OCR Text ...rated circuit. It operates on a 275v high voltage supply and two low voltage supplies: +5.0V and -5.0V. Each channel has its own input and output. An integrated diode is included to help monitor die temperature. The input voltage can be fro...
Description 32-Channel High Voltage Amplifier Array

File Size 273.19K  /  7 Page

View it Online

Download Datasheet

    IRF244 IRF245 IRF246 IRF247

INTERSIL[Intersil Corporation]
Part No. IRF244 IRF245 IRF246 IRF247
OCR Text 275v and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs Description These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specif...
Description 14A and 13A, 275v and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
14A and 13A/ 275v and 250V/ 0.28 and 0.34 Ohm/ N-Channel Power MOSFETs

File Size 70.04K  /  7 Page

View it Online

Download Datasheet

    IRF234 IRF235 IRF236 IRF237

HARRIS SEMICONDUCTOR
INTERSIL[Intersil Corporation]
Intersil, Corp.
Part No. IRF234 IRF235 IRF236 IRF237
OCR Text 275v and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs Description These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specif...
Description 8.1A and 6.5A/ 275v and 250V/ 0.45 and 0.68 Ohm/ N-Channel Power MOSFETs
8.1A and 6.5A, 275v and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs 6.5 A, 275 V, 0.68 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA

File Size 68.51K  /  7 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. F1772-522-20 F1772-2000 F1772-310-20 F1772-312-20 F1772-315-20 F1772-318-20 F1772-322-20 F1772-327-20 F1772-333-20 F1772-339-20 F1772-347-20 F1772-356-20 F1772-368-20 F1772-382-20 F1772-410-20 F1772-412-20 F1772-415-20 F1772-418-20 F1772-422-20 F1772-427-20 F1772-433-20 F1772-439-20 F1772-447-20 F1772-456-20 F1772-468-20 F1772-482-20 F1772-510-20 F1772-512-20 F1772-515-20 F1772-518-20
OCR Text 275v (MKT) LEAD LENGTH X (mm) 4-1 6-1 15-1 30+5 ORDERING CODE*** F1772- . . . - 2004 F1772- . . . - 2000 F1772- . . . - 2015 F1772- . . . - 2030 H L Dimensions in mm W REFERENCE STANDARDS: EN 132 400, 1994 EN 60068-1 IEC 60384-14/2...
Description AC-Capacitors/ Suppression Capacitors
AC-Capacitors, Suppression Capacitors

File Size 72.05K  /  3 Page

View it Online

Download Datasheet

    MICROSEMI POWER PRODUCTS GROUP
ADPOW[Advanced Power Technology]
Part No. APT55M85LFLL APT55M85B2FLL APT55M85B2FLLG
OCR Text ...= 25V f = 1 MHz VGS = 10V VDD = 275v ID = 59A @ 25C VGS = 15V VDD = 275v ID = 59A @ 25C RG = 0.6 MIN TYP MAX UNIT pF 6590 1296 91 157 38 86 19 14 41 6 ns nC Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Tim...
Description 59 A, 550 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET
POWER MOS 7 FREDFET

File Size 68.01K  /  4 Page

View it Online

Download Datasheet

For 275v Found Datasheets File :: 333    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 275v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91464495658875