Description |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V cmos SyncFIFO? Low Voltage 28-bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 x 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 x 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 x 18 OTHER FIFO, 15 ns, PQFP64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 x 18 OTHER FIFO, 15 ns, PQFP64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K x 18 OTHER FIFO, 15 ns, PQFP64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K x 18 OTHER FIFO, 15 ns, PQFP64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K x 18 OTHER FIFO, 15 ns, PQFP64 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的cmos SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K x 18 OTHER FIFO, 6.5 ns, PQCC68 cmos SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K x 18 OTHER FIFO, 6.5 ns, PQFP64
|