Part Number Hot Search : 
AP01C 78310 U7001BG F1060 UHBM45 2SC36 TLE4276V HD6409
Product Description
Full Text Search
  256position Datasheet PDF File

For 256position Found Datasheets File :: 12    Search Time::1.125ms    
Page :: | <1> | 2 |   

    MAXIM - Dallas Semiconductor
DALLAS[Dallas Semiconductor]
Part No. DS1855 DS1855X-100 DS1855B-010 DS1855B-020 DS1855B-050 DS1855B-100 DS1855E-010 DS1855E-010_TR DS1855E-020 DS1855E-020_TR DS1855E-050 DS1855E-050_TR DS1855E-100 DS1855E-100_TR DS1855X-010 DS1855X-020 DS1855X-050 DS1855E-010/TR DS1855E-020/TR DS1855E-050/TR DS1855E-100/TR
OCR Text ...Pot H0 W0 L0 POTENTIOMETER 1 256position Pot H1 W1 L1 A0 A1 A2 LOCK BYTE LOCK BYTE RESERVED Up to eight DS1855s can be installed on a single 2-wire bus. Access to an individual device is achieved by using a device address that i...
Description Dual Nonvolatile Digital Potentiometer and Secure Memory

File Size 249.02K  /  20 Page

View it Online

Download Datasheet





    DS1855E-010_R DS1855E-010_T DS1855E-020_R DS1855E-020_T DS1855E-050_R DS1855E-050_T DS1855E-100_R DS1855E-100_T DS1855E-

Maxim Integrated Products, Inc.
Allegro MicroSystems, Inc.
Dallas Semiconducotr
Dallas Semiconductor
Part No. DS1855E-010_R DS1855E-010_T DS1855E-020_R DS1855E-020_T DS1855E-050_R DS1855E-050_T DS1855E-100_R DS1855E-100_T DS1855E-010/R DS1855E-010/T DS1855E-100/R DS1855E-020/R DS1855E-050/R DS1855E-020/T DS1855E-050/T DS1855E-100/T DS1855 DS1855B-010 DS1855B-050 DS1855E-050/TR DS1855X-100 DS1855E-020/TR DS1855X-050
OCR Text ...Pot H0 W0 L0 POTENTIOMETER 1 256position Pot H1 W1 L1 A0 A1 A2 LOCK BYTE LOCK BYTE RESERVED Up to eight DS1855s can be installed on a single 2-wire bus. Access to an individual device is achieved by using a device address that i...
Description Dual Nonvolatile Digital Potentiometer and Secure Memory 双非易失数字电位器及安全存储

File Size 252.97K  /  20 Page

View it Online

Download Datasheet

    Microchip Technology, Inc.
Microchip Technology Inc.
Part No. MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP41050T MCP42010T-I/ST MCP42100T-I/ST MCP42100-I/SL MCP42100T-I/SL MCP42050-I/P MCP42050-I/SL MCP42050-I/ST MCP41050-E/P MCP42050-E/P MCP42050-E/SL MCP42050-E/ST MCP41010 MCP41100 MCP42010 MCP42100 MCP41010T-E/SN MCP41050T-E/SN MCP41100T-E/SN MCP42010T-E/SL MCP42010T-E/ST MCP42050T-E/SL MCP42050T-E/ST MCP42100T-E/SL MCP41010-I/P MCP41010-I/SN MCP42010-I/P MCP42010-I/SL MCP42010-I/ST MCP41100-E/P MCP42100-E/P MCP42100-E/ST MCP41010-E/P MCP42010-E/P MCP42010-E/ST MCP41010-E/SN MCP42050T-I/ST MCP42050T-I/SL MCP41100-I/SN MCP41100T-I/SN MCP42010-E/SL MCP41010T-I/SN MCP41100-E/SN MCP41100-I/P MCP42100-E/SL MCP42100-I/P MCP42100-I/ST MCP42100T-E/ST MCP42010T-I/SL MCP42010-EP MCP42010-EST MCP42010-I MCP42010-ISL MCP42010T-IST MCP42050-IST MCP42100-ISL MCP42100-EP MCP41010-ISN MCP41010-EP MCP41010T MCP41010T-ISN MCP42050-ESL MCP42050-I MCP42050T-ISL MCP42050-EP MCP41100-EP MCP41100-ISN MCP41100T MCP41100T-ISN
OCR Text ...P41XXX and MCP42XXX devices are 256position, digital potentiometers available in 10 k, 50 k and 100 k resistance versions. The MCP41XXX is a single-channel device and is offered in an 8-pin PDIP or SOIC package. The MCP42XXX contains two in...
Description Single/Dual Digital Potentiometer with SPI?/a> Interface
Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI
The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ...
The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ...
The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ...
The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ...
The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The
The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The
The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The
The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha
The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha
The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha
400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN
The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ...
The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ...
IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC
Single/Dual Digital Potentiometer with SPI Interface
Single/Dual Digital Potentiometer with SPI?/a> Interface
Single/Dual Digital Potentiometer with SPI?Interface

File Size 662.36K  /  32 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text ...provide a single-/dual-channel, 256position, digitally controlled variable resistor (VR) device. These devices perform the same electronic adjustment function as a potentiometer, trimmer, or variable resistor. Each VR offers a completely pr...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

    http://
MAXIM - Dallas Semiconductor
DALLAS[Dallas Semiconducotr]
DALLAS[Dallas Semiconductor]
Maxim Integrated Products, Inc.
Part No. DS1847E-050 DS1847E-010 DS1847 DS1847-010 DS1847-050 DS1847B-010 DS1847B-050 DS1847E-010_R DS1847E-050_T DS1847E-010_T DS1847E-050_R DS1847E-010/R DS1847E-010/T DS1847E-050/R DS1847E-050/T
OCR Text ...riable Resistor consists of two 256position linear, variable resistors. The DS1847-050 consists of one 10kW and one 50kW, while the DS1847-010 consists of two 10kW resistors; both incorporate a direct-to-digital temperature sensor. The devi...
Description ER 37C 37#16 PIN PLUG RTANG 双温控非易失可变电阻
Dual Temperature-Controlled NV Variable Resistor 双温控非易失可变电阻
ER 37C 37#16 SKT PLUG RTANG 双温控非易失可变电阻

File Size 236.27K  /  17 Page

View it Online

Download Datasheet

    DS1848B-010 DS1848E-050 DS1848 DS1848B-050 DS1848E-010

Maxim Integrated Products, Inc.
http://
DALLAS[Dallas Semiconductor]
MAXIM - Dallas Semiconductor
Part No. DS1848B-010 DS1848E-050 DS1848 DS1848B-050 DS1848E-010
OCR Text ...riable Resistor consists of two 256position linear, variable resistors. The DS1848-050 consists of one 10kW and one 50kW, while the DS1848-010 consists of two 10kW resistors; both incorporate a direct-to-digital temperature sensor. The devi...
Description Dual Temperature-Controlled NV Variable Resistor & Memory 双温控非易失可变电阻
Dual Temperature-Controlled NV Variable Resistor & Memory

File Size 230.86K  /  17 Page

View it Online

Download Datasheet

    MCP42100 MCP42100-E_P MCP42100-E_ST MCP42100-I_SL MCP42100T MCP42100T-I_SL MCP42100T-I_ST MCP41010 MCP41010-E_P MCP41010

MICROCHIP[Microchip Technology]
Part No. MCP42100 MCP42100-E_P MCP42100-E_ST MCP42100-I_SL MCP42100T MCP42100T-I_SL MCP42100T-I_ST MCP41010 MCP41010-E_P MCP41010-I_SN MCP41010T MCP41010T-I_SN MCP41050 MCP41050-E_SN MCP41050-I_P MCP41050T MCP41100 MCP41100-E_P MCP41100-I_SN MCP41100T MCP41100T-I_SN MCP41XXX MCP42010 MCP42010-E_P MCP42010-E_ST MCP42010-I_SL MCP42010T MCP42010T-I_ST MCP42050-E_P MCP42050-E_SL MCP42050-I_ST MCP42050T MCP42050T-I_SL MCP42050T-I_ST MCP42050
OCR Text ...P41XXX and MCP42XXX devices are 256position, digital potentiometers available in 10 k, 50 k and 100 k resistance versions. The MCP41XXX is a single-channel device and is offered in an 8-pin PDIP or SOIC package. The MCP42XXX contains two in...
Description Single/Dual Digital Potentiometer with SPI⑩ Interface
SINGLE/DUAL DIGITAL POTENTIOMETER WITH SPI⒙ INTERFACE
Single/Dual Digital Potentiometer with SPI Interface

File Size 667.92K  /  33 Page

View it Online

Download Datasheet

    AD5260BRU200 AD5260BRU200-REEL7 AD5262BRU200 AD5262BRU200-REEL7 AD5262 AD5260 AD5260BRU20 AD5260BRU20-REEL7 AD5260BRU50

AD[Analog Devices]
Part No. AD5260BRU200 AD5260BRU200-REEL7 AD5262BRU200 AD5262BRU200-REEL7 AD5262 AD5260 AD5260BRU20 AD5260BRU20-REEL7 AD5260BRU50 AD5260BRU50-REEL7 AD5262BRU20 AD5262BRU20-REEL7 AD5262BRU50 AD5262BRU50-REEL7 3197
OCR Text ...vide a single- or dual-channel, 256position, digitally controlled variable resistor (VR) device.* These devices perform the same electronic adjustment function as a potentiometer or variable resistor. Each channel of the AD5260/ AD5262 cont...
Description From old datasheet system
15 V Operation Digital Potentiometers
1-/2-Channel 15 V Digital Potentiometers

File Size 800.75K  /  20 Page

View it Online

Download Datasheet

For 256position Found Datasheets File :: 12    Search Time::1.125ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 256position

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6190321445465