Part Number Hot Search : 
08775 2SC1213 ADL55 SS432G XR16L651 NJU7748 SMAJ5305 XGH24N60
Product Description
Full Text Search
  21 25w Datasheet PDF File

For 21 25w Found Datasheets File :: 1603    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF140SMD

International Rectifier
Seme LAB
Part No. IRF140SMD
OCR Text ... 22A 30 2.4 12 59 12 30.7 21 145 64 105 22 88 nC nC VDS = 0.5BVDSS VDD = 50V ID = 22A RG = 9.1W ns SOURCE - DRAIN DIODE CHARACTERISTICS Continuous Source Current Pulse Source Current 2 A V ns Diode Forward Voltage R...
Description N-CHANNEL POWER MOSFET

File Size 22.30K  /  2 Page

View it Online

Download Datasheet





    IRF530L IRF530NS IRF530NL

International Rectifier
Part No. IRF530L IRF530NS IRF530NL
OCR Text ...V 44 ID = 9.0A 6.2 nC VDS = 80V 21 VGS = 10V, See Fig. 6 and 13 --- VDD = 50V --- ID = 9.0A ns --- RG = 12 --- RD = 5.5, See Fig. 10 Betwe...25w, IAS = 9.0A. (See Figure 12) ISD 9.0A, di/dt 180A/s, VDD V(BR)DSS, TJ 175C ** When moun...
Description Power MOSFET(Vdss=100V/ Rds(on)=0.11ohm/ Id=17A)
HEXFET Power MOSFET
Power MOSFET(Vdss=100V, Rds(on)=0.11ohm, Id=17A)

File Size 174.65K  /  10 Page

View it Online

Download Datasheet

    AN78M12 AN78M12F AN78M09 AN78M09F AN78M20 AN78M20F AN78M24 AN78M24F AN78M00 AN78M00F AN78M05 AN78M05F AN78M06 AN78M06F A

Panasonic, Corp.
PANASONIC[Panasonic Semiconductor]
Part No. AN78M12 AN78M12F AN78M09 AN78M09F AN78M20 AN78M20F AN78M24 AN78M24F AN78M00 AN78M00F AN78M05 AN78M05F AN78M06 AN78M06F AN78M07 AN78M07F AN78M08 AN78M08F AN78M10 AN78M10F AN78M15 AN78M15F AN78M18 AN78M18F
OCR Text ...25C f=10Hz to 100kHz VI=11.5 to 21.5V, IO=100mA, f=120Hz IO=500mA, Tj=25C VI=35V, Tj=25C Tj=25C IO=5mA, Tj=0 to 125C 56 2 300 700 - 0.5 52 m...25w * AN78M09/78M09F (9V Type) Parameter Output voltage Output voltage tolerance Line regulation...
Description 3-pin Positive Output Voltage Regulators 500mA Type 8 V FIXED POSITIVE REGULATOR, PSFM3

File Size 69.15K  /  9 Page

View it Online

Download Datasheet

    APT12045L2VR

ADPOW[Advanced Power Technology]
Part No. APT12045L2VR
OCR Text ... Package Outline 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807) 5.79 (.228) 6.20 (.244) Drain 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842) 2.29 (.090) 2.69 (.106) ...
Description Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.

File Size 58.91K  /  2 Page

View it Online

Download Datasheet

    EL2045 EL2045CS-T13 EL2045CS-T7

Intersil Corporation
Part No. EL2045 EL2045CS-T13 EL2045CS-T7
OCR Text 21, 2002 FN7030 Low-Power 100MHz Gain-of-2 Stable Operational Amplifier The EL2045 is a high speed, low power, low cost monolithic opera...25w Power Dissipation (W) 1 0.8 781mW 0.6 0.4 0.2 0 0 25 50 75 85 100 125 150 Ambient Temperature (C...
Description Op Amp, 100MHz, Gain-of-2 Stable, Low Power 5.2mA, SR=275V/s, Dual or Single Supply (36V)
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier

File Size 227.56K  /  10 Page

View it Online

Download Datasheet

    LP2951AC LP2951ACP-3 LP2951ACP-33 LP2951ACP-X LP2951ACS-3 LP2951ACS-33 LP2951ACS-X LP2951C LP2951CP-3 LP2951CP-33 LP2951

Advanced Monolithic Sys...
Advanced Monolithic Systems, Inc.
ADMOS[Advanced Monolithic Systems]
http://
Part No. LP2951AC LP2951ACP-3 LP2951ACP-33 LP2951ACP-X LP2951ACS-3 LP2951ACS-33 LP2951ACS-X LP2951C LP2951CP-3 LP2951CP-33 LP2951CP-X LP2951CS-3 LP2951CS-33 LP2951CS-X LP2950AC LP2950ACN-3 LP2950ACN-33 LP2950ACN-X LP2950C LP2950CN-3 LP2950CN-33 LP2950CN-X LP2950 LP2951
OCR Text ...1.22 1.235 1.25 1.27 40 20 60 1.21 1.185 Max. Min. LP2950C LP2951C Typ. 430 160 100 LP2951C 1.235 1.26 1.285 40 60 50 Max. Units V r...25w pulse) for T =10 ms. Note 14: Regulation is measured at constant junction temperature, using pul...
Description 100mA LOW DROPOUT VOLTAGE REGULATOR 100mA的低压差稳压

File Size 141.02K  /  14 Page

View it Online

Download Datasheet

    MAX828 MAX828SNTR ON0399 MAX829SNTR

ONSEMI[ON Semiconductor]
Part No. MAX828 MAX828SNTR ON0399 MAX829SNTR
OCR Text ...100 MAX828 ROUT (W) 1.7k 170 55 21 8.0 6.2 MAX829 ROUT (W) 580 61 21 10 5.7 5.1 1 OUT MAX828 MAX829 C1+ 5 + C2 3.3 mF* + C1 3.3 mF* RL Vout 2 IN GND - 3 C1 Voltage Inverter 4 *10 mF (MAX828) Figure 3. Tes...
Description From old datasheet system
Switched Capacitor Voltage Converters

File Size 173.35K  /  12 Page

View it Online

Download Datasheet

    MIC5800 MIC5800BM MIC5800BN MIC5801BN MIC5801BV MIC5801BWM 5962-8764001WA1

Micrel Semiconductor, Inc.
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. MIC5800 MIC5800BM MIC5800BN MIC5801BN MIC5801BV MIC5801BWM 5962-8764001WA1
OCR Text ... 5 6 7 8 9 24 VDD 23 NC 22 OUT1 21 OUT2 20 OUT3 19 OUT4 18 OUT5 17 OUT6 16 OUT7 15 OUT8 14 NC 13 COM MIC5800BN, BM IN3 IN4 IN5 CLEAR STROBE IN1 IN2 IN3 IN4 IN5 IN6 IN7 1 2 3 4 LATCHES 22 OE 21 VDD 20 OUT1 19 OUT2 18 OUT3 17 ...
Description GT 25C 25#16 PIN RECP WALL RM 4/8-Bit并行输入锁存驱动
4/8-Bit Parallel-Input Latched Drivers

File Size 113.63K  /  6 Page

View it Online

Download Datasheet

    APT5010B2LC APT5010LLC

ADPOW[Advanced Power Technology]
Part No. APT5010B2LC APT5010LLC
OCR Text ...(.212) 6.20 (.244) 20.80 (.819) 21.46 (.845) 4.50 (.177) Max. 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 19.81 ...25w, Peak I = 47A j G L 1 Repetitive Rating: Pulse width limited by maximum junction temperatu...
Description Power MOS VI is a new generation of low gate charge/ high voltage N-Channel enhancement mode power MOSFETs
Power MOS VI is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.

File Size 117.68K  /  2 Page

View it Online

Download Datasheet

For 21 25w Found Datasheets File :: 1603    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 21 25w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1107501983643