|
|
![](images/bg04.gif) |
![2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC47261 2SC58241 2SC58661 2SC58761 2SD1383K1 2SD16641 2SD18981 2SD20981 2SD](Maker_logo/rohm.GIF)
UTC ROHM[Rohm]
|
Part No. |
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC47261 2SC58241 2SC58661 2SC58761 2SD1383K1 2SD16641 2SD18981 2SD20981 2SD2114K1 2SD26721 2SK20941 2SK25031 2SK25041 2SK27151 2SK30181 2SK30191 2SK30501 2SK35411 4N60-TA3-T 4N60-TF3-T 4N60L-TA3-T
|
Description |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor high-gain Amplifier transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) high-voltage Amplifier transistor (120v, 50mA) high-Frequency Amplifier transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) high-gain Amplifier transistor (32V , 0.3A) Medium Power transistor (32V, 1A) Power transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) high-current gain Medium Power transistor (20v, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
File Size |
93.04K /
3 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
![BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC807-16 BC807-40 BC807-25 Q62702-C1736 Q62702-C1504 Q62702-C1692 Q62702-C](Maker_logo/siemens_semiconductor_group.GIF)
Siemens Semiconductor G... SiEMENS[Siemens Semiconductor Group] SiEMENS AG Fairchild Semiconductor, Corp.
|
Part No. |
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC807-16 BC807-40 BC807-25 Q62702-C1736 Q62702-C1504 Q62702-C1692 Q62702-C1721 Q62702-C1735
|
Description |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v iO, 15 mA iO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A pnp Silicon AF transistors (For general AF applications high collector current high current gain) 500 mA, 25 V, pnp, Si, SMALL SiGNAL transistor pnp Silicon AF transistors (For general AF applications high collector current high current gain) 500 mA, 45 V, pnp, Si, SMALL SiGNAL transistor pnp Silicon AF transistors (For general AF applications high collector current high current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
File Size |
131.96K /
5 Page |
View
it Online |
Download Datasheet
|
|
![](images/findchips_sm.gif)
Price and Availability
|