|
|
|
Q-TECH CORP
|
Part No. |
QCC570N15-1.000MHZ QCC570N15-50.000MHZ
|
OCR Text |
... 100ppm at -40oc to +85oc 14 = 20ppm at -20oc to +70oc 15 = 25ppm at -40oc to +85oc blank = 5.0vdc l = 3.3vdc n = 2.5vdc r = 1.8vdc
2 q-...degrees) rms jitter = s (f)/(fosc.360) jitter(in seconds) due to phase noise. note s (f) in degrees... |
Description |
CRYSTAL OSCILLATOR, CLOCK, 1 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50 MHz, HCMOS OUTPUT
|
File Size |
182.30K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
Part No. |
LT6660HCDC-10 LT6660HCDC-2.5 LT6660HCDC-3 LT6660HCDC-3.3 LT6660HCDC-5 LT6660JCDC-10 LT6660JCDC-2.5 LT6660JCDC-3 LT6660JCDC-3.3 LT6660JCDC-5 LT6660KCDC-10 LT6660KCDC-2.5 LT6660KCDC-3 LT6660KCDC-3.3 LT6660KCDC-5 LT6660JCDC-2.5PBF LT6660JCDC-2.5TRM LT6660JCDC-2.5TRPBF LT6660KCDC-10TR LT6660KCDC-10TRM LT6660JCDC-3.3TRM LT6660KCDC-3TRMPBF LT6660HCDC-3.3PBF LT6660KCDC-5TR LT6660JCDC-5TRPBF LT6660KCDC-5PBF LT6660KCDC-5TRMPBF LT6660JCDC-5TRM LT6660HCDC-5PBF LT6660HCDC-2.5TRMPBF LT6660HCDC-3TRMPBF LT6660HCDC-3.3TRMPBF LT6660JCDC-3.3TRMPBF LT6660HCDC-5TRMPBF LT6660JCDC-3TRM LINEARTECHNOLOGYCORP-LT6660KCDC-3TRM LT6660JCDC-10TRM LT6660HCDC-2.5TR
|
OCR Text |
20ppm/C Max High Accuracy: 0.2% Max Low Supply Current 20mA Output Current Guaranteed Reverse-Battery Protection Low IR Reflow Induced Stres...degrees of operational temperature) hysteresis is not a problem.
Characteristic curves are simila... |
Description |
Tiny Micropower Precision Series References in 2mm 】 2mm DFN Tiny Micropower Precision Series References in 2mm × 2mm DFN Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PSSO3 Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PSSO3 Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PSSO3 Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PSSO3 Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PSSO3
|
File Size |
248.02K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
STMICROELECTRONICS[STMicroelectronics]
|
Part No. |
LM13403 LM334 LM134 LM234 LM134DT
|
OCR Text |
...esistors with a drift less than 20ppm/C are now available. Wirewound resistors can be used when very high stability is required.
5/11
LM134 - LM234 - LM334
6/11
LM134 - LM234 - LM334
7/11
LM134 - LM234 - LM334
8/11
LM1... |
Description |
SPECIALTY ANALOG CIRCUIT, PDSO8 THREE TERMINAL ADJUSTABLE CURRENT SOURCES
|
File Size |
1,035.64K /
11 Page |
View
it Online |
Download Datasheet |
For
20ppm degrees Found Datasheets File :: 16 Search Time::1.89ms Page :: | <1> | 2 | |
▲Up To
Search▲ |
|
Price and Availability
|