Part Number Hot Search : 
TS79L15 ISL45042 5540HTL R1183Z R1183Z 3020S 45984 MO356C
Product Description
Full Text Search
  2.7v5.5v Datasheet PDF File

For 2.7v5.5v Found Datasheets File :: 91    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    BR24C04FJ-W BR24C04FV-W BR24C04F-W BR24C04-W BR24C02FJ-W BR24C02FV-W BR24C02F-W BR24C02-W BR24C01AFJ-W BR24C01AFV-W BR24

Rohm Co., Ltd.
Rohm CO.,LTD.
ROHM[Rohm]
Part No. BR24C04FJ-W BR24C04FV-W BR24C04F-W BR24C04-W BR24C02FJ-W BR24C02FV-W BR24C02F-W BR24C02-W BR24C01AFJ-W BR24C01AFV-W BR24C01AF-W BR24C01A-W
OCR Text ...C02-W, and BR24C04-W series are 2-wire (I2C BUS type) serial EEPROMs which are electrically programmable. I2C BUS is a registered trademar...7V5.5V 4) Low current consumption Active (at 5V) : 1.5mA (Typ.) Standby (at 5V) : 0.1A (Typ.) 5) Aut...
Description MOSFET N-CH 500V 36A TO-3P 兼容I2C总线串行EEPROM
5015 RR 3#12 6#16 SKT PLUG 兼容I2C总线串行EEPROM
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
MOSFET N-CH 600V 26A TO-268 D3
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle
I2C BUS compatible serial EEPROM

File Size 338.05K  /  13 Page

View it Online

Download Datasheet





    BR24C08 BR24C08F BR24C08FJ BR24C08FV BR24C16 BR24C16F BR24C16FV BR24E16FV BR24C16FJ BR24E16 BR24E16F BR24E16FJ

ROHM[Rohm]
Part No. BR24C08 BR24C08F BR24C08FJ BR24C08FV BR24C16 BR24C16F BR24C16FV BR24E16FV BR24C16FJ BR24E16 BR24E16F BR24E16FJ
OCR Text ... BR24C16 and BR24E16 series are 2-wire (I2C BUS type) serial EEPROMs which are electrically programmable. I2C BUS is a registered trademark...7V5.5V 4) Low current consumption Active (at 5V) : 2.0mA (Typ.) Standby (at 5V) : 1.0A (Typ.) 5) Aut...
Description I2C BUS compatible serial EEPROM

File Size 296.56K  /  12 Page

View it Online

Download Datasheet

    AK4527B AK4527BVQ AKD4527B

AKM[Asahi Kasei Microsystems]
Part No. AK4527B AK4527BVQ AKD4527B
OCR Text ...Power Supply for output buffer: 2.7 to 5.5V o Small 44pin LQFP MS0056-E-00 -1- 2000/10 ASAHI KASEI [AK4527B] n Block Diagram ...7V5.5V Digital Power Supply Pin, 4.5V5.5V Digital Ground Pin, 0V Power-Down & Reset Pin When "L", th...
Description HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC

File Size 289.67K  /  33 Page

View it Online

Download Datasheet

    BZX85C51 BZX85C56 BZX85C5V1 BZX85C5V6 BZX85C75 BZX85C30 BZX85C4V7 BZX85C3V9 BZX85C10 BZX85C24 BZX85C22 BZX85C BZX85C33 B

Vishay Intertechnology, Inc.
VISAY[Vishay Siliconix]
TFUNK[Vishay Telefunken]
Part No. BZX85C51 BZX85C56 BZX85C5V1 BZX85C5V6 BZX85C75 BZX85C30 BZX85C4V7 BZX85C3V9 BZX85C10 BZX85C24 BZX85C22 BZX85C BZX85C33 BZX85C68 BZX85C43 BZX85C47 BZX85C4V3 BZX85C3V6 BZX85C3V3 BZX85C2V7 BZX85C9V1 BZX85C11 BZX85C12 BZX85C13 BZX85C15 BZX85C16 BZX85C18 BZX85C20 BZX85C27 BZX85C36 BZX85C39 BZX85C3V0 BZX85C62 BZX85C6V2 BZX85C6V8 BZX85C7V5 BZX85C8V2
OCR Text ...7 51 56 62 68 75 1) VZnom V 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 IZT mA 80 80 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8 8 ...
Description Silicon Epitaxial Planar Z-Diodes 硅外延平面的Z -二极
Small signal Schotky diodes
From old datasheet system

File Size 58.24K  /  5 Page

View it Online

Download Datasheet

    BR9016AF-W BR9016ARFVM-W BR9016ARFV-W BR9080ARFV BR9080AF-W BR9080ARFV-W BR9080ARFVM-W

ROHM[Rohm]
Rohm Co., Ltd.
Part No. BR9016AF-W BR9016ARFVM-W BR9016ARFV-W BR9080ARFV BR9080AF-W BR9080ARFV-W BR9080ARFVM-W
OCR Text ...(16k bit) : 1024 words x 16bits 2) Single power supply operation 3) Serial data input and output 4) Automatic erase-before-write 5) Low curr...7V5.5V) Parameter Input low level voltage 1 Input high level voltage 1 Input low level voltage 2 In...
Description 8k/ 16k bit EEPROMs for direct connection to serial ports
8k 16k bit EEPROMs for direct connection to serial ports
8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM
512 X 16 4-WIRE SERIAL EEPROM, PDSO8
1K X 16 4-WIRE SERIAL EEPROM, PDSO8

File Size 173.98K  /  13 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Rohm Co., Ltd.
Part No. BR9016RFV BR9016F BR9016 BR9080F BR9080RFV BR9080
OCR Text ... (16k bit): 1024 words x 16bits 2) Single power supply operation 3) Serial data input and output 4) Automatic erase-before-write 5) Low curr...7V5.5V) Parameter Input low level voltage 1 Input high level voltage 1 Input low level voltage 2 In...
Description    8k, 16k bit EEPROMs for direct connection to serial ports
8k 16k bit EEPROMs for direct connection to serial ports
8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM

File Size 119.67K  /  11 Page

View it Online

Download Datasheet

    BZX85C75

Vishay Siliconix
Part No. BZX85C75
OCR Text ...7 51 56 62 68 75 1) VZnom V 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 IZT mA 80 80 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8 8 ...
Description Silicon Epitaxial Planar Z-Diodes

File Size 41.48K  /  5 Page

View it Online

Download Datasheet

    BH2221FV

ROHM[Rohm]
Part No. BH2221FV
OCR Text ...onverters adopting R-2R system. 2) The full scale output voltage range : 2.7v5.5v. 3) 3-wire 12-bit serial interface. 4) POWER ON RESET circuit. 5) SSOP-B20 package. !Absolute maximum ratings (Ta=25C) Parameter Power supply voltage Maxi...
Description Standard Linear LSIs > Tuning D/A converter
8bit 12ch D/A converter
From old datasheet system

File Size 77.80K  /  6 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. BH2223FV
OCR Text ...onverters adopting R-2R system. 2) 3-wire 12-bit serial interface. 3) POWER ON RESET circuit. 4) The full scale output voltage range : 2.7v5.5v. 5) SSOPB16 package. !Absolute maximum ratings (Ta=25C) Parameter Power supply voltage Maxim...
Description Video LSIs > For DVC > Tuning D/A converter
8bit 10ch D/A converter

File Size 76.78K  /  6 Page

View it Online

Download Datasheet

    AK9824 AK9824M AK9822 AK9822M

http://
AKM[Asahi Kasei Microsystems]
Asahi Kasei Microsystems Co.,Ltd
Asahi Kasei Microsystems Co., Ltd.
Part No. AK9824 AK9824M AK9822 AK9822M
OCR Text ...ption The AK9822/24 includes 2 channel, 8 bit D/A converters with on-chip output buffer amps and it is capable to store the input digital...7V5.5V Power Down Function Block Diagram DAD01E-00 -11999/05 ASAHI KASEI [AK9822/24] ...
Description 2ch 8bit DA 4Kbit EEPROM
2ch 8bit DA 2Kbit EEPROM
2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 160V; Case Size: 35x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 30x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 160V; Case Size: 20x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 35x35 mm; Packaging: Bulk 2K / 4Kbit通道8位的EEPROM / A转换

File Size 170.51K  /  17 Page

View it Online

Download Datasheet

For 2.7v5.5v Found Datasheets File :: 91    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.7v5.5v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.6078879833221