|
|
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
Part No. |
MIC5205 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.85BM5 MIC5205-2.8BM5 MIC5205-2.9BM5 MIC5205-3.0BM5 MIC5205-3.3BM5 MIC5205-3.6BM5 MIC5205-3.8BM5 MIC5205-4.0BM5 MIC5205-5.0BM5 MIC5205BM5 IC5205BM5
|
OCR Text |
...
Part Number MIC5205BM5 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.8BM5 MIC5205-2.85BM5 MIC5205-2.9BM5 MIC5205-3.0BM5 MIC5205-3.3BM5 MIC5205-3....7V 2.8V 2.85V 2.9V 3.0V 3.3V 3.6V 3.8V 4.0V 5.0V Accuracy 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% Juncti... |
Description |
150mA Low-Noise LDO Regulator Low Input Voltage 3A Synchronous Buck Converter with 3.3V Output 20-HTSSOP -40 to 85 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125 Automotive Catalog 3-V to 6-V Input 3-A Output Synchronous-Buck PWM Switcher 20-HTSSOP -40 to 125 150mA Low-Noise LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 3.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
File Size |
98.45K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|